Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM1117ACM89 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # CM1117ACM89
Description  600mA LOW DROPOUT VOLTAGE REGULATOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CM1117ACM89 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  CM1117ACM89 Datasheet HTML 1Page - List of Unclassifed Manufacturers CM1117ACM89 Datasheet HTML 2Page - List of Unclassifed Manufacturers CM1117ACM89 Datasheet HTML 3Page - List of Unclassifed Manufacturers CM1117ACM89 Datasheet HTML 4Page - List of Unclassifed Manufacturers CM1117ACM89 Datasheet HTML 5Page - List of Unclassifed Manufacturers CM1117ACM89 Datasheet HTML 6Page - List of Unclassifed Manufacturers CM1117ACM89 Datasheet HTML 7Page - List of Unclassifed Manufacturers CM1117ACM89 Datasheet HTML 8Page - List of Unclassifed Manufacturers CM1117ACM89 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
CM1117A
600mA LOW DROPOUT VOLTAGE REGULATOR
2005/07/12 Preliminary
Champion Microelectronic Corporation
Page 4
ELECTRICAL CHARACTERISTICS
Operating Conditions: VIN
10V,
T
J =25 ℃ ,unless
otherwise specified. (P
maximum power dissipation) Limit
appearing in Boldface type apply over the entire junction temperature range for operation, -40℃ to 125℃
CM1117A
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Reference Voltage
VREF
CM1117A-ADJ IOUT = 10mA, VIN= VOUT 2V, TJ=25℃
10mA
I
OUT
600mA, 1.4V V
IN - VOUT
8V
P
maximum power dissipation
1.238
1.225
1.250
1.250
1.262
1.270
V
CM1117A-2.5 IOUT = 10mA, VIN= 4.5V, TJ=25℃
10mA
I
OUT 600mA, 3.9V
VIN 10V
2.475
2.450
2.5
2.5
2.525
2.550
V
Output Voltage
VOUT
CM1117A-3.3 IOUT = 10mA, VIN= 5.0V, TJ=25℃
10mA
I
OUT 600mA, 4.75V
VIN 10V
3.267
3.235
3.3
3.3
3.333
3.365
V
CM1117A-ADJ
IOUT = 10mA, 1.5V
V
IN - VOUT
10V
0.035
0.2
%
CM1117A-3.3
IOUT = 10mA, 1.5V
V
IN - VOUT
10V
1.0
6.0
mV
Line Regulator
V
OUT
CM1117A-2.5
IOUT = 10mA, 1.5V
V
IN - VOUT
10V
1.0
6.0
mV
CM1117A-ADJ
(VIN= VOUT) = 2V, 10mA
I
OUT 600mA
0.20
0.40
%
CM1117A-3.3
(VIN= VOUT) = 2V, 10mA
I
OUT 600mA
1.0
10.0
mV
Load Regulation
V
OUT
CM1117A-2.5
(VIN= VOUT) = 2V, 10mA
I
OUT 600mA
1.0
10.0
mV
Dropout Voltage
V
REF =1% , IOUT = 0.6A
1.1
1.3
V
Current Limit
ILIMIT
(VIN – VOUT ) = 2V
0.75
0.9
A
Adjust Pin Current
60
120
µ A
Adjust Pin Current
Change
1.4V
(V
IN - VOUT)
10V, 10mA I
OUT 600mA
0.2
5.0
Minimum Load Current
1.5V
(V
IN - VOUT)
10V(ADJ only)
1.7
5.0
mA
Quiescent Current
VIN= VOUT + 1.25V
5.0
mA
Ripple Rejection
f = 120Hz, COUT =22
µ F Tantalum
(VIN – VOUT )= 3V, IOUT =300 mA
60
75
dB
Temperature Stability
0.5
%
Long-Term Stability
TA = 125℃, 1000hrs.
0.3
%
RMS Output Noise
(% of VOUT )
TA = 25℃, 10Hz
f 10KHz
0.003
%
Thermal Shutdown
Junction Temperature
150
Thermal Shutdown
Hysteresis
25
SOT-89
100
℃/W
Thermal Resistance
(Junction to case)
θ
JC
SOT-223
33
℃/W


Similar Part No. - CM1117ACM89

ManufacturerPart #DatasheetDescription
logo
Champion Microelectroni...
CM1117ACM89 CHAMP-CM1117ACM89 Datasheet
225Kb / 9P
   600mA LOW DROPOUT VOLTAGE REGULATOR
More results

Similar Description - CM1117ACM89

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS2906 ADMOS-AMS2906_05 Datasheet
67Kb / 8P
   600mA LOW DROPOUT VOLTAGE REGULATOR
logo
Champion Microelectroni...
CM1117A CHAMP-CM1117A Datasheet
225Kb / 9P
   600mA LOW DROPOUT VOLTAGE REGULATOR
logo
Advanced Monolithic Sys...
AMS2906 ADMOS-AMS2906 Datasheet
70Kb / 8P
   600mA LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX1202 SIPEX-SPX1202_07 Datasheet
1Mb / 12P
   600mA Low Dropout Voltage Regulator
logo
Semtech Corporation
SC1202 SEMTECH-SC1202_08 Datasheet
148Kb / 6P
   600mA Low Dropout Positive Voltage Regulator
logo
Sipex Corporation
SPX1202 SIPEX-SPX1202 Datasheet
143Kb / 5P
   600mA Low Dropout NPN Voltage Regulator
logo
Semtech Corporation
SC1202 SEMTECH-SC1202 Datasheet
171Kb / 5P
   600mA Low Dropout Positive Voltage Regulator
SC1202 SEMTECH-SC1202_04 Datasheet
167Kb / 5P
   600mA Low Dropout Positive Voltage Regulator
logo
Anpec Electronics Corop...
APL5601 ANPEC-APL5601 Datasheet
331Kb / 18P
   Low Dropout 600mA Fixed Voltage Linear Regulator
APL5603 ANPEC-APL5603 Datasheet
371Kb / 19P
   Low Dropout 600mA Fixed Voltage Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com