Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CM2835 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part No. CM2835
Description  300mA CMOS LDO
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC1 [List of Unclassifed Manufacturers]
Homepage  
Logo 

CM2835 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

   
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
CM2835
300mA CMOS LDO
2006/01/23 Rev1.2
Champion Microelectronic Corporation
Page 4
ELECTRICAL CHARACTERISTICS
TA = +25
℃; unless otherwise noted
CM2835
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Input Voltage
VIN
Note 1
7
V
Output Voltage Accuracy
VOUT
IO = 1mA to 300mA
-1.5
1.5
%
1.2V<VO(NOM)
2.0V
1300
2.0V<VO(NOM)
2.5V
800
Dropout Voltage
VDROPOUT
IO = 300mA,
VOUT=VO(NOM)-1.5%,
2.5V<VO(NOM)
300
mV
Output Current
IO
VOUT > 1.2V
300
mA
Current Limit
ILIM
VOUT > 1.2V
300
450
mA
Quiescent Current
IQ
IO = 0mA
30
35
μ
A
Ground Pin Current
IGND
IO = 1mA to 300mA
30
50
μ
A
Line Regulation
REGLINE
IOUT=5mA, VIN=VOUT+1 to VOUT+2
-0.1
0.02
0.1
%
Load Regulation
REGLOAD
IO=1mA to 300mA
0.2
1
%
Over Temperature Shutdown
OTS
150
Over Temperature Hysteresis
OTH
30
VOUT Temperature Coefficient
TC
40
ppm/℃
f=1kHz
60
f=10kHz
50
Power Supply Rejection
PSRR
IO = 100mA
CO=2.2μF ceramic
f=100kHz
40
dB
f=1kHz
75
f=10kHz
55
Power Supply Rejection
PSRR
IO = 100mA
CO=2.2μF ceramic
CBYP=0.01μF
f=100kHz
30
dB
CO=2.2μF
30
Output Voltage Noise
eN
f=10Hz to 100kHz
IO = 10mA, CBYP=0μF
CO=100μF
20
μ
Vrms
CO=2.2μF
30
Output Voltage Noise
eN
f=10Hz to 100kHz
IO = 10mA, CBYP=0.01μF
CO=100μF
20
μ
Vrms
Note 1.
VIN(MIN) = VOUT + VDROPOUT


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
AAT3236300mA CMOS High Performance LDO 1 2 3 4 5 MoreAdvanced Analogic Technologies
TC1269300mA CMOS LDO with Shutdown and VREF Bypass 1 2 3 4 5 MoreMicrochip Technology
MIC5259300mA High PSRR Low Noise UCap CMOS LDO 1 2 3 4 5 MoreMicrel Semiconductor
TS9004300mA CMOS LDO Adjustable Voltage with Enable & Power Good 1 2 3 4 5 Taiwan Semiconductor Company, Ltd
CM2730300mA DUAL LOW NOISE CMOS LDO 1 2 3 4 5 MoreList of Unclassifed Manufacturers
GS2911300mA CMOS Positive LDO Voltage Regulator 1 2 3 4 5 MoreList of Unclassifed Manufacturers
SP6203Low Noise 300mA and 500mA CMOS LDO Regulators 1 2 3 4 5 MoreSipex Corporation
TC1173300mA CMOS LDO with Shutdown ERROR Output and Bypass 1 2 3 4 5 MoreTelCom Semiconductor, Inc
CM2852300mA CMOS LDO WITH EN & PG 1 2 3 4 5 MoreList of Unclassifed Manufacturers
CM2830300mA CMOS LDO 1 2 3 4 5 MoreList of Unclassifed Manufacturers

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn