Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM1117F Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # CM1117F
Description  1A LOW DROPOUT VOLTAGE REGULATOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CM1117F Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  CM1117F Datasheet HTML 1Page - List of Unclassifed Manufacturers CM1117F Datasheet HTML 2Page - List of Unclassifed Manufacturers CM1117F Datasheet HTML 3Page - List of Unclassifed Manufacturers CM1117F Datasheet HTML 4Page - List of Unclassifed Manufacturers CM1117F Datasheet HTML 5Page - List of Unclassifed Manufacturers CM1117F Datasheet HTML 6Page - List of Unclassifed Manufacturers CM1117F Datasheet HTML 7Page - List of Unclassifed Manufacturers CM1117F Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
CM1117F
1A LOW DROPOUT VOLTAGE REGULATOR
2006/03/07 Rev1.0
Champion Microelectronic Corporation
Page 2
ABSOLUTE MAXIMUM RATINGS
Input Voltage …………….…………………………………………….……. +12V
Operating Junction Temperature Range, TJ ……………...… 0℃ to +125℃
Storage Temperature ………………………………….….…... -40℃ to +150℃
Lead Temperature (10 sec.) ……..……………………..….…………….... 260℃
THERMAL INFORMATION
Parameter
Maximum
Unit
Thermal Resistance (Θja)
SOT-223
60
/W
Internal Power Dissipation (PD) (ΔT = 100℃, No Heatsink)
SOT-223
900
mW
Maximum Junction Temperature
125
Maximum Lead Temperature (10 Sec)
260
BLOCK DIAGRAM


Similar Part No. - CM1117F

ManufacturerPart #DatasheetDescription
logo
Champion Microelectroni...
CM1117F CHAMP-CM1117F Datasheet
250Kb / 8P
   1A LOW DROPOUT VOLTAGE REGULATOR
CM1117FCM223 CHAMP-CM1117FCM223 Datasheet
250Kb / 8P
   1A LOW DROPOUT VOLTAGE REGULATOR
CM1117FDCM223 CHAMP-CM1117FDCM223 Datasheet
250Kb / 8P
   1A LOW DROPOUT VOLTAGE REGULATOR
CM1117FGCM223 CHAMP-CM1117FGCM223 Datasheet
250Kb / 8P
   1A LOW DROPOUT VOLTAGE REGULATOR
CM1117FGDCM223 CHAMP-CM1117FGDCM223 Datasheet
250Kb / 8P
   1A LOW DROPOUT VOLTAGE REGULATOR
More results

Similar Description - CM1117F

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS317 ADMOS-AMS317 Datasheet
78Kb / 8P
   1A LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX2940T-L-5-0 SIPEX-SPX2940T-L-5-0 Datasheet
616Kb / 10P
   1A Low Dropout Voltage Regulator
Rev. 2.0.0
logo
Exar Corporation
SPX3940 EXAR-SPX3940_12 Datasheet
1Mb / 11P
   1A Low Dropout Voltage Regulator
logo
Champion Microelectroni...
CM1117 CHAMP-CM1117 Datasheet
181Kb / 6P
   1A LOW DROPOUT VOLTAGE REGULATOR
logo
Taiwan Memory Technolog...
T6330A TMT-T6330A Datasheet
388Kb / 8P
   1A Low Dropout Voltage Regulator
logo
Champion Microelectroni...
CM1117F CHAMP-CM1117F Datasheet
250Kb / 8P
   1A LOW DROPOUT VOLTAGE REGULATOR
logo
SHANGHAI BELLING CO., L...
BL2940 BELLING-BL2940_16 Datasheet
959Kb / 15P
   1A Low-Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS2910 ADMOS-AMS2910 Datasheet
78Kb / 8P
   1A LOW DROPOUT VOLTAGE REGULATOR
AMS1117 ADMOS-AMS1117_05 Datasheet
185Kb / 8P
   1A LOW DROPOUT VOLTAGE REGULATOR
logo
Champion Microelectroni...
CM1117 CHAMP-CM1117_07 Datasheet
330Kb / 7P
   1A LOW DROPOUT VOLTAGE REGULATOR
logo
Advanced Monolithic Sys...
AMS2910 ADMOS-AMS2910_08 Datasheet
71Kb / 8P
   1A LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com