Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM431L Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # CM431L
Description  LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CM431L Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button CM431L Datasheet HTML 3Page - List of Unclassifed Manufacturers CM431L Datasheet HTML 4Page - List of Unclassifed Manufacturers CM431L Datasheet HTML 5Page - List of Unclassifed Manufacturers CM431L Datasheet HTML 6Page - List of Unclassifed Manufacturers CM431L Datasheet HTML 7Page - List of Unclassifed Manufacturers CM431L Datasheet HTML 8Page - List of Unclassifed Manufacturers CM431L Datasheet HTML 9Page - List of Unclassifed Manufacturers CM431L Datasheet HTML 10Page - List of Unclassifed Manufacturers CM431L Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
CM431L
LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR
TYPICAL CHARACTERISTICS
Cathode Current vs. Cathode Voltage
-300
-200
-100
0
100
200
300
-1
-0.5
0
0.511.5
Vz(V)
Cathode Current vs. Cathode Voltage
-150
-100
-50
0
50
100
150
-1.5
-1
-0.5
0
0.5
1
1.5
Vz(V)
Vz=VREF
TA=25℃
Reference Voltage vs. Junction Temperature
1.234
1.236
1.238
1.24
1.242
1.244
1.246
1.248
-50
-25
0
25
50
75
100 125 150
TJ(℃)
Iz=10mA
Iz=80uA
Reference Input Current vs. Junction
Tem perature
50
75
100
125
150
-50
-25
0
25
50
75
100 125 150
TJ(℃)
Iz=10mA
R1=10kΩ
R2=∞
Ratio of Delta Ref. Voltage to Delta Cathode
Voltage vs. Junction Tem perature
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
-50
-25
0
25
50
75
100 125 150
TJ(℃)
Iz=10mA
△Vz=16V to VREF
Off State Cathode Current vs. Junction
Temperature
0
50
100
150
200
250
-50
-25
0
25
50
75
100 125 150
TJ(℃)
VREF = 0V
2006/02/10 Rev. 5
Champion Microelectronic Corporation
Page 7


Similar Part No. - CM431L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CM431 ETC-CM431 Datasheet
223Kb / 12P
   LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR
logo
Chicago Miniature Lamp,...
CM431 CML-CM431 Datasheet
227Kb / 1P
   G-4 1/2 Miniature Bayonet Base
logo
Champion Microelectroni...
CM431 CHAMP-CM431 Datasheet
221Kb / 12P
   LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR
logo
Visual Communications C...
CM431 VCC-CM431 Datasheet
27Kb / 1P
   Base
logo
Powerex Power Semicondu...
CM431255 POWEREX-CM431255 Datasheet
93Kb / 4P
   Dual SCR POW-R-BLOK??Modules 55 Amperes/1200-1600 Volts
More results

Similar Description - CM431L

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AHK432 AAT-AHK432 Datasheet
152Kb / 10P
   Adjustable Low Voltage Shunt Regulator
logo
Champion Microelectroni...
CM431 CHAMP-CM431 Datasheet
221Kb / 12P
   LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR
logo
Semtech Corporation
SC431L SEMTECH-SC431L_07 Datasheet
207Kb / 10P
   Low Voltage Adjustable Shunt Regulator
logo
List of Unclassifed Man...
CM431A ETC-CM431A Datasheet
416Kb / 14P
   LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR
logo
Advanced Analogic Techn...
AHK432 ANALOGICTECH-AHK432_05 Datasheet
152Kb / 10P
   Adjustable Low Voltage Shunt Regulator
logo
Semtech Corporation
SC431L SEMTECH-SC431L_08 Datasheet
208Kb / 10P
   Low Voltage Adjustable Shunt Regulator
logo
Champion Microelectroni...
CM431A CHAMP-CM431A Datasheet
348Kb / 14P
   LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR
logo
List of Unclassifed Man...
CM431 ETC-CM431 Datasheet
223Kb / 12P
   LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR
logo
Semtech Corporation
SC431L SEMTECH-SC431L Datasheet
261Kb / 7P
   LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR?
logo
Advanced Analogic Techn...
AHK432 ANALOGICTECH-AHK432 Datasheet
274Kb / 8P
   Adjustable Low Voltage Shunt Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com