Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Z80182 Datasheet(PDF) 45 Page - Zilog, Inc.

Part # Z80182
Description  Family MPU
Download  326 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z80182 Datasheet(HTML) 45 Page - Zilog, Inc.

Back Button Z80182 Datasheet HTML 41Page - Zilog, Inc. Z80182 Datasheet HTML 42Page - Zilog, Inc. Z80182 Datasheet HTML 43Page - Zilog, Inc. Z80182 Datasheet HTML 44Page - Zilog, Inc. Z80182 Datasheet HTML 45Page - Zilog, Inc. Z80182 Datasheet HTML 46Page - Zilog, Inc. Z80182 Datasheet HTML 47Page - Zilog, Inc. Z80182 Datasheet HTML 48Page - Zilog, Inc. Z80182 Datasheet HTML 49Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 326 page
background image
Z 8018x Fam il
y
M PU Use r M anual
30
UM005001-ZMP0400
inserted depending on the programmed value in IWI1 and IWI0. Refer to
Table 4.
WAIT Input and RESET
During RESET, MWI1, MWI0 IWI1 and IWI0, are all 1, selecting the
maximum number of Wait States (TW) (three for memory accesses, four
for external I/O accesses).
Table 4.
Wait State Insertion
IW I1 IW I0
Th e Num be r of W ait States
For e xte rnal
I/O re gis te rs
accesses
For inte rnal
I/0
re gis te rs
accesses
For INT0
inte rrupt
ack now l
e dge
cycl
es wh e n
M 1 is Low
For INT1,
INT2 and
inte rnal
inte rrupts
ack now l
e dge
cycl
es
(Note 2)
For NM I
inte rrupt
ack now l
e dge
cycl
es
wh e n M 1 is
Low
(Note 2)
0
0
1
0
(Note 1)
2
2
0
0
1
2
4
1
0
3
5
1
1
4
6
Note:
1.
For Z8X180 internal I/O register access (I/O addresses 0000H-003FH), IWI1 and IWI0 do not
determine wait state (TW) timing. For ASCI, CSI/O and PRT Data Register accesses, 0 to 4 Wait States
(TW) are generated. The number of Wait States inserted during access to these registers is a function of
internal synchronization requirements and CPU state. All other on-chip I/O register accesses (that is,
MMU, DMAC, ASCI Control Registers, for instance.) have no Wait States inserted and thus require only
three clock cycles.
2.
For interrupt acknowledge cycles in which M1 is High, such as interrupt vector table read and PC
stacking cycle, memory access timing applies.


Similar Part No. - Z80182

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z80182 ZILOG-Z80182 Datasheet
738Kb / 109P
   ZILOG INTELLIGENT PERIPHERAL CONTROLLER (ZIP??
Z80182 ZILOG-Z80182 Datasheet
1Mb / 326P
   Z8018x Family MPU
Z8018233ASC ZILOG-Z8018233ASC Datasheet
738Kb / 109P
   ZILOG INTELLIGENT PERIPHERAL CONTROLLER (ZIP??
Z8018233FSC ZILOG-Z8018233FSC Datasheet
738Kb / 109P
   ZILOG INTELLIGENT PERIPHERAL CONTROLLER (ZIP??
More results

Similar Description - Z80182

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z80180 ZILOG-Z80180 Datasheet
1Mb / 326P
   Z8018x Family MPU
logo
MicroPower Direct, LLC
MPU-800SE MPD-MPU-800SE Datasheet
383Kb / 2P
   MPU-800ESeries
logo
Renesas Technology Corp
TNR8CA041AE RENESAS-TNR8CA041AE Datasheet
251Kb / 3P
   MPU/MCU
TNA089AE RENESAS-TNA089AE Datasheet
209Kb / 4P
   MPU & MCU
logo
STMicroelectronics
AN3123 STMICROELECTRONICS-AN3123 Datasheet
224Kb / 30P
   Using the UART interfaces in the SPEAr embedded MPU family
logo
MicroPower Direct, LLC
MPU-250S MPD-MPU-250S Datasheet
346Kb / 2P
   MPU-250Series
logo
Renesas Technology Corp
TNA086AE RENESAS-TNA086AE Datasheet
669Kb / 16P
   MPU/MCU
TNA091AE RENESAS-TNA091AE Datasheet
173Kb / 10P
   MPU/MCU
TNR8CA040AE RENESAS-TNR8CA040AE Datasheet
715Kb / 5P
   MPU/MCU
TNSH7A883AE RENESAS-TNSH7A883AE Datasheet
174Kb / 1P
   MPU/MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com