Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Z80180 Datasheet(PDF) 72 Page - Zilog, Inc.

Part # Z80180
Description  Family MPU
Download  326 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z80180 Datasheet(HTML) 72 Page - Zilog, Inc.

Back Button Z80180 Datasheet HTML 68Page - Zilog, Inc. Z80180 Datasheet HTML 69Page - Zilog, Inc. Z80180 Datasheet HTML 70Page - Zilog, Inc. Z80180 Datasheet HTML 71Page - Zilog, Inc. Z80180 Datasheet HTML 72Page - Zilog, Inc. Z80180 Datasheet HTML 73Page - Zilog, Inc. Z80180 Datasheet HTML 74Page - Zilog, Inc. Z80180 Datasheet HTML 75Page - Zilog, Inc. Z80180 Datasheet HTML 76Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 326 page
background image
Z 8018x Fam il
y
M PU Use r M anual
UM005001-ZMP0400
57
Whether address translation (Figure 26) takes place depends on the type
of CPU cycle as follows.
Memory Cycles
Address Translation occurs for all memory access cycles including
instruction and operand fetches, memory data reads and writes,
hardware interrupt vector fetch, and software interrupt restarts.
I/O Cycles
The MMU is logically bypassed for I/O cycles. The 16-bit logical I/O
address space corresponds directly with the 16-bit physical I/O
address space. The four high-order bits (A16–A19) of the physical
address are always 0 during I/O cycles.
Figure 26.
I/O Address Translation
DMA Cycles
When the Z8X180 on-chip DMAC is using the external bus, the
MMU is physically bypassed. The 20-bit source and destination
registers in the DMAC are directly output on the physical address bus
(A0–A19).
MMU Registers
Three MMU registers are used to program a specific configuration of
logical and physical memory.
LA15
PA19
LA0
PA16 PA15
PA0
“0000”
Logical Address
Physical Address


Similar Part No. - Z80180

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z80180 ZILOG-Z80180 Datasheet
1Mb / 326P
   Z8018x Family MPU
Z80180 ZILOG-Z80180 Datasheet
387Kb / 70P
   ENHANCED Z180 MICROPROCESSOR
Z80180 ZILOG-Z80180 Datasheet
1Mb / 124P
   Microprocessor Unit
logo
List of Unclassifed Man...
Z80180 ETC2-Z80180 Datasheet
1,007Kb / 85P
   Microprocessor Unit
logo
Zilog, Inc.
Z8018006FEC ZILOG-Z8018006FEC Datasheet
387Kb / 70P
   ENHANCED Z180 MICROPROCESSOR
More results

Similar Description - Z80180

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z80180 ZILOG-Z80180 Datasheet
1Mb / 326P
   Z8018x Family MPU
logo
MicroPower Direct, LLC
MPU-800SE MPD-MPU-800SE Datasheet
383Kb / 2P
   MPU-800ESeries
logo
Renesas Technology Corp
TNR8CA041AE RENESAS-TNR8CA041AE Datasheet
251Kb / 3P
   MPU/MCU
TNA089AE RENESAS-TNA089AE Datasheet
209Kb / 4P
   MPU & MCU
logo
STMicroelectronics
AN3123 STMICROELECTRONICS-AN3123 Datasheet
224Kb / 30P
   Using the UART interfaces in the SPEAr embedded MPU family
logo
MicroPower Direct, LLC
MPU-250S MPD-MPU-250S Datasheet
346Kb / 2P
   MPU-250Series
logo
Renesas Technology Corp
TNA086AE RENESAS-TNA086AE Datasheet
669Kb / 16P
   MPU/MCU
TNA091AE RENESAS-TNA091AE Datasheet
173Kb / 10P
   MPU/MCU
TNR8CA040AE RENESAS-TNR8CA040AE Datasheet
715Kb / 5P
   MPU/MCU
TNSH7A883AE RENESAS-TNSH7A883AE Datasheet
174Kb / 1P
   MPU/MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com