Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSFF5410 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TSFF5410
Description  High Speed IR Emitting Diode in 5 mm (T-1 3 /4) Package
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSFF5410 Datasheet(HTML) 2 Page - Vishay Siliconix

  TSFF5410 Datasheet HTML 1Page - Vishay Siliconix TSFF5410 Datasheet HTML 2Page - Vishay Siliconix TSFF5410 Datasheet HTML 3Page - Vishay Siliconix TSFF5410 Datasheet HTML 4Page - Vishay Siliconix TSFF5410 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.vishay.com
2
Document Number 81091
Rev. 1.4, 23-Jun-04
VISHAY
TSFF5410
Vishay Semiconductors
Electrical Characteristics
Tamb = 25 °C, unless otherwise specified
Optical Characteristics
Tamb = 25 °C, unless otherwise specified
Typical Characteristics (Tamb = 25 °C unless otherwise specified)
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Forward Voltage
IF = 100 mA, tp = 20 ms
VF
1.5
1.8
V
IF = 1 A, tp = 100 µsVF
2.3
3.0
V
Temp. Coefficient of VF
IF = 100 mA
TKVF
-2.1
mV/K
Reverse Current
VR = 5 V
IR
10
µA
Junction capacitance
VR = 0 V, f = 1 MHz, E = 0
Cj
125
pF
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Radiant Intensity
IF = 100 mA, tp = 20 ms
Ie
40
70
200
mW/sr
IF = 1 A, tp = 100 µsIe
700
mW/sr
Radiant Power
IF = 100 mA, tp = 20 ms
φe
50
mW
Temp. Coefficient of
φe
IF = 100 mA
TKφe
-0.35
%/K
Angle of Half Intensity
ϕ
±22
deg
Peak Wavelength
IF = 100 mA
λp
870
nm
Spectral Bandwidth
IF = 100 mA
∆λ
40
nm
Temp. Coefficient of
λp
IF = 100 mA
TKλp
0.25
nm/K
Rise Time
IF = 100 mA
tr
15
ns
Fall Time
IF = 100 mA
tf
15
ns
Cut-Off Frequency
IDC = 70 mA, IAC = 30 mA pp
fc
23
MHz
Virtual Source Diameter
2.1
mm
Figure 1. Power Dissipation vs. Ambient Temperature
0
50
100
150
200
250
300
0
1020 3040 5060 7080 90 100
Tamb – Ambient Temperature ( °C )
16647
RthJA
Figure 2. Forward Current vs. Ambient Temperature
0
25
50
75
100
125
150
175
200
0
1020 3040 5060 7080 90 100
Tamb – Ambient Temperature ( C )
16964
RthJA


Similar Part No. - TSFF5410

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSFF5410 VISHAY-TSFF5410 Datasheet
109Kb / 5P
   High Speed Infrared Emitting Diode, RoHS Compliant, 870 nm, GaAlAs Double Hetero
Rev. 1.6, 21-Jul-08
TSFF5410 VISHAY-TSFF5410 Datasheet
111Kb / 5P
   High Speed Infrared Emitting Diode, 870 nm, GaAlAs Double Hetero
Rev. 1.7, 29-Jun-09
TSFF5410 VISHAY-TSFF5410 Datasheet
110Kb / 5P
   High Speed Infrared Emitting Diode, 870 nm, GaAlAs Double Hetero
Rev. 1.8, 24-Aug-11
TSFF5410 VISHAY-TSFF5410 Datasheet
108Kb / 5P
   High Speed Infrared Emitting Diode, 870 nm, GaAlAs Double Hetero
01-Jan-2022
TSFF5410 VISHAY-TSFF5410 Datasheet
108Kb / 5P
   High Speed Infrared Emitting Diode, 870 nm, GaAlAs Double Hetero
01-Jan-2023
More results

Similar Description - TSFF5410

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSHG6400 VISHAY-TSHG6400 Datasheet
116Kb / 6P
   High Speed IR Emitting Diode in T-1 3/4 Package
Rev. 1.0, 28-Nov-06
TSHF5400 VISHAY-TSHF5400 Datasheet
84Kb / 6P
   High Speed IR Emitting Diode in ø 5 mm (T–13/4) Package
Rev. 7, 02-Aug-99
TSFF5400 VISHAY-TSFF5400 Datasheet
86Kb / 6P
   High Speed IR Emitting Diode in ø 5 mm (T–13/4) Package
Rev. 5, 29-Jun-99
TSPF5400 VISHAY-TSPF5400 Datasheet
85Kb / 6P
   High Speed IR Emitting Diode in ø 5 mm (T–13/4) Package
Rev. 2, 20-May-99
TSFF5200 VISHAY-TSFF5200 Datasheet
87Kb / 6P
   High Speed IR Emitting Diode in ø5 mm (T–13/4) Package
Rev. 2, 29-Jun-99
TSHF5410 VISHAY-TSHF5410 Datasheet
116Kb / 6P
   High Speed Infrared Emitting Diode in T-1 3/4 Package
Rev. 1.1, 26-Oct-06
TSAL4400 VISHAY-TSAL4400 Datasheet
81Kb / 5P
   GaAs/GaAlAs IR Emitting Diode in 짰3 mm (T.1) Package
Rev. 3, 20-May-99
logo
Kingbright Corporation
WP7113F3C-P22 KINGBRIGHT-WP7113F3C-P22 Datasheet
718Kb / 5P
   T-1 3/4 (5 mm) Infrared Emitting Diode
logo
Vishay Siliconix
TSMF1020 VISHAY-TSMF1020 Datasheet
491Kb / 9P
   High Speed IR Emitting Diode in SMD Package
Rev. 6, 21-May-03
TSAL7400 VISHAY-TSAL7400 Datasheet
76Kb / 5P
   GaAs/GaAlAs IR Emitting Diode in 짰5 mm (T-13/4) Package
Rev. 3, 20-May-99
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com