Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SY88353BL Datasheet(PDF) 1 Page - Micrel Semiconductor

Part No. SY88353BL
Description  3.3V, 3.2 Gbps Limiting Post Amplifier with Programmable Decision Threshold
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY88353BL Datasheet(HTML) 1 Page - Micrel Semiconductor

  SY88353BL Datasheet HTML 1Page - Micrel Semiconductor SY88353BL Datasheet HTML 2Page - Micrel Semiconductor SY88353BL Datasheet HTML 3Page - Micrel Semiconductor SY88353BL Datasheet HTML 4Page - Micrel Semiconductor SY88353BL Datasheet HTML 5Page - Micrel Semiconductor SY88353BL Datasheet HTML 6Page - Micrel Semiconductor SY88353BL Datasheet HTML 7Page - Micrel Semiconductor SY88353BL Datasheet HTML 8Page - Micrel Semiconductor SY88353BL Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
SY88353BL
3.3V, 3.2 Gbps Limiting Post Amplifier with
Programmable Decision Threshold
MLF and MicroLeadFrame are trademarks of Amkor Technology, Inc.
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
April 2006
1
M9999-042506-A
hbwhelp@micrel.com or (408) 955-1690
General Description
The SY88353BL limiting post amplifier is designed for
use in fiber-optic receivers, and is specially optimized for
WDM applications where optical amplifiers such as
EDFAs and Raman amplifier are used. The device
connects to typical transimpedance amplifiers (TIAs).
The linear signal from TIAs can contain significant
amounts of noise that is unevenly distributed between
top and bottom rails due to the ASE noise generated by
the optical amplifiers, crosstalk, or non-linear effect in
the fiber. In order to optimize the BER in such noisy
conditions, the decision threshold between bit 1 and bit
0, needs to be moved to the rail that contains less noise.
The SY88353BL features a pin at which an external
voltage can be applied to move the crossing point up
and down, from 20% to 80%, for BER optimization
purposes.
The SY88353BL operates from a single +3.3V power
supply, over temperatures ranging from –40
oC to +85oC.
Signals with data rates from 155Mbps up to 3.2Gbps,
and as small as10mVpp, can be amplified to drive
devices with CML or PECL inputs.
The SY88353L features a Loss-of-Signal (LOS) open-
collector TTL output. A programmable Loss-of-Signal
level set pin (LOSLVL) sets the sensitivity of the input
amplitude detection. LOS asserts high if the input
amplitude falls below the threshold sets by LOSLVL and
de-asserts low otherwise. The enable bar input (/EN)
de-asserts the true output signal without removing the
input signal. The LOS output can be fed back to the /EN
input to maintain output stability under a loss-of-signal
condition. Typically, 3.3dB LOS hysteresis is provided to
prevent chattering.
All support documentation can be found on Micrel’s web
site at: www.micrel.com.
Features
• Single 3.3V power supply
• Fast LOS release/assert
• 155Mbps to 3.2Gbps operation
• Low-noise CML data outputs
• Chatter-free Open-Collector TTL loss-of-signal (LOS)
output.
• TTL /EN input
• Programmable LOS level set (LOSLVL)
• Programmable Decision Threshold
• Available in a tiny 3mm x 3mm MLF™ package
Applications
• WDM Systems
• Gigabit Ethernet, 1X and 2X Fibre Channel
• SONET/SDH: OC-3/12/24/48 – STM1/4/8/16
• Low-gain TIA interface
Markets
• Datacom/telecom
• Optical transceiver


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn