Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SY88353BL Datasheet(PDF) 6 Page - Micrel Semiconductor

Part No. SY88353BL
Description  3.3V, 3.2 Gbps Limiting Post Amplifier with Programmable Decision Threshold
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY88353BL Datasheet(HTML) 6 Page - Micrel Semiconductor

Back Button SY88353BL Datasheet HTML 2Page - Micrel Semiconductor SY88353BL Datasheet HTML 3Page - Micrel Semiconductor SY88353BL Datasheet HTML 4Page - Micrel Semiconductor SY88353BL Datasheet HTML 5Page - Micrel Semiconductor SY88353BL Datasheet HTML 6Page - Micrel Semiconductor SY88353BL Datasheet HTML 7Page - Micrel Semiconductor SY88353BL Datasheet HTML 8Page - Micrel Semiconductor SY88353BL Datasheet HTML 9Page - Micrel Semiconductor SY88353BL Datasheet HTML 10Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Micrel, Inc.
SY88353BL
April 2006
6
M9999-042506-A
hbwhelp@micrel.com or (408) 955-1690
Typical Operating Characteristics
VCC = 3.3V, TA = 25°C, RL = 50Ω to VCC-2V, unless otherwise stated.
LOSLVL RESISTOR (kΩ)
LOSLVL RESISTOR (kΩ)


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn