Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STE48NM60 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STE48NM60
Description  N-CHANNEL 600V - 0.09W - 48A ISOTOP MDmesh-TM Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE48NM60 Datasheet(HTML) 8 Page - STMicroelectronics

  STE48NM60 Datasheet HTML 1Page - STMicroelectronics STE48NM60 Datasheet HTML 2Page - STMicroelectronics STE48NM60 Datasheet HTML 3Page - STMicroelectronics STE48NM60 Datasheet HTML 4Page - STMicroelectronics STE48NM60 Datasheet HTML 5Page - STMicroelectronics STE48NM60 Datasheet HTML 6Page - STMicroelectronics STE48NM60 Datasheet HTML 7Page - STMicroelectronics STE48NM60 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
STE48NM60
8/8
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the
consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from
its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications
mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information
previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or
systems without express written approval of STMicroelectronics.
© The ST logo is a registered trademark of STMicroelectronics
© 2003 STMicroelectronics - Printed in Italy - All Rights Reserved
STMicroelectronics GROUP OF COMPANIES
Australia - Brazil - Canada - China - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan - Malaysia - Malta - Morocco
Singapore - Spain - Sweden - Switzerland - United Kingdom - United States.
© http://www.st.com


Similar Part No. - STE48NM60

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STE48NM50 STMICROELECTRONICS-STE48NM50 Datasheet
273Kb / 8P
   N-CHANNEL 500V - 0.08ohm - 48A ISOTOP MDmesh?줡ower MOSFET
More results

Similar Description - STE48NM60

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STE48NM50 STMICROELECTRONICS-STE48NM50 Datasheet
273Kb / 8P
   N-CHANNEL 500V - 0.08ohm - 48A ISOTOP MDmesh?줡ower MOSFET
STE70NM60 STMICROELECTRONICS-STE70NM60 Datasheet
311Kb / 8P
   N-CHANNEL 600V - 0.050W - 70A ISOTOP Zener-Protected MDmesh Power MOSFET
STW26NM60 STMICROELECTRONICS-STW26NM60 Datasheet
233Kb / 9P
   N-CHANNEL 600V - 0.125ohm - 26A TO-247 Zener-Protected MDmesh TM Power MOSFET
STD5NM60 STMICROELECTRONICS-STD5NM60 Datasheet
45Kb / 6P
   N-CHANNEL 600V - 0.8ohm - 5A DPAK MDmesh Power MOSFET
STE70NM50 STMICROELECTRONICS-STE70NM50 Datasheet
288Kb / 8P
   N-CHANNEL 500V - 0.045ohm - 70A ISOTOP Zener-Protected MDmesh?줡ower MOSFET
STE40NC60 STMICROELECTRONICS-STE40NC60 Datasheet
270Kb / 8P
   N-CHANNEL 600V - 0.098ohm - 40A ISOTOP PowerMesh?줚I MOSFET
STGE50NB60HD STMICROELECTRONICS-STGE50NB60HD Datasheet
47Kb / 6P
   N-CHANNEL 50A - 600V ISOTOP PowerMESH IGBT
STGE200NB60S STMICROELECTRONICS-STGE200NB60S Datasheet
274Kb / 13P
   N-CHANNEL 150A - 600V - ISOTOP PowerMESH??IGBT
STW26NM50 STMICROELECTRONICS-STW26NM50 Datasheet
234Kb / 9P
   N-CHANNEL 500V - 0.10ohm - 26A TO-247 Zener-Protected MDmesh TM Power MOSFET
STW45NM50 STMICROELECTRONICS-STW45NM50 Datasheet
244Kb / 9P
   N-CHANNEL 550V Tjmax - 0.08ohm - 45A TO-247 MDmesh TM MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com