Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCA9506BS Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PCA9506BS
Description  40-bit I2C-bus I/O port with RESET, OE, and INT
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9506BS Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PCA9506BS Datasheet HTML 2Page - NXP Semiconductors PCA9506BS Datasheet HTML 3Page - NXP Semiconductors PCA9506BS Datasheet HTML 4Page - NXP Semiconductors PCA9506BS Datasheet HTML 5Page - NXP Semiconductors PCA9506BS Datasheet HTML 6Page - NXP Semiconductors PCA9506BS Datasheet HTML 7Page - NXP Semiconductors PCA9506BS Datasheet HTML 8Page - NXP Semiconductors PCA9506BS Datasheet HTML 9Page - NXP Semiconductors PCA9506BS Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
9397 750 14939
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 01 — 14 February 2006
6 of 30
Philips Semiconductors
PCA9506
40-bit I2C-bus I/O port with RESET, OE, and INT
6.2 Pin description
Fig 4.
Pin configuration for HVQFN56
IO1_5
VDD
002aab975
PCA9506BS
Transparent top view
IO3_0
IO1_6
IO1_7
IO3_1
IO3_2
VSS
IO1_4
IO3_3
IO1_3
IO3_4
IO1_2
IO3_5
IO1_1
IO3_6
IO1_0
IO3_7
IO0_7
IO4_0
VSS
VDD
IO0_6
IO4_1
IO0_5
IO4_2
IO0_4
IO4_3
14
29
13
30
12
31
11
32
10
33
9
34
8
35
7
36
6
37
5
38
4
39
3
40
2
41
1
42
terminal 1
index area
Table 2:
Pin description
Symbol
Pin
Type
Description
TSSOP56
HVQFN56
SDA
1
50
I/O
serial data line
SCL
2
51
I
serial clock line
IO0_0 to IO0_7
3, 4, 5, 7, 8, 9,
10, 12
52, 53, 54, 56, 1,
2, 3, 5
I/O
input/output bank 0
IO1_0 to IO1_7
13, 14, 15, 16,
17, 19, 20, 21
6, 7, 8, 9, 10, 12,
13, 14
I/O
input/output bank 1
IO2_0 to IO2_7
22, 24, 25, 26,
31, 32, 33, 35
15, 17, 18, 19,
24, 25, 26, 28
I/O
input/output bank 2
IO3_0 to IO3_7
36, 37, 38, 40,
41, 42, 43, 44
29, 30, 31, 33,
34, 35, 36, 37
I/O
input/output bank 3
IO4_0 to IO4_7
45, 47, 48, 49,
50, 52, 53, 54
38, 40, 41, 42,
43, 45, 46, 47
I/O
input/output bank 4
VSS
6, 11, 23, 34,
39, 51
4, 16, 27, 32, 44,
55 [1]
power
supply
ground supply voltage
VDD
18, 46
11, 39
power
supply
supply voltage
A0
27
20
I
address input 0
A1
28
21
I
address input 1
A2
29
22
I
address input 2


Similar Part No. - PCA9506BS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9506BS NXP-PCA9506BS Datasheet
180Kb / 31P
   40-bit I2C-bus I/O port with RESET, OE and INT
Rev. 03-6 June 2007
PCA9506BS NXP-PCA9506BS Datasheet
276Kb / 34P
   40-bit I2C-bus I/O port with RESET, OE and INT
Rev. 4-3 August 2010
More results

Similar Description - PCA9506BS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9505 NXP-PCA9505_10 Datasheet
276Kb / 34P
   40-bit I2C-bus I/O port with RESET, OE and INT
Rev. 4-3 August 2010
PCA9505 NXP-PCA9505 Datasheet
180Kb / 31P
   40-bit I2C-bus I/O port with RESET, OE and INT
Rev. 03-6 June 2007
PCA9698 PHILIPS-PCA9698 Datasheet
232Kb / 47P
   40-bit Fm I2C-bus advanced I/O port with RESET, OE and INT
Rev. 02-19 July 2006
PCA9698 NXP-PCA9698_10 Datasheet
374Kb / 48P
   40-bit Fm I2C-bus advanced I/O port with RESET, OE and INT
Rev. 3-3 August 2010
PCA9557 NXP-PCA9557 Datasheet
162Kb / 26P
   8-bit I2C-bus and SMBus I/O port with reset
Rev. 06-11 June 2008
PCA9538A NXP-PCA9538A Datasheet
2Mb / 37P
   Low-voltage 8-bit I2C-bus I/O port with interrupt and reset
Rev. 1-28 September 2012
PCA9539A NXP-PCA9539A Datasheet
2Mb / 39P
   Low-voltage 16-bit I2C-bus I/O port with interrupt and reset
Rev. 1-26 September 2012
PCA9538 NXP-PCA9538 Datasheet
169Kb / 28P
   8-bit I2C-bus and SMBus low power I/O port with interrupt and reset
Rev. 05-28 May 2009
PCA9539 NXP-PCA9539 Datasheet
191Kb / 31P
   16-bit I2C-bus and SMBus low power I/O port with interrupt and reset
Rev. 05-28 July 2008
PCA9537DP.118 NXP-PCA9537DP.118 Datasheet
143Kb / 24P
   4-bit I2C-bus and SMBus low power I/O port with interrupt and reset
Rev. 05-7 May 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com