Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMH0046 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMH0046
Description  HD/SD Multi-Rate Serial Digital Video Data Reclocker
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH0046 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LMH0046 Datasheet HTML 2Page - National Semiconductor (TI) LMH0046 Datasheet HTML 3Page - National Semiconductor (TI) LMH0046 Datasheet HTML 4Page - National Semiconductor (TI) LMH0046 Datasheet HTML 5Page - National Semiconductor (TI) LMH0046 Datasheet HTML 6Page - National Semiconductor (TI) LMH0046 Datasheet HTML 7Page - National Semiconductor (TI) LMH0046 Datasheet HTML 8Page - National Semiconductor (TI) LMH0046 Datasheet HTML 9Page - National Semiconductor (TI) LMH0046 Datasheet HTML 10Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Device Description
The LMH0046 HD/SD Mutli-Rate Serial Digital Video Re-
clocker is used in many types of digital video signal process-
ing equipment. Supported serial digital video standards are
SMPTE 259M A & C and SMPTE 292M. Corresponding
serial data rates are 143 Mbps, 270 Mbps, 1.483 Gbps and
1.485 Gbps. DVB-ASI data at 270 Mbps may also be re-
timed. The LMH0046 retimes the serial data stream to sup-
press accumulated jitter. It provides two low-jitter, differential,
serial data outputs. The second output may be selected to
output either serial data or a low-jitter serial data-rate clock.
Controls and indicators are: serial data-rate clock or second
serial data output select, manual rate select input, SD/HD
rate output, lock detect output, auto/manual data bypass and
output mute.
Serial data inputs are CML and LVPECL compatible. Serial
data and data-rate clock outputs are differential CML and
produce LVPECL compatible levels. The output buffer de-
sign can drive AC or DC-coupled, terminated 100
Ω differen-
tial loads. The differential output level is 800 mV
P-P ±10%
into 100
Ω AC or DC-coupled differential loads. Logic inputs
and outputs are LVCMOS compatible.
The device package is a TSSOP20 with an exposed die
attach pad. The exposed die attach pad is electrically con-
nected to device ground (V
EE) and is the negative electrical
terminal for the device. This terminal must be connected to
the negative power supply or circuit ground.
Serial Data Inputs, Serial Data and
Clock Outputs
SERIAL DATA INPUT AND OUTPUTS
The differential serial data input, SDI, accepts serial digital
video data at the rates specified in Table 1. The serial data
input is differential LVPECL compatible. These inputs are
intended to be DC interfaced to devices such as the
LMH0034 adaptive cable equalizer. These inputs are not
internally terminated or biased. The inputs may be AC-
coupled if a suitable input bias voltage is provided.
The LMH0046 has two, retimed, differential, serial data out-
puts, SDO and SCO/SDO2. These outputs provide low jitter,
differential, retimed data to devices such as the LMH0002
cable driver or the LMH0031 deserializer. Output SCO/
SDO2 is multiplexed and can provide either a second serial
data output or a serial data-rate clock output.
The SCO_EN input controls the operating mode for the
SCO/SDO2 output. When the SCO_EN input is high the
SCO/SDO2 output provides a serial data-rate clock. When
SCO_EN is low, the SCO/SDO2 output provides retimed
serial data.
Both differential serial data outputs, SDO and SCO/SDO2,
are muted when the MUTE input is a logic low level. SCO/
SDO2 also mutes when the Bypass mode is activated when
this output is operating as the serial clock output. When
muted, SDO and SDO (or SDO2 and SDO2) will assume
opposite differential output levels. The CML serial data out-
puts are differential LVPECL compatible. These outputs
have internal 50
Ω pull-ups and are suitable for driving AC or
DC-coupled, 100
Ω center-tapped, AC grounded or 100Ω
un-center-tapped, differentially terminated networks.
OPERATING SERIAL DATA RATES
This device operates at serial data rates of 143 Mbps, 270
Mbps, 1483 Mbps and 1485 Mbps. The device does not lock
to harmonics of these rates. The device does not lock and
automatically enters the reclocker bypass mode for the fol-
lowing data rates: 177 Mbps, 360 Mbps, and 540 Mbps.
SERIAL DATA CLOCK/SERIAL DATA 2 OUTPUT
The Serial Data Clock/Serial Data 2 Output is controlled by
the SCO_EN input and provides either a second retimed
serial data output or a low jitter differential clock output
appropriate to the serial data rate being processed. When
operating as a serial clock output, the rising edge of the clock
will be positioned within the corresponding serial data bit
interval within 15% of the center of the data interval.
Differential output SCO/SDO2 functions as the second serial
data output when the SCO_EN input is a logic-low level. This
output functions as the serial data-rate clock output when the
SCO_EN input is a logic-high level. The SCO_EN input has
an internal pull-down device and the default state of
SCO_EN is low (serial data output 2 enabled). SCO/SDO2 is
muted when the MUTE input is a logic low level. When the
Bypass mode is activated and this output is functioning as a
serial clock output, the output will also be muted.
Control Inputs and Indicator
Outputs
SERIAL DATA RATE SELECTOR
The Serial Data Rate Selector (RATE [1:0]) permits the user
to fix the operating serial data rate. The pins have internal
pull-downs which maintain a logic-low input condition unless
externally driven to a logic-high condition. This input also
serves to place the device in a test mode. The codes shown
in Table 1 select the desired operating serial data rate. The
LMH0046 then enters either the Auto-Rate Detect mode, a
single operating rate, or the test mode. Selecting the 270
Mbps rate mode may also be used when reclocking DVB-
ASI data. DVB-ASI data is MPEG2 coded data that is trans-
mitted in 8B10B coding. The device should reclock this data
without harmonic locking.
TABLE 1. Data Rate Select Input Codes
Rate [1:0]
Code
Data Rate
or Mode
Comments
00
Auto-Rate
Detect
mode
143 Mbps rate operation
supported only in ARD mode
01
270 Mbps
May be used to support
DVB-ASI operation
10
1483/1485
Mbps
LOCK DETECT
The Lock Detect (LD) output, when high, indicates that data
is being received and the PLL is locked. LD may be con-
nected to the MUTE input to mute the data and clock outputs
when no data signal is being received. See Table 2.
www.national.com
7


Similar Part No. - LMH0046

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH0046 TI-LMH0046 Datasheet
2Mb / 20P
[Old version datasheet]   LMH0046 HD/SD SDI Reclocker With Dual Differential Outputs
LMH0046 TI1-LMH0046 Datasheet
2Mb / 20P
[Old version datasheet]   HD/SD SDI Reclocker With Dual Differential Outputs
LMH0046MH TI-LMH0046MH Datasheet
2Mb / 20P
[Old version datasheet]   LMH0046 HD/SD SDI Reclocker With Dual Differential Outputs
LMH0046MH/NOPB TI1-LMH0046MH/NOPB Datasheet
2Mb / 20P
[Old version datasheet]   HD/SD SDI Reclocker With Dual Differential Outputs
LMH0046MHX TI-LMH0046MHX Datasheet
2Mb / 20P
[Old version datasheet]   LMH0046 HD/SD SDI Reclocker With Dual Differential Outputs
More results

Similar Description - LMH0046

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
M08045 MA-COM-M08045 Datasheet
443Kb / 2P
   3G/HD/SD Serial Digital Video Reclocker
M21235 MA-COM-M21235 Datasheet
489Kb / 2P
   HD/SD Broadcast Video Multi-rate Automatic Reclocker
M08035 MA-COM-M08035 Datasheet
1Mb / 49P
   SD, HD, 3G Multi-rate Reclocker
M21350-15 MA-COM-M21350-15 Datasheet
1Mb / 62P
   3G/HD/SD-SDI Multi-rate Video Quad Reclocker
M21245 MA-COM-M21245 Datasheet
1Mb / 50P
   3G/HD/SD-SDI Multi-rate Reclocker
M21245-15 MA-COM-M21245-15 Datasheet
1Mb / 54P
   3G/HD/SD-SDI Multi-rate Reclocker
M21315 MA-COM-M21315 Datasheet
163Kb / 2P
   HD/SD Auto-Rate Reclocker
logo
Semtech Corporation
EBK-GS6150-00 SEMTECH-EBK-GS6150-00 Datasheet
217Kb / 3P
   Multi-Rate Serial Digital Reclocker
logo
M/A-COM Technology Solu...
M08016_PRODUCT_BRIEF MA-COM-M08016_PRODUCT_BRIEF Datasheet
338Kb / 2P
   HD/SD Serial Digital Video Cable Equalizer
M08016 MA-COM-M08016_15 Datasheet
338Kb / 2P
   HD/SD Serial Digital Video Cable Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com