Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TNY264P Datasheet(PDF) 6 Page - Power Integrations, Inc.

Part # TNY264P
Description  Enhanced, Energy Efficient, Low Power Off-line Switcher
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TNY264P Datasheet(HTML) 6 Page - Power Integrations, Inc.

Back Button TNY264P Datasheet HTML 2Page - Power Integrations, Inc. TNY264P Datasheet HTML 3Page - Power Integrations, Inc. TNY264P Datasheet HTML 4Page - Power Integrations, Inc. TNY264P Datasheet HTML 5Page - Power Integrations, Inc. TNY264P Datasheet HTML 6Page - Power Integrations, Inc. TNY264P Datasheet HTML 7Page - Power Integrations, Inc. TNY264P Datasheet HTML 8Page - Power Integrations, Inc. TNY264P Datasheet HTML 9Page - Power Integrations, Inc. TNY264P Datasheet HTML 10Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
6 G4/05
TNY263-268
Figure 12. Normal Power-down Timing (without UV).
Figure 13. Slow Power-down Timing with Optional External
(2 MΩ) UV Resistor Connected to EN/UV Pin.
Figure 10. TinySwitch-II Power-up with Optional External UV
Resistor (2 MΩ) Connected to EN/UV Pin.
Figure 11. TinySwitch-II Power-up without Optional External UV
Resistor Connected to EN/UV Pin.
PI-2661-072400
V
DRAIN
V
EN
CLOCK
D
DRAIN
I
MAX
Figure 9. TinySwitch-II Operation at Very Light Load.
During power-down, when an external resistor is used, the
power MOSFET will switch for 50 ms after the output loses
regulation. The power MOSFET will then remain off without
any glitches since the under-voltage function prohibits restart
when the line voltage is low.
Figure 12 illustrates a typical power-down timing waveform of
TinySwitch-II
. Figure 13 illustrates a very slow power-down
timing waveform of TinySwitch-II as in standby applications.
The external resistor (2 MΩ) is connected to the EN/UV pin
in this case to prevent unwanted restarts.
0
2.5
5
Time (s)
0
100
200
400
300
0
100
200
V
DC-INPUT
V
DRAIN
0
1
2
Time (ms)
0
200
400
5
0
10
0
100
200
V
DC-INPUT
V
BYPASS
V
DRAIN
0
1
2
Time (ms)
0
200
400
5
0
10
0
100
200
V
DC-INPUT
V
BYPASS
V
DRAIN
0
.5
1
Time (s)
0
100
200
300
0
100
200
400
V
DC-INPUT
V
DRAIN


Similar Part No. - TNY264P

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
TNY264P POWERINT-TNY264P Datasheet
516Kb / 20P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
TNY264P POWERINT-TNY264P Datasheet
369Kb / 19P
   2.4W Battery Charger/Adapter
TNY264P POWERINT-TNY264P Datasheet
391Kb / 20P
   2.4W Cell Phone Charger
TNY264P POWERINT-TNY264P Datasheet
200Kb / 24P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
TNY264P POWERINT-TNY264P Datasheet
765Kb / 22P
   Enhanced, Energy Effi cient, Low Power Off-line Switcher
More results

Similar Description - TNY264P

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
TNY264 POWERINT-TNY264 Datasheet
516Kb / 20P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
TNY263 POWERINT-TNY263_V01 Datasheet
1Mb / 22P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
December 2021
TNY263 POWERINT-TNY263_04 Datasheet
200Kb / 24P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
LNK353 POWERINT-LNK353 Datasheet
859Kb / 16P
   Enhanced, Energy Efficient, Low Power Off-Line Switcher IC
LNK353 POWERINT-LNK353_V01 Datasheet
1,001Kb / 16P
   Enhanced, Energy Efficient, Low Power Off-Line Switcher IC
February 2005
TNY256PN POWERINT-TNY256PN Datasheet
517Kb / 20P
   Energy Efficient, Low Power Off-line Switcher
TYN256P POWERINT-TYN256P Datasheet
155Kb / 20P
   Energy Efficient, Low Power Off-line Switcher
LNK362-364 POWERINT-LNK362-364 Datasheet
913Kb / 16P
   Energy Efficient, Low Power Off-Line Switcher IC
SC1117DG POWERINT-SC1117DG Datasheet
478Kb / 8P
   Energy-Efficient, Low Power Off-Line Switcher IC
LNK362 POWERINT-LNK362_V01 Datasheet
1Mb / 18P
   Energy Efficient, Low Power Off-Line Switcher IC
December 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com