Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

JK1APF-12V Datasheet(PDF) 2 Page - Nais(Matsushita Electric Works)

Part No. JK1APF-12V
Description  SLIM TYPE POWER RELAY
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NAIS [Nais(Matsushita Electric Works)]
Homepage  
Logo 

JK1APF-12V Datasheet(HTML) 2 Page - Nais(Matsushita Electric Works)

   
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
JK
293
TYPES
1. Standard type (3 A)
2. High capacity type (8 A)
Coil voltage,
V DC
Part No.
Sealed type
Flux-resistant type
3
JK1a-3V
JK1aF-3V
5
JK1a-5V
JK1aF-5V
6
JK1a-6V
JK1aF-6V
9
JK1a-9V
JK1aF-9V
12
JK1a-12V
JK1aF-12V
18
JK1a-18V
JK1aF-18V
24
JK1a-24V
JK1aF-24V
48
JK1a-48V
JK1aF-48V
Coil voltage,
V DC
Part No.
Sealed type
Flux-resistant type
3
JK1aP-3V
JK1aPF-3V
5
JK1aP-5V
JK1aPF-5V
6
JK1aP-6V
JK1aPF-6V
9
JK1aP-9V
JK1aPF-9V
12
JK1aP-12V
JK1aPF-12V
18
JK1aP-18V
JK1aPF-18V
24
JK1aP-24V
JK1aPF-24V
48
JK1aP-48V
JK1aPF-48V
COIL DATA (at 20
°C 68°F)
Nominal voltage,
V DC
Pick-up voltage
V DC (max.)
Drop-out voltage,
V DC (min.)
Coil resistance
Ω (±10%)
Nominal operating
current,
mA (
±10%)
Nominal operating
power,
mW
Max. allowable
voltage at 70
°C,
V DC
3
2.4
0.15
45
67
200
3.9
5
4.0
0.25
125
40
200
6.5
6
4.8
0.3
180
33
200
7.8
9
7.2
0.45
405
22
200
11.7
12
9.6
0.6
720
17
200
15.6
18
14.4
0.9
1,620
11
200
23.4
24
19.2
1.2
2,880
8.3
200
31.2
48
38.4
2.4
11,520
4.2
200
62.4
DIMENSIONS
15.4
.606
0.3
.012
4
.157
11
.433
7.62
.300
21.4
.843
2
1
COM
N.O.
2.54
.100
1.6
.063
15.24
.600
Dimension:
General tolerance
Max. 1mm .039 inch
±0.2 ±.008
1 to 5mm .039 to .197 inch
±0.3 ±.012
Min. 5mm .197 inch
±0.4 ±.016
PC board pattern (Copper-side view)
Tolerance:
±0.1 ±.004
2-0.9 dia.
2-.035 dia.
2-1.3 dia.
2-.051 dia.
mm inch
REFERENCE DATA
1-(1). Maximum value for switching capacity
(Standard type)
1-(2). Maximum value for switching capacity
(High capacity type)
2. Operate/release time
10
Contact voltage, V
1
3
10
100
100 250
AC resistive load
Contact voltage, V
10
1
10
8
100
100 250
AC resistive load
x
Coil applied voltage, %V
80
100
120
140
160
180
2
0
4
6
8
Max.
Max.
Min.
x
Min.
Operate time
Release time


Html Pages

1  2  3 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ALA2F122 Form A slim power relay 1 2 3 Nais(Matsushita Electric Works)
JS1-12ULTRA-MINIATURE PC BOARD TYPE POWER RELAY 1 2 3 Nais(Matsushita Electric Works)
JR1A-TM-AC115SLIM TYPE POWER RELAYS 1 2 3 4 Nais(Matsushita Electric Works)
PA1A-5VTHE SLIM POWER RELAY 1 2 3 Nais(Matsushita Electric Works)
FTR-H3SILENT POWER RELAY 1 POLE-10 A LOW PROFILE TYPE FTR-H3 SERIES 1 2 3 4 5 MoreFujitsu Component Limited.
LK1AFSLIM POWER RELAY WITH HIGH INRUSH CURRENT CAPABILITY 1 2 3 Mitsubishi Electric Semiconductor
APE1004HTHE SLIM POWER RELAY 1 2 3 Nais(Matsushita Electric Works)
2SC5209FOR RELAY DRIVE POWER SUPPLY APPLICATION SILICON NPN EPITAXIAL TYPE 1 2 3 4 List of Unclassifed Manufacturers
LKS1AF-12250 mW Slim Power Relay 1 2 3 Nais(Matsushita Electric Works)
PC466Ultra Slim Minature PCB Power Relay 1 2 Picker Components

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn