Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HY5V52LF-S Datasheet(PDF) 9 Page - Hynix Semiconductor

Part # HY5V52LF-S
Description  4Banks x 2M x 32bits Synchronous DRAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY5V52LF-S Datasheet(HTML) 9 Page - Hynix Semiconductor

Back Button HY5V52LF-S Datasheet HTML 5Page - Hynix Semiconductor HY5V52LF-S Datasheet HTML 6Page - Hynix Semiconductor HY5V52LF-S Datasheet HTML 7Page - Hynix Semiconductor HY5V52LF-S Datasheet HTML 8Page - Hynix Semiconductor HY5V52LF-S Datasheet HTML 9Page - Hynix Semiconductor HY5V52LF-S Datasheet HTML 10Page - Hynix Semiconductor HY5V52LF-S Datasheet HTML 11Page - Hynix Semiconductor HY5V52LF-S Datasheet HTML 12Page - Hynix Semiconductor HY5V52LF-S Datasheet HTML 13Page - Hynix Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Rev. 0.1 / June. 2004
9
Preliminary
HY5V52(L)F(P) Series
4Banks x 2M x 32bits Synchronous DRAM
DC CHARACTERISTICS II (TA= 0 to 70oC)
Note :
1. IDD1 and IDD4 depend on output loading and cycle rates. Specified values are measured with the output open
2. Min. of tRC (Refresh RAS cycle time) is shown at AC CHARACTERISTICS II
3. HY5V52F(P) Series : Normal,
HY5V52LF(P) Series : Low Power
Parameter
Symbol
Test Condition
Speed
Uni
t
Not
e
H
P
S
Operating Current
IDD1
Burst length=1, One bank active
tRC
≥ tRC(min), IOL=0mA
120
110
mA
1
Precharge Standby Current
in Power Down Mode
IDD2P
CKE
≤ VIL(max), tCK = 15ns
2
mA
IDD2PS
CKE
≤ VIL(max), tCK = ∞
1mA
Precharge Standby Current
in Non Power Down Mode
IDD2N
CKE
≥ VIH(min), CS ≥ VIH(min), tCK = 15ns
Input signals are changed one time during
2clks.
All other pins
≥ VDD-0.2V or ≤ 0.2V
15
mA
IDD2NS
CKE
≥ VIH(min), tCK = ∞
Input signals are stable.
15
Active Standby Current
in Power Down Mode
IDD3P
CKE
≤ VIL(max), tCK = 15ns
5
mA
IDD3PS
CKE
≤ VIL(max), tCK = ∞
5
Active Standby Current
in Non Power Down Mode
IDD3N
CKE
≥ VIH(min), CS ≥ VIH(min), tCK = 15ns
Input signals are changed one time during
2clks.
All other pins
≥ VDD-0.2V or ≤ 0.2V
30
mA
IDD3NS
CKE
≥ VIH(min), tCK = ∞
Input signals are stable.
20
Burst Mode Operating Cur-
rent
IDD4
tCK
≥ tCK(min), IOL=0mA
All banks active
CL=3
150
130
mA
1
CL=2
160
140
Auto Refresh Current
IDD5
tRC
≥ tRC(min), All banks active
220
mA
2
Self Refresh Current
IDD6
CKE
≤ 0.2V
Normal
3
mA
3
Low Power
1.5


Similar Part No. - HY5V52LF-S

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY5V22F-5 HYNIX-HY5V22F-5 Datasheet
913Kb / 15P
   4 Banks x 1M x 32Bit Synchronous DRAM
HY5V22F-55 HYNIX-HY5V22F-55 Datasheet
913Kb / 15P
   4 Banks x 1M x 32Bit Synchronous DRAM
HY5V22F-6 HYNIX-HY5V22F-6 Datasheet
913Kb / 15P
   4 Banks x 1M x 32Bit Synchronous DRAM
HY5V22F-7 HYNIX-HY5V22F-7 Datasheet
913Kb / 15P
   4 Banks x 1M x 32Bit Synchronous DRAM
HY5V22F-8 HYNIX-HY5V22F-8 Datasheet
913Kb / 15P
   4 Banks x 1M x 32Bit Synchronous DRAM
More results

Similar Description - HY5V52LF-S

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS42VM32800E ISSI-IS42VM32800E Datasheet
877Kb / 33P
   2M x 32Bits x 4Banks Mobile Synchronous DRAM
IS42VM32800K ISSI-IS42VM32800K Datasheet
919Kb / 35P
   2M x 32Bits x 4Banks Mobile Synchronous DRAM
logo
Hynix Semiconductor
HY57V643220D HYNIX-HY57V643220D Datasheet
229Kb / 13P
   4Banks x 512K x 32bits Synchronous DRAM
HY5Y7A2DLM-HF HYNIX-HY5Y7A2DLM-HF Datasheet
939Kb / 26P
   4Banks x 4M x 32bits Synchronous DRAM
logo
Integrated Silicon Solu...
IS42SM32400G-6BLI ISSI-IS42SM32400G-6BLI Datasheet
545Kb / 33P
   1M x 32Bits x 4Banks Mobile Synchronous DRAM
IS42VM32400F ISSI-IS42VM32400F Datasheet
451Kb / 27P
   1M x 32Bits x 4Banks Mobile Synchronous DRAM
IS42SM32400H-6BLI ISSI-IS42SM32400H-6BLI Datasheet
909Kb / 34P
   1M x 32Bits x 4Banks Mobile Synchronous DRAM
IS42VM32160D ISSI-IS42VM32160D Datasheet
468Kb / 27P
   4M x 32Bits x 4Banks Mobile Synchronous DRAM
IS42SM32200K-6BLI ISSI-IS42SM32200K-6BLI Datasheet
540Kb / 33P
   512K x 32Bits x 4Banks Mobile Synchronous DRAM
IS42VM32400H ISSI-IS42VM32400H Datasheet
893Kb / 33P
   1M x 32Bits x 4Banks Mobile Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com