Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HY5V52FP-P Datasheet(PDF) 7 Page - Hynix Semiconductor

Part # HY5V52FP-P
Description  4Banks x 2M x 32bits Synchronous DRAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY5V52FP-P Datasheet(HTML) 7 Page - Hynix Semiconductor

Back Button HY5V52FP-P Datasheet HTML 3Page - Hynix Semiconductor HY5V52FP-P Datasheet HTML 4Page - Hynix Semiconductor HY5V52FP-P Datasheet HTML 5Page - Hynix Semiconductor HY5V52FP-P Datasheet HTML 6Page - Hynix Semiconductor HY5V52FP-P Datasheet HTML 7Page - Hynix Semiconductor HY5V52FP-P Datasheet HTML 8Page - Hynix Semiconductor HY5V52FP-P Datasheet HTML 9Page - Hynix Semiconductor HY5V52FP-P Datasheet HTML 10Page - Hynix Semiconductor HY5V52FP-P Datasheet HTML 11Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Rev. 0.1 / June. 2004
7
Preliminary
HY5V52(L)F(P) Series
4Banks x 2M x 32bits Synchronous DRAM
ABSOLUTE MAXIMUM RATING
DC OPERATING CONDITION (TA= 0 to 70oC )
Note :
1. All voltages are referenced to VSS = 0V
2. VIH(max) is acceptable 5.6V AC pulse width with <=3ns of duration.
3. VIL(min) is acceptable -2.0V AC pulse width with <=3ns of duration
AC OPERATING TEST CONDITION (TA= 0 to 70 oC, VDD=3.3±0.3V, VSS=0V)
Parameter
Symbol
Rating
Unit
Ambient Temperature
TA
0 ~ 70
oC
Storage Temperature
TSTG
-55 ~ 125
oC
Voltage on Any Pin relative to VSS
VIN, VOUT
-1.0 ~ 4.6
V
Voltage on VDD relative to VSS
VDD
-1.0 ~ 4.6
V
Voltage on VDDQ relative to VSS
VDDQ
-1.0 ~ 4.6
V
Short Circuit Output Current
IOS
50
mA
Power Dissipation
PD
1
W
Soldering Temperature . Time
TSOLDER
260 . 10
oC . Sec
Parameter
Symbol
Min
Typ
Max
Unit
Note
Power Supply Voltage
VDD, VDDQ
3.0
3.3
3.6
V
1
Input High Voltage
VIH
2.0
3.3
VDDQ+0.3
V
1, 2
Input Low Voltage
VIL
-0.3
-
0.8
V
1, 3
Parameter
Symbol
Value
Unit
Note
AC Input High/Low Level Voltage
VIH / VIL
2.4/0.4
V
Input Timing Measurement Reference Level Voltage
Vtrip
1.4
V
Input Rise/Fall Time
tR / tF
1ns
Output Timing Measurement Reference Level Voltage
Voutref
1.4
V
Output Load Capacitance for Access Time Measurement
CL
50
pF
1


Similar Part No. - HY5V52FP-P

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY5V22F-5 HYNIX-HY5V22F-5 Datasheet
913Kb / 15P
   4 Banks x 1M x 32Bit Synchronous DRAM
HY5V22F-55 HYNIX-HY5V22F-55 Datasheet
913Kb / 15P
   4 Banks x 1M x 32Bit Synchronous DRAM
HY5V22F-6 HYNIX-HY5V22F-6 Datasheet
913Kb / 15P
   4 Banks x 1M x 32Bit Synchronous DRAM
HY5V22F-7 HYNIX-HY5V22F-7 Datasheet
913Kb / 15P
   4 Banks x 1M x 32Bit Synchronous DRAM
HY5V22F-8 HYNIX-HY5V22F-8 Datasheet
913Kb / 15P
   4 Banks x 1M x 32Bit Synchronous DRAM
More results

Similar Description - HY5V52FP-P

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS42VM32800E ISSI-IS42VM32800E Datasheet
877Kb / 33P
   2M x 32Bits x 4Banks Mobile Synchronous DRAM
IS42VM32800K ISSI-IS42VM32800K Datasheet
919Kb / 35P
   2M x 32Bits x 4Banks Mobile Synchronous DRAM
logo
Hynix Semiconductor
HY57V643220D HYNIX-HY57V643220D Datasheet
229Kb / 13P
   4Banks x 512K x 32bits Synchronous DRAM
HY5Y7A2DLM-HF HYNIX-HY5Y7A2DLM-HF Datasheet
939Kb / 26P
   4Banks x 4M x 32bits Synchronous DRAM
logo
Integrated Silicon Solu...
IS42SM32400G-6BLI ISSI-IS42SM32400G-6BLI Datasheet
545Kb / 33P
   1M x 32Bits x 4Banks Mobile Synchronous DRAM
IS42VM32400F ISSI-IS42VM32400F Datasheet
451Kb / 27P
   1M x 32Bits x 4Banks Mobile Synchronous DRAM
IS42SM32400H-6BLI ISSI-IS42SM32400H-6BLI Datasheet
909Kb / 34P
   1M x 32Bits x 4Banks Mobile Synchronous DRAM
IS42VM32160D ISSI-IS42VM32160D Datasheet
468Kb / 27P
   4M x 32Bits x 4Banks Mobile Synchronous DRAM
IS42SM32200K-6BLI ISSI-IS42SM32200K-6BLI Datasheet
540Kb / 33P
   512K x 32Bits x 4Banks Mobile Synchronous DRAM
IS42VM32400H ISSI-IS42VM32400H Datasheet
893Kb / 33P
   1M x 32Bits x 4Banks Mobile Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com