Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MA2X338 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part No. MA2X338
Description  Silicon epitaxial planar type
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MA2X338 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  MA2X338 Datasheet HTML 1Page - Panasonic Semiconductor MA2X338 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
Variable Capacitance Diodes
MA2X338
Silicon epitaxial planar type
For CATV tuner
I Features
• Large capacitance ratio
• Small series resistance r
D, resulting in obtaining high perfor-
mance index, Q of a circuit
I Absolute Maximum Ratings T
a = 25°C
Unit : mm
Parameter
Symbol
Rating
Unit
Reverse voltage (DC)
VR
34
V
Peak reverse voltage*
VRM
35
V
Forward current (DC)
IF
20
mA
Junction temperature
Tj
150
°C
Storage temperature
Tstg
−55 to +150
°C
Marking Symbol: 6H
1 : Anode
2 : Cathode
Mini Type Package (2-pin)
12
3.3
± 0.2
*(3.8
± 0.2)
2.7
+ 0.2
− 0.1
INDICATES
CATHODE
5
°
5
°
*(
): WL type
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Reverse current (DC)
IR
VR = 30 V
10
nA
Diode capacitance
CD(2V)
VR = 2 V, f = 1 MHz
27.13
32.15
pF
CD(25V)
VR = 25 V, f = 1 MHz
2.60
3.15
pF
CD(10V)
VR = 10 V, f = 1 MHz
7.05
9.97
pF
CD(17V)
VR = 17 V, f = 1 MHz
3.48
4.74
pF
Capacitance ratio
CD(2V)/CD(25V)
10
Diode capacitance deviation
∆C
CD(2V)(10V)(17V)(25V)
2.5
%
Series resistance*
rD
CD = 9 pF, f = 470 MHz
0.63
I Electrical Characteristics T
a = 25°C
Note) 1
.Rated input/output frequency: 470 MHz
2
.*: rf measuring instrument: YHP MODEL 4191A RF IMPEDANCE ANALYZER
Note) * : RL = 10 k


Html Pages

1  2 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
MA2Z001 Silicon epitaxial planar type For switching circuits 1  2  Panasonic Semiconductor
2SA2118 Power Transistors Silicon PNP epitaxial planar type 1  2  3  Panasonic Semiconductor
XP01211 Silicon NPN epitaxial planar type 1  2  3  Panasonic Semiconductor
MA26V05 Silicon epitaxial planar type 1  2  3  Panasonic Semiconductor
2SB1253 Silicon PNP epitaxial planar type Darlington For power amplification 1  2  3  Panasonic Semiconductor
2SD1752 Silicon NPN epitaxial planar type 1  2  3  Panasonic Semiconductor
MA2C196 Silicon epitaxial planar type 1  2  Panasonic Semiconductor
MA2YD21 Silicon epitaxial planar type 1  2  3  Panasonic Semiconductor
MA2S376 Silicon epitaxial planar type 1  2  Panasonic Semiconductor
MA2X339 Silicon epitaxial planar type 1  2  Panasonic Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn