Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HLMP-SL10 Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part # HLMP-SL10
Description  4 mm Oval Precision Optical Performance LED Lamps
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-SL10 Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

  HLMP-SL10 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HLMP-SL10 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMP-SL10 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-SL10 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-SL10 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-SL10 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HLMP-SL10 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HLMP-SL10 Datasheet HTML 8Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Package Dimensions
4.0 ± 0.20
(0.157 ± 0.008)
1.25 ± 0.20
(0.049 ± 0.008)
0.80
(0.016)
MAX. EPOXY MENISCUS
9.50 ± 0.50
(0.374 ± 0.007)
0.44 ± 0.20
(0.017 ± 0.008)
CATHODE
LEAD
A
6.30 ± 0.20
(0.248 ± 0.008)
2.54 ± 0.30
(0.100 ± 0.012)
21.0
(0.827)
MIN.
1.0
(0.039)
MIN.
0.40
+0.10
–0
(0.016
+0.004
–0.000)
0.45
+0.10
–0.04
(0.018
+0.004
–0.002)
4.0 ± 0.20
(0.157 ± 0.008)
1.25 ± 0.20
(0.049 ± 0.008)
0.80
(0.016)
MAX. EPOXY MENISCUS
9.50 ± 0.50
(0.374 ± 0.007)
0.44 ± 0.20
(0.017 ± 0.008)
CATHODE
LEAD
B
6.30 ± 0.20
(0.248 ± 0.008)
2.54 ± 0.30
(0.100 ± 0.012)
21.0
(0.827)
MIN.
1.0
(0.039)
MIN.
0.40
+0.10
–0
(0.016
+0.004
–0.000)
0.45
+0.10
–0.04
(0.018
+0.004
–0.002)
DIMENSIONS ARE IN MILLIMETERS (INCHES).
Notes:
1. The luminous intensity is measured on the mechanical axis of the lamp package.
2. The optical axis is closely aligned with the package mechanical axis.
3. The dominant wavelength,
λd, is derived from the CIE Chromaticity Diagram and represents the color of the lamp.
Device Selection Guide for AlInGaP
Color and
Luminous
Dominant
Intensity
Wavelength
IV (mcd) at 20 mA
Leads with
Leadframe
Package
Part Number
λd (nm) Typ.
Min.
Max.
Stand-Offs
Orientation
Drawing
HLMP-SG10-GK000
Red 626
120
460
Yes
Perpendicular
A
HLMP-RG10-GK000
Red 626
120
460
Yes
Parallel
B
HLMP-SG10-JM000
Red 626
205
780
Yes
Perpendicular
A
HLMP-RG10-JM000
Red 626
205
780
Yes
Parallel
B
HLMP-SL10-FJ000
Amber 590
96
360
Yes
Perpendicular
A
HLMP-RL10-FJ000
Amber 590
96
360
Yes
Parallel
B
HLMP-SL10-HL000
Amber 590
155
600
Yes
Perpendicular
A
HLMP-RL10-HL000
Amber 590
155
600
Yes
Parallel
B
HLMP-SL10-LP000
Amber 590
345
1330
Yes
Perpendicular
A
HLMP-RL10-LP000
Amber 590
345
1330
Yes
Parallel
B


Similar Part No. - HLMP-SL10

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-SL10 AVAGO-HLMP-SL10 Datasheet
239Kb / 9P
   4 mm Super Oval Precision Optical Performance AlInGaP and InGaN LEDs
HLMP-SL10-LP0XX AVAGO-HLMP-SL10-LP0XX Datasheet
239Kb / 9P
   4 mm Super Oval Precision Optical Performance AlInGaP and InGaN LEDs
More results

Similar Description - HLMP-SL10

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-LB11 AVAGO-HLMP-LB11 Datasheet
369Kb / 8P
   4 mm Precision Optical Performance InGaN Standard Oval LED Lamps
logo
Unity Opto Technology
MVL-63XXX UOT-MVL-63XXX Datasheet
151Kb / 16P
   OVAL PRECISION OPTICAL PERFORMANCE LED LAMPs
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-HB55 AVAGO-HLMP-HB55 Datasheet
101Kb / 12P
   5 mm Precision Optical Performance InGaN Oval LED Lamps
HLMP-HD57 AVAGO-HLMP-HD57 Datasheet
72Kb / 3P
   5 mm Precision Optical Performance Red Oval Plastic Lamps
HLMP-SL11 AVAGO-HLMP-SL11 Datasheet
205Kb / 7P
   4 mm Oval Precision Optical Performance Best Value AlInGaP and InGaN Lamps
HLMP-HD57 AVAGO-HLMP-HD57 Datasheet
343Kb / 8P
   5 mm Standard Oval Precision Optical Performance Red LED
logo
Agilent(Hewlett-Packard...
ALMP-ALXX HP-ALMP-ALXX Datasheet
92Kb / 10P
   Oval Precision Optical Performance AlInGaP and InGaN Lamps
HLMP-ABXX HP-HLMP-ABXX Datasheet
103Kb / 10P
   Oval Precision Optical Performance AlInGaP and InGaN Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-AD06-NSTXX AVAGO-HLMP-AD06-NSTXX Datasheet
379Kb / 12P
   5mm mini Oval Precision Optical Performance AlInGaP Lamps
HLMP-BL06-QRKDD AVAGO-HLMP-BL06-QRKDD Datasheet
379Kb / 12P
   5mm mini Oval Precision Optical Performance AlInGaP Lamps
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com