Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF


HD74ALVC1G14 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part No. HD74ALVC1G14
Description  Schmitt-trigger Inverter Buffer
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RENESAS [Renesas Technology Corp]
Homepage  http://www.renesas.com
Logo 

 
 3 page
background image
HD74ALVC1G14
Rev.3.00, Nov.12.2003, page 3 of 9
Pin Arrangement
(Top view)
1
NC
IN A
GND
VCC
OUT
Y
2
3
5
4
Absolute Maximum Ratings
Item
Symbol
Ratings
Unit
Conditions
Supply voltage range
VCC
−0.5 to 4.6
V
Input voltage range
*1
VI
−0.5 to 4.6
V
−0.5 to VCC+0.5
Output : H or L
Output voltage range
*1, 2
VO
−0.5 to 4.6
V
VCC : OFF
Input clamp current
IIK
−50
mA
VI < 0
Output clamp current
IOK
±50
mA
VO < 0 or VO > VCC
Continuous output current
IO
±50
mA
VO = 0 to VCC
Continuous current through
VCC or GND
ICC or IGND
±100
mA
Maximum power dissipation
at Ta = 25°C (in still air)
*3
PT
200
mW
Storage temperature
Tstg
−65 to 150
°C
Notes:
The absolute maximum ratings are values, which must not individually be exceeded, and
furthermore, no two of which may be realized at the same time.
1. The input and output voltage ratings may be exceeded if the input and output clamp-current
ratings are observed.
2. This value is limited to 4.6 V maximum.
3. The maximum package power dissipation was calculated using a junction temperature of 150°C.




Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MC10195Hex Inverter/Buffer 1 2 3 4 ON Semiconductor
74F540Octal inverter buffer 3- State 1 2 3 4 5 MoreNXP Semiconductors
TC74LCX540FLOW VOLTAGE OCTAL BUS BUFFER INVERTER WITH 5V TOLERANT INPUTS AND OUTPUTS 1 2 3 4 5 MoreToshiba Semiconductor
74LVC1G17Single Schmitt-trigger buffer 1 2 3 4 5 MoreNXP Semiconductors
NL37WZ17Triple Noninverting Schmitt-Trigger Buffer 1 2 3 4 5 MoreON Semiconductor
CD4502BCMOS Strobed Hex Inverter/Buffer 1 2 3 4 5 MoreTexas Instruments
IN74ACT14HEX SCHMITT-TRIGGER INVERTER 1 2 3 4 Integral Corp.
HD14049UBHex Inverter/Buffer 1 2 3 4 5 MoreHitachi Semiconductor
MC74HC14AHex Schmitt-Trigger Inverter 1 2 3 4 5 MoreON Semiconductor
74F756Octal inverter buffer open-collector 1 2 3 4 5 MoreNXP Semiconductors

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl