Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF


HD74ALVC1G14 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part No. HD74ALVC1G14
Description  Schmitt-trigger Inverter Buffer
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RENESAS [Renesas Technology Corp]
Homepage  http://www.renesas.com
Logo 

 
 1 page
background image
Rev.3.00, Nov.12.2003, page 1 of 9
HD74ALVC1G14
Schmitt-trigger Inverter Buffer
REJ03D0111–0300Z
(Previous ADE-205-627B (Z))
Rev.3.00
Nov.12.2003
Description
The HD74ALVC1G14 has an inverter with schmitt-trigger input in a 5 pin package. Low voltage and high-
speed operation is suitable for the battery powered products (e.g., notebook computers), and the low power
consumption extends the battery life.
Features
• The basic gate function is lined up as Renesas uni logic series.
• Supplied on emboss taping for high-speed automatic mounting.
• Supply voltage range : 1.2 to 3.6 V
Operating temperature range :
−40 to +85°C
• All inputs V
IH (Max.) = 3.6 V (@VCC = 0 V to 3.6 V)
All outputs VO (Max.) = 3.6 V (@VCC = 0 V)
• Output current
±2 mA (@V
CC = 1.2)
±4 mA (@V
CC = 1.4 V to 1.6 V)
±6 mA (@V
CC = 1.65 V to 1.95 V)
±18 mA (@V
CC = 2.3 V to 2.7 V)
±24 mA (@V
CC = 3.0 V to 3.6 V)
• All the logical input has hysteresis voltage for the slow transition.
• Ordering Information
Part Name
Package Type
Package Code
Package
Abbreviation
Taping Abbreviation
(Quantity)
HD74ALVC1G14VSE
VSON-5 pin
TNP-5DV
VS
E (3,000 pcs/reel)




Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MC10195Hex Inverter/Buffer 1 2 3 4 ON Semiconductor
74F540Octal inverter buffer 3- State 1 2 3 4 5 MoreNXP Semiconductors
TC74LCX540FLOW VOLTAGE OCTAL BUS BUFFER INVERTER WITH 5V TOLERANT INPUTS AND OUTPUTS 1 2 3 4 5 MoreToshiba Semiconductor
74LVC1G17Single Schmitt-trigger buffer 1 2 3 4 5 MoreNXP Semiconductors
NL37WZ17Triple Noninverting Schmitt-Trigger Buffer 1 2 3 4 5 MoreON Semiconductor
CD4502BCMOS Strobed Hex Inverter/Buffer 1 2 3 4 5 MoreTexas Instruments
IN74ACT14HEX SCHMITT-TRIGGER INVERTER 1 2 3 4 Integral Corp.
HD14049UBHex Inverter/Buffer 1 2 3 4 5 MoreHitachi Semiconductor
MC74HC14AHex Schmitt-Trigger Inverter 1 2 3 4 5 MoreON Semiconductor
74F756Octal inverter buffer open-collector 1 2 3 4 5 MoreNXP Semiconductors

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl