Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FPDB20PH60 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part No. FPDB20PH60
Description  Smart Power Module for Front-End Rectifier
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

FPDB20PH60 Datasheet(HTML) 1 Page - Fairchild Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
©2005 Fairchild Semiconductor Corporation
January, 2006
FPDB20PH60
Smart Power Module for Front-End Rectifier
General Description
FPDB20PH60 is an advanced smart power module of
PFC(Power Factor Correction) that Fairchild has newly
developed and designed mainly targeting mid-power
application especially for an air conditioners. It combines
optimized circuit protection and drive IC matched to high
frequency switching IGBTs. System reliability is futher
enhanced by the integrated under-voltage lock-out and
over-current protection function.
Features
• Low thermal resistance due to Al2O3-DBC substrate
• 600V-20A 2-phase IGBT PWM semi-converter including
a drive IC for gate driving and protection
• Typical switching frequency of 20kHz
• Isolation rating of 2500Vrms/min.
Applications
• AC 180V ~ 264V single-phase front-end rectifier
Fig. 1.
26.8mm
44mm
Top View
Bottom View
26.8mm
44mm
Top View
Bottom View
January, 2006


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn