Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FPDB20PH60 Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part No. FPDB20PH60
Description  Smart Power Module for Front-End Rectifier
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

FPDB20PH60 Datasheet(HTML) 6 Page - Fairchild Semiconductor

Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
©2005 Fairchild Semiconductor Corporation
January, 2006
Electrical Characteristics
Fig. 4. Switching Time Definition
Mechanical Characteristics and Ratings
Fig. 5. Flatness Measurement Position
Item
Condition
Limits
Units
Min.
Typ.
Max.
Mounting Torque
Mounting Screw: - M3
Recommended 0.62N•m
0.51
0.62
0.72
N•m
Device Flatness
Note Fig. 5
0
-
+120
µm
Weight
-15.00
-
g
t
ON
t
C(ON)
t
rr
I
rr
10% of I
C
100% of I
C
90% of I
C
120% of I
C
15% of V
CE
(a) Turn-on
t
OFF
t
C(OFF)
(b) Turn-off
I
C
V
CE
V
CE
I
C
V
IN
V
IN
15% of V
CE
10% of I
C
(+)
(+)
(+)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn