Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FPDB20PH60 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part No. FPDB20PH60
Description  Smart Power Module for Front-End Rectifier
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

FPDB20PH60 Datasheet(HTML) 5 Page - Fairchild Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
©2005 Fairchild Semiconductor Corporation
January, 2006
Electrical Characteristics (T
J = 25°C, Unless Otherwise Specified)
Converter Part
Note
3. tON and tOFF include the propagation delay time of the internal drive IC. tC(ON) and tC(OFF) are the switching time of IGBT itself under the given gate driving condition
internally. For the detailed information, please see Fig. 4
Control Part
Note
4. The fault-out pulse width tFOD depends on the capacitance value of CFOD according to the following approximate equation : CFOD = 18.3 x 10
-6 x t
FOD[F]
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
IGBT saturation voltage
VCE(sat)
VCC =15V, VIN = 5V; IC =20A
-
2.4
3.0
V
High-side diode voltage
VFH
IF = 20A
-
1.9
2.7
V
Low-side diode voltage
VFL
IF = 20A
-
1.1
1.5
V
Switching Times
tON
VPN = 400V, VCC = 15V, IC =20A
VIN = 0V ↔ 5V, Inductive Load
(Note 3)
-690
-
ns
tC(ON)
-510
-
ns
tOFF
-450
-
ns
tC(OFF)
-120
-
ns
trr
-50
-
ns
Irr
-2
-
A
Current sensing resistor
RSENSE
3.6
4.0
4.4
m
Collector - emitter
Leakage Current
ICES
VCE = VCES
--
250
µA
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Quiescent VCC Supply Cur-
rent
IQCCL
VCC = 15V, IN = 0V VCC - COM
-
-
26
mA
Fault Output Voltage
VFOH
VSC = 0V, VFO Circuit: 4.7kΩ to 5V Pull-up
4.5
-
-
V
VFOL
VSC = 1V, VFO Circuit: 4.7kΩ to 5V Pull-up
-
-
0.8
V
Over Current Trip Level
VSC(ref) VCC = 15V
0.45
0.5
0.55
V
Supply Circuit Under-
Voltage Protection
UVCCD Detection Level
10.7
11.9
13.0
V
UVCCR Reset Level
11.2
12.4
13.2
V
Fault-out Pulse Width
tFOD
CFOD = 33nF (Note 4)
1.4
1.8
2.0
ms
ON Threshold Voltage
VIN(ON) Applied between IN - COM
3.0
-
-
V
OFF Threshold Voltage
VIN(OFF)
--
0.8
V
Resistance of Thermistor
RTH
@ TC = 25°C (Note Fig. 9)
-
50
-
k
@ TC = 80°C (Note Fig. 9)
-
5.76
-
k


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn