Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FMS7951 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FMS7951
Description  Zero Delay Clock Multiplier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FMS7951 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FMS7951 Datasheet HTML 1Page - Fairchild Semiconductor FMS7951 Datasheet HTML 2Page - Fairchild Semiconductor FMS7951 Datasheet HTML 3Page - Fairchild Semiconductor FMS7951 Datasheet HTML 4Page - Fairchild Semiconductor FMS7951 Datasheet HTML 5Page - Fairchild Semiconductor FMS7951 Datasheet HTML 6Page - Fairchild Semiconductor FMS7951 Datasheet HTML 7Page - Fairchild Semiconductor FMS7951 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
FMS7951
PRODUCT SPECIFICATION
REV. 1.0.0 1/9/01
5
Note:
1. Guaranteed by design, not subject to 100% production testing.
Rise Time(1)
TR
0.8 to 2.0V
0.10
1.0
nS
Fall Time(1)
TF
2.0 to 0.8V
0.10
1.0
nS
Duty Cycle(1)
DT
VTH = VDD/2
45
55
%
Jitter (Cycle-Cycle)
TJIT
QA: DIV_SEL A = 0
450
pS
QA: DIV_SEL A = 1
200
QB Output
200
QC(0:1) Outputs
300
QD(0:4) Outputs
375
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
AC Electrical Characteristics (Cont.)
TA = 0 to 70°C; Supply Voltage VDD = 3.3V ±0.2V, CL = 10 pF (unless otherwise stated)


Similar Part No. - FMS7951

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FMS7401 FAIRCHILD-FMS7401 Datasheet
1Mb / 80P
   Digital Power Controller
FMS7401 FAIRCHILD-FMS7401 Datasheet
66Kb / 4P
   PCB Layout Considerations for Video Filter / Drivers
FMS7401L FAIRCHILD-FMS7401L Datasheet
1Mb / 81P
   Digital Power Controller
FMS7401LEM8X FAIRCHILD-FMS7401LEM8X Datasheet
1Mb / 81P
   Digital Power Controller
FMS7401LEMT8X FAIRCHILD-FMS7401LEMT8X Datasheet
1Mb / 81P
   Digital Power Controller
More results

Similar Description - FMS7951

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT2308B IDT-IDT2308B Datasheet
295Kb / 13P
   3.3V ZERO DELAY CLOCK MULTIPLIER
IDT2308-1HDC8 IDT-IDT2308-1HDC8 Datasheet
171Kb / 13P
   3.3V ZERO DELAY CLOCK MULTIPLIER
IDT2308 IDT-IDT2308 Datasheet
144Kb / 13P
   3.3V ZERO DELAY CLOCK MULTIPLIER
IDT2308 IDT-IDT2308_10 Datasheet
171Kb / 13P
   3.3V ZERO DELAY CLOCK MULTIPLIER
logo
Renesas Technology Corp
IDT2308A RENESAS-IDT2308A Datasheet
237Kb / 11P
   3.3V ZERO DELAY CLOCK MULTIPLIER
AUGUST 2012
logo
Integrated Device Techn...
IDT2308A IDT-IDT2308A Datasheet
81Kb / 10P
   3.3V ZERO DELAY CLOCK MULTIPLIER
logo
Renesas Technology Corp
IDT2308 RENESAS-IDT2308 Datasheet
309Kb / 14P
   3.3V ZERO DELAY CLOCK MULTIPLIER
AUGUST 2012
logo
Integrated Device Techn...
2308B-1HDCG8 IDT-2308B-1HDCG8 Datasheet
134Kb / 13P
   3.3V ZERO DELAY CLOCK MULTIPLIER
logo
Renesas Technology Corp
2308B RENESAS-2308B Datasheet
891Kb / 18P
   3.3 VOLT ZERO DELAY CLOCK MULTIPLIER
MAY 21, 2021
logo
Integrated Device Techn...
IDT23S08 IDT-IDT23S08_09 Datasheet
77Kb / 10P
   3.3V ZERO DELAY CLOCK MULTIPLIER, SPREAD SPECTRUM COMPATIBLE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com