Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1334090 Datasheet(PDF) 8 Page - PHOENIX CONTACT

Part # 1334090
Description  SMD female connector, Reflow soldering
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1334090 Datasheet(HTML) 8 Page - PHOENIX CONTACT

Back Button 1334090 Datasheet HTML 4Page - PHOENIX CONTACT 1334090 Datasheet HTML 5Page - PHOENIX CONTACT 1334090 Datasheet HTML 6Page - PHOENIX CONTACT 1334090 Datasheet HTML 7Page - PHOENIX CONTACT 1334090 Datasheet HTML 8Page - PHOENIX CONTACT 1334090 Datasheet HTML 9Page - PHOENIX CONTACT 1334090 Datasheet HTML 10Page - PHOENIX CONTACT 1334090 Datasheet HTML 11Page - PHOENIX CONTACT 1334090 Datasheet HTML 12Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
1334090 FS 0,635/ 40-FV-R-10,0
REF
PHOENIX CONTACT
8 / 18
2022-03-29
Product version 00
Document revision 00
10
Product notes
Notes on operation
The permissible voltage during operation depends on the application, taking into
consideration the air clearances and creepage distances within the scope of in-
sulation requirements in accordance with IEC 60664-1.
10.1
General information
Type of packaging
44 mm wide tape
Pieces per package
350
Outer packaging type
Transparent-Bag
ESD level
(D) electrostatically conductive
Specification
DIN EN 61340-5-1 (VDE 0300-5-1): 2008-07
[W] tape width
44 mm
[A] coil diameter
330 mm
[W2] coil overall dimension
50.4 mm
Number of products per coil
350
11
Packaging information
A
W
W
2


Similar Part No. - 1334090

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1334091 PHOENIX-1334091 Datasheet
881Kb / 18P
   SMD female connector, Reflow soldering
version 00 2022-03-29
1334092 PHOENIX-1334092 Datasheet
1Mb / 18P
   SMD female connector, Reflow soldering
version 00 2022-03-29
More results

Similar Description - 1334090

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1061643 PHOENIX-1061643 Datasheet
694Kb / 16P
   SMD female connector, Reflow soldering
1331962 PHOENIX-1331962 Datasheet
700Kb / 17P
   SMD female connector, Reflow soldering
2022-03-29 version 00
1333897 PHOENIX-1333897 Datasheet
734Kb / 17P
   SMD female connector, Reflow soldering
version 00 2022-03-29
1333898 PHOENIX-1333898 Datasheet
768Kb / 17P
   SMD female connector, Reflow soldering
version 00 2022-03-29
1334092 PHOENIX-1334092 Datasheet
1Mb / 18P
   SMD female connector, Reflow soldering
version 00 2022-03-29
1334089 PHOENIX-1334089 Datasheet
784Kb / 18P
   SMD female connector, Reflow soldering
version 00 2022-03-29
1334091 PHOENIX-1334091 Datasheet
881Kb / 18P
   SMD female connector, Reflow soldering
version 00 2022-03-29
1333899 PHOENIX-1333899 Datasheet
798Kb / 17P
   SMD female connector, Reflow soldering
version 00 2022-03-29
1061583 PHOENIX-1061583 Datasheet
574Kb / 15P
   SMD female connector, Reflow soldering
1061580 PHOENIX-1061580 Datasheet
563Kb / 15P
   SMD female connector, Reflow soldering
1714879 PHOENIX-1714879 Datasheet
793Kb / 16P
   SMD female connector, Reflow soldering
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com