Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG9408 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # DG9408
Description  Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG9408 Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button DG9408 Datasheet HTML 2Page - Vishay Siliconix DG9408 Datasheet HTML 3Page - Vishay Siliconix DG9408 Datasheet HTML 4Page - Vishay Siliconix DG9408 Datasheet HTML 5Page - Vishay Siliconix DG9408 Datasheet HTML 6Page - Vishay Siliconix DG9408 Datasheet HTML 7Page - Vishay Siliconix DG9408 Datasheet HTML 8Page - Vishay Siliconix DG9408 Datasheet HTML 9Page - Vishay Siliconix DG9408 Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
DG9408/9409
Vishay Siliconix
New Product
www.vishay.com
6
Document Number: 71870
S-21060—Rev. A, 05-Aug-02
SPECIFICATIONS (SINGLE SUPPLY 3 V)
Test Conditions
Unless Otherwise Specified
Limits
-40 to 85
_C
Parameter
Symbol
V+ = 3 V,
"10%, V- = 0 V
VEN = 0.4 V or 1.8 Vf
Tempb
Minc
Typd
Maxc
Unit
Analog Switch
Analog Signal Rangee
VANALOG
Full
0
3
V
On-Resistance
rON
V+ = 2.7 V, VD = 0.5 or 2.2 V, IS = 5 mA
Room
Full
12
25.5
26.5
rON Match Between Channelsg
DrON
Room
3.6
W
On-Resistance Flatnessi
rON
Flatness
V+ =
"2.7 V, VD = 0.5 V or 2.2 V, IS = 5 mA
Room
13
IS(off)
V+ = 3.3 V
Room
Full
-2
-15
2
15
Switch Off Leakage Current a
ID(off)
V+ = 3.3 V
VS = 2 or 1 V, VD = 1 or 2 V
Room
Full
-2
-15
2
15
nA
Channel On Leakage Currenta
ID(on)
V+ = 3.3 V
VD = VS = 1 or 2 V, Sequence Each Switch On
Room
Full
-2
-15
2
15
Digital Control
Logic High Input Voltage
VINH
Full
1.8
Logic Low Input Voltage
VINL
Full
0.4
V
Input Current a
IIN
VAX = VEN = 1.8 V or 0.4 V
Full
-1
1
mA
Dynamic Characteristics
Transition Time
tTRANS
VS1 = 1.5 V, VS8 = 0 V, (DG9408)
VS1b = 1.5 V, VS4b = 0 V, (DG9409)
See Figure 2
Room
Full
140
165
182
Break-Before-Make Time
tBBM
VS(all) = VDA = 1.5 V
See Figure 4
Room
Full
2
63
ns
Enable Turn-On Time
tON(EN)
VAX = 0 V, VS1 = 1.5 V (DG9408)
Room
Full
140
162
178
ns
Enable Turn-Off Time
tOFF(EN)
VAX = 0 V, VS1b = 1.5 V (DG9409)
See Figure 3
Room
Full
76
97
104
Charge Injectione
Q
CL = 1 nF, RGEN = 0 W, VGEN = 0 V
Room
7
pC
Off Isolatione, h
OIRR
W
Room
-81
Crosstalke
XTALK
f = 100 kHz, RL = 1 kW
Room
-85
dB
DG9408
Room
23
Source Off Capacitancee
CS(off)
f = 1 MHz, VS = 0 V, VEN = 1.8 V
DG9409
Room
25
DG9408
Room
230
Drain Off Capacitancee
CD(off)
f = 1 MHz, VD = 0 V, VEN = 1.8 V
DG9409
Room
120
pF
DG9408
Room
256
Drain On Capacitancee
CD(on)
f = 1 MHz, VD = 0 V, VEN = 0 V
DG9409
Room
147
Power Supplies
Power Supply Current
I+
VEN = VA = 0 V or V+
Room
1.0
mA
Notes
a.
Leakage parameters are guaranteed by worst case test condition and not subject to production test.
b.
Room = 25
_C, Full = as determined by the operating temperature suffix.
c.
The algebraic convention whereby the most negative value is a minimum and the most positive a maximum, is used in this data sheet.
d.
Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing.
e.
Guaranteed by design, not subject to production test.
f.
VIN = input voltage to perform proper function.
g.
DrDON = rDON Max - rDON Min.
h.
Worst case isolation occurs on Channel 4 do to proximity to the drain pin.
i.
rDON flatness is measured as the difference between the minimum and maximum measured values across a defined Analog signal.


Similar Part No. - DG9408

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG9408 VISHAY-DG9408 Datasheet
178Kb / 13P
   Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
Rev. B, 07-Apr-08
DG9408 VISHAY-DG9408 Datasheet
228Kb / 16P
   Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
Rev. C, 20-Jun-11
DG9408DN-T1 VISHAY-DG9408DN-T1 Datasheet
178Kb / 13P
   Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
Rev. B, 07-Apr-08
DG9408DN-T1-E4 VISHAY-DG9408DN-T1-E4 Datasheet
178Kb / 13P
   Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
Rev. B, 07-Apr-08
DG9408DN-T1-E4 VISHAY-DG9408DN-T1-E4 Datasheet
228Kb / 16P
   Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
Rev. C, 20-Jun-11
More results

Similar Description - DG9408

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG9408 VISHAY-DG9408_11 Datasheet
228Kb / 16P
   Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
Rev. C, 20-Jun-11
DG3408 VISHAY-DG3408_11 Datasheet
148Kb / 14P
   Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
Rev. E, 28-Feb-11
DG3408 VISHAY-DG3408 Datasheet
170Kb / 14P
   Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
Rev. D, 30-Apr-07
DG408L VISHAY-DG408L_11 Datasheet
216Kb / 15P
   Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
Rev. G, 30-May-11
DG408L VISHAY-DG408L_V01 Datasheet
277Kb / 16P
   Precision 8-Ch / Dual 4-Ch Low Voltage Analog Multiplexers
08-Feb-17
DG408L VISHAY-DG408L Datasheet
93Kb / 11P
   Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
Rev. D, 07-Apr-03
DG408L VISHAY-DG408L_08 Datasheet
157Kb / 12P
   Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
Rev. E, 25-Jun-07
DG3408 VISHAY-DG3408_V01 Datasheet
215Kb / 15P
   Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
08-Feb-17
DG9408 VISHAY-DG9408_08 Datasheet
178Kb / 13P
   Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
Rev. B, 07-Apr-08
DG9051 VISHAY-DG9051 Datasheet
165Kb / 12P
   Precision 8-Ch/Dual 4-Ch/Triple 2-Ch Low Voltage Analog Switches/Multiplexers
Rev. A, 10-Oct-05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com