Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MA2X073 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part No. MA2X073
Description  Silicon epitaxial planar type
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MA2X073 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  MA2X073 Datasheet HTML 1Page - Panasonic Semiconductor MA2X073 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Band Switching Diodes
2
MA2X073
IF  VF
rf  f
rf  IF
IR  Ta
CD  VR
10−1
0
0.2
0.4
0.6
0.8
1.0
1
10
102
103
Forward voltage V
F
(V)
Ta
= 25°C
0.1
10
1
0.2
2
0.3
3
0.5
5
0
8
16
24
32
4
12202836 40
Reverse voltage V
R
(V)
f
= 1 MHz
Ta
= 25°C
10−2
0
40
80
120
160
20
60
100
140
10−1
1
10
102
Ambient temperature T
a
(
°C)
VR
= 33 V
0
0.4
0.2
0.8
0.6
1.0
110
3
30
100
Forward current I
F
(mA)
f
= 100 MHz
Ta
= 25°C
0
0.4
0.2
0.8
0.6
1.0
10
100
30
300
1 000
Frequency f (MHz)
IF
= 2 mA
Ta
= 25°C


Html Pages

1  2 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
MA2Z001 Silicon epitaxial planar type For switching circuits 1  2  Panasonic Semiconductor
2SA2118 Power Transistors Silicon PNP epitaxial planar type 1  2  3  Panasonic Semiconductor
XP01211 Silicon NPN epitaxial planar type 1  2  3  Panasonic Semiconductor
MA26V05 Silicon epitaxial planar type 1  2  3  Panasonic Semiconductor
2SB1253 Silicon PNP epitaxial planar type Darlington For power amplification 1  2  3  Panasonic Semiconductor
2SD1752 Silicon NPN epitaxial planar type 1  2  3  Panasonic Semiconductor
MA2C196 Silicon epitaxial planar type 1  2  Panasonic Semiconductor
MA2YD21 Silicon epitaxial planar type 1  2  3  Panasonic Semiconductor
MA2S376 Silicon epitaxial planar type 1  2  Panasonic Semiconductor
MA2X339 Silicon epitaxial planar type 1  2  Panasonic Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn