Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MA2X073 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part No. MA2X073
Description  Silicon epitaxial planar type
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MA2X073 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  MA2X073 Datasheet HTML 1Page - Panasonic Semiconductor MA2X073 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
Band Switching Diodes
MA2X073
Silicon epitaxial planar type
For band switching
I Features
• Low forward dynamic resistance r
f
• Less voltage dependence of diode capacitance C
D
• Mini type package, allowing downsizing of equipment and
automatic insertion through the taping package
I Absolute Maximum Ratings T
a = 25°C
Unit : mm
Parameter
Symbol
Rating
Unit
Reverse voltage (DC)
VR
35
V
Forward current (DC)
IF
100
mA
Operating ambient temperature*
Topr
−25 to +85
°C
Storage temperature
Tstg
−55 to +150
°C
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Reverse current (DC)
IR
VR = 33 V
0.01
100
nA
Forward voltage (DC)
VF
IF = 100 mA
0.92
1
V
Diode capacitance
CD
VR = 6 V, f = 1 MHz
0.9
1.2
pF
Forward dynamic resistance*
rf
IF = 2 mA, f = 100 MHz
0.65
0.85
I Electrical Characteristics T
a = 25
°C
Note) 1
.Rated input/output frequency: 100 MHz
2. * : rf measuring instrument: YHP MODEL 4191A RF IMPEDANCE ANALYZER
Marking Symbol: 4B
Note) * : Maximum ambient temperature during operation
1 : Anode
2 : Cathode
Mini Type Package (2-pin)
12
3.3
± 0.2
*(3. 8
± 0.2)
2.7
+ 0.2
− 0.1
INDICATES
CATHODE
5
°
5
°
*(
): WL type


Html Pages

1  2 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
MA2Z001 Silicon epitaxial planar type For switching circuits 1  2  Panasonic Semiconductor
2SA2118 Power Transistors Silicon PNP epitaxial planar type 1  2  3  Panasonic Semiconductor
XP01211 Silicon NPN epitaxial planar type 1  2  3  Panasonic Semiconductor
MA26V05 Silicon epitaxial planar type 1  2  3  Panasonic Semiconductor
2SB1253 Silicon PNP epitaxial planar type Darlington For power amplification 1  2  3  Panasonic Semiconductor
2SD1752 Silicon NPN epitaxial planar type 1  2  3  Panasonic Semiconductor
MA2C196 Silicon epitaxial planar type 1  2  Panasonic Semiconductor
MA2YD21 Silicon epitaxial planar type 1  2  3  Panasonic Semiconductor
MA2S376 Silicon epitaxial planar type 1  2  Panasonic Semiconductor
MA2X339 Silicon epitaxial planar type 1  2  Panasonic Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn