Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STC12C5404 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # STC12C5404
Description  STC12C5410AD
Download  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

STC12C5404 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button STC12C5404 Datasheet HTML 2Page - List of Unclassifed Manufacturers STC12C5404 Datasheet HTML 3Page - List of Unclassifed Manufacturers STC12C5404 Datasheet HTML 4Page - List of Unclassifed Manufacturers STC12C5404 Datasheet HTML 5Page - List of Unclassifed Manufacturers STC12C5404 Datasheet HTML 6Page - List of Unclassifed Manufacturers STC12C5404 Datasheet HTML 7Page - List of Unclassifed Manufacturers STC12C5404 Datasheet HTML 8Page - List of Unclassifed Manufacturers STC12C5404 Datasheet HTML 9Page - List of Unclassifed Manufacturers STC12C5404 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 149 page
background image
宏晶科技:www.MCU-Memory.com   Mobile:13922805190(姚永平)   Tel:0755-82948409    Fax: 0755-82944243
宏晶科技:专业单片机 / 存储器供应商   www.MCU-Memory.com   STC12C5410AD 系列 1T 8051 单片机中文指南
特点 :
1. 增强型 1T 流水线 / 精简指令集结构 8051 CPU
2.  工作电压:5.5V - 3.4V(5V 单片机)  /  3.8V - 2.0V(3V 单片机)
3.  工作频率范围:0 - 35 MHz,相当于普通 8051 的  0~420MHz.实际工作频率可达 48MHz.
4. 用户应用程序空间 12K / 10K / 8K / 6K / 4K / 2K 字节
5. 片上集成 512 字节 RAM
6. 通用 I/O 口(27/23 个),复位后为: 准双向口 / 弱上拉(普通 8051 传统 I/O 口)
     可设置成四种模式:准双向口 / 弱上拉,推挽 / 强上拉,仅为输入 / 高阻,开漏
       每个 I/O 口驱动能力均可达到 20mA,但整个芯片最大不得超过 55mA
7. ISP(在系统可编程)/IAP(在应用可编程),无需专用编程器
      可通过串口(P3.0/P3.1)直接下载用户程序,数秒即可完成一片
8.  EEPROM 功能
9.  看门狗
10 .内部集成 MAX810 专用复位电路(外部晶体 20M 以下时,可省外部复位电路)
11 .时钟源:外部高精度晶体 / 时钟,内部 R/C  振荡器
          用户在下载用户程序时,可选择是使用内部 R/C 振荡器还是外部晶体 / 时钟
          常温下内部 R/C 振荡器频率为:5.2MHz ~ 6.8MHz
         精度要求不高时,可选择使用内部时钟,但因为有温漂,应认为是 4MHz  ~ 8MHz
12.共 2 个 16 位定时器 / 计数器
13.外部中断 2 路,下降沿中断或低电平触发中断,Power Down 模式可由外部中断低电平触发中断方式唤醒
14 .PWM(4 路)/PCA (可编程计数器阵列),也可用来再实现 4 个定时器
        --- 也可用来再实现 4 个定时器或 4 个外部中断(上升沿中断 / 下降沿中断均可支持)
15. ADC, 10 位精度 ADC,共 8 路
16. 通用异步串行口(UART)
17. SPI 同步通信口,  主模式 / 从模式
18.工作温度范围: 0 - 75℃ / -40 - +85℃
19.封装: PDIP-28,SOP-28,PDIP-20,SOP-20,PLCC-32,TSSOP-20(超小封状,定货)
    STC12C5410 系列单片机是单时钟 / 机器周期(1T)的兼容 8051 内核单片机,是高速 / 低功耗的新一代
8051 单片机,全新的流水线 / 精简指令集结构,内部集成 MAX810 专用复位电路。
         STC12C5410AD 系列 1T 单片机简介


Similar Part No. - STC12C5404

ManufacturerPart #DatasheetDescription
logo
STCmicro Technology Co,...
STC12C5604 STC-STC12C5604 Datasheet
1Mb / 377P
   Enhanced 8051 Central Processing Unit ,1T per machine cycle, faster 8~12 times than the rate of a standard 8051.
2011-7-15
STC12C5604AD STC-STC12C5604AD Datasheet
1Mb / 377P
   Enhanced 8051 Central Processing Unit ,1T per machine cycle, faster 8~12 times than the rate of a standard 8051.
2011-7-15
STC12C5604AD-35C STC-STC12C5604AD-35C Datasheet
1Mb / 377P
   Enhanced 8051 Central Processing Unit ,1T per machine cycle, faster 8~12 times than the rate of a standard 8051.
2011-7-15
STC12C5604AD-35I STC-STC12C5604AD-35I Datasheet
1Mb / 377P
   Enhanced 8051 Central Processing Unit ,1T per machine cycle, faster 8~12 times than the rate of a standard 8051.
2011-7-15
STC12C5608 STC-STC12C5608 Datasheet
1Mb / 377P
   Enhanced 8051 Central Processing Unit ,1T per machine cycle, faster 8~12 times than the rate of a standard 8051.
2011-7-15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com