Electronic Components Datasheet Search |
|
TS391A Datasheet(PDF) 1 Page - Unisonic Technologies |
|
TS391A Datasheet(HTML) 1 Page - Unisonic Technologies |
1 / 5 page UTC TS391/A LINEAR INTEGRATED CIRCUIT UTC UNISONIC TECHNOLOGIES CO. LTD 1 QW-R104-003,A LOW POWER SINGLE VOLTAGE COMPARATOR DESCRIPTION The UTC TS391/A consist of a low power voltage comparator designed specifically to operate from a single supply over a wide range of voltages. Operation from split power supplies is also possible. This comparator also a unique characteristic in that the input common-mode voltage range includes ground even though operated from a single power supply voltage. FEATURES *Wide single supply voltage range or dual supplies +2V to *+34V or ±1V to ±18V *Very low supply current (0.2mA) independent of supply voltage (1 mW /comparator at +5V) *Low input bias current: 25nA typ. *Low input offset current: ±5nA typ. *Low input offset voltage: ±1mV typ *Input common-mode voltage range includes ground. *Low output saturation voltage: 250mV typ.(Io=4mA). *Differential input voltage range equal to the supply *voltage. 1 SOT-25 2 3 4 5 MARKING Part Number Marking TS391 S1 TS391A SA PIN CONNECTIONS (top view) TS391 TS391A Output 1 5 2 3 4 IN(-) IN(+) Vcc GND IN(+) 1 5 2 3 4 GND IN(-) Vcc Output |
Similar Part No. - TS391A |
|
Similar Description - TS391A |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |