Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS391A Datasheet(PDF) 2 Page - Unisonic Technologies

Part # TS391A
Description  LINEAR INTEGRATED CIRCUIT
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TS391A Datasheet(HTML) 2 Page - Unisonic Technologies

  TS391A Datasheet HTML 1Page - Unisonic Technologies TS391A Datasheet HTML 2Page - Unisonic Technologies TS391A Datasheet HTML 3Page - Unisonic Technologies TS391A Datasheet HTML 4Page - Unisonic Technologies TS391A Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
UTC TS391/A
LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO. LTD
2
QW-R104-003,A
BLOCK DIAGRAM
Vcc+
100μA
3.5μA
3.5μA100μA
IN(+)
Output
IN(-)
GND
GND
GND
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATING
UNIT
Supply Voltage
Vcc
±
18 or 36
V
Differential Input Voltage
Vid
±
36
V
Input Voltage
Vi
-0.3 ~ +36
V
Output Short-circuit to Ground 1)
Infinite
Power Dissipation 2)
Pd
500
mW
Operating Free Air Temperature Range
Topr
-40 ~ +125
Storage Temperature Range
Tstg
-65 ~ +150
1.
Short-circuit from the output to Vcc can cause excessive heating and eventual destruction.The maximum output
current is approwimately 20mA,independent of the magnitude of Vcc.
2.
Tj=150℃, Tamb=25℃ with Rthja=250℃/W for SOT25 Package.


Similar Part No. - TS391A

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
TS391A-AF5-R UTC-TS391A-AF5-R Datasheet
200Kb / 6P
   LOW POWER SINGLE VOLTAGE COMPARATOR
TS391A-AL5-R UTC-TS391A-AL5-R Datasheet
200Kb / 6P
   LOW POWER SINGLE VOLTAGE COMPARATOR
TS391AB UTC-TS391AB Datasheet
120Kb / 5P
   LINEAR INTEGRATED CIRCUIT
TS391AG-AF5-R UTC-TS391AG-AF5-R Datasheet
194Kb / 6P
   LOW POWER SINGLE VOLTAGE COMPARATOR
TS391AG-AF5-R UTC-TS391AG-AF5-R Datasheet
132Kb / 6P
   LOW POWER SINGLE VOLTAGE COMPARATOR
More results

Similar Description - TS391A

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KA2804 SAMSUNG-KA2804 Datasheet
73Kb / 3P
   LINEAR INTEGRATED CIRCUIT
logo
Fairchild Semiconductor
KA79LXXA FAIRCHILD-KA79LXXA Datasheet
167Kb / 5P
   LINEAR INTEGRATED CIRCUIT
logo
Samsung semiconductor
KA2212 SAMSUNG-KA2212 Datasheet
167Kb / 4P
   LINEAR INTEGRATED CIRCUIT
logo
Unisonic Technologies
UZ1086 UTC-UZ1086 Datasheet
129Kb / 5P
   LINEAR INTEGRATED CIRCUIT
logo
Samsung semiconductor
KA2655 SAMSUNG-KA2655 Datasheet
147Kb / 6P
   LINEAR INTEGRATED CIRCUIT
logo
List of Unclassifed Man...
TA7342P ETC-TA7342P Datasheet
70Kb / 3P
   LINEAR INTEGRATED CIRCUIT
TA7613AP ETC-TA7613AP Datasheet
45Kb / 4P
   LINEAR INTEGRATED CIRCUIT
logo
Unisonic Technologies
M4565 UTC-M4565 Datasheet
127Kb / 4P
   LINEAR INTEGRATED CIRCUIT
TA31142 UTC-TA31142 Datasheet
53Kb / 6P
   LINEAR INTEGRATED CIRCUIT
logo
Leshan Radio Company
LTL432ALT1G LRC-LTL432ALT1G_15 Datasheet
125Kb / 4P
   LINEAR INTEGRATED CIRCUIT
logo
Unisonic Technologies
UTA31101L-D16-T UTC-UTA31101L-D16-T Datasheet
335Kb / 7P
   LINEAR INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com