Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AD10465AZ Datasheet(PDF) 3 Page - Analog Devices

Part No. AD10465AZ
Description  Dual Channel, 14-Bit, 65 MSPS A/D Converter with Analog Input Signal Conditioning
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

AD10465AZ Datasheet(HTML) 3 Page - Analog Devices

 
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
REV. 0
–3–
AD10465
Test
Mil
AD10465AZ/BZ/QML-H
Parameter
Temp
Level
Subgroup
Min
Typ
Max
Unit
SPURIOUS-FREE DYNAMIC RANGE
8
Analog Input @ 4.98 MHz
25
°C
V
85
dBFS
Analog Input @ 9.9 MHz
25
°C
I
4
73
82
dBFS
Full
II
5, 6
70
82
dBFS
Analog Input @ 19.5 MHz
25
°C
I
4
72
78
dBFS
Full
II
5, 6
70
78
dBFS
Analog Input @ 32.1 MHz
25
°C
I
4
62
68
dBFS
Full
II
5, 6
60
66
dBFS
TWO-TONE IMD REJECTION
9
fIN = 10 MHz and 11 MHz
25
°C
I
4
78
87
dBFS
f1 and f2 are –7 dB
II
5, 6
78
fIN = 31 MHz and 32 MHz
25
°C
I
4
68
70
dBFS
f1 and f2 Are –7 dB
Full
II
5, 6
60
CHANNEL-TO-CHANNEL ISOLATION
10
25
°CIV
12
90
dB
TRANSIENT RESPONSE
25
°C
V
15.3
ns
OVERVOLTAGE RECOVERY TIME
11
VIN = 2.0
× f
S
Full
IV
12
40
100
ns
VIN = 4.0
× f
S
Full
IV
12
150
200
ns
DIGITAL OUTPUTS
12
Logic Compatibility
CMOS
DVCC = 3.3 V
Logic “1” Voltage
Full
I
1, 2, 3
2.5
DVCC – 0.2
V
Logic “0” Voltage
Full
I
1, 2, 3
0.2
0.5
V
DVCC = 5 V
Logic “1” Voltage
Full
V
DVCC – 0.3
V
Logic “0” Voltage
Full
V
0.35
V
Output Coding
Two’s Complement
POWER SUPPLY
AVCC Supply Voltage
13
Full
VI
4.85
5.0
5.25
V
I (AVCC) Current
Full
I
270
308
mA
AVEE Supply Voltage
13
Full
VI
–5.25
–5.0
–4.75
V
I (AVEE) Current
Full
V
38
49
mA
DVCC Supply Voltage
13
Full
VI
3.135
3.3
3.465
V
I (DVCC) Current
Full
V
30
46
mA
ICC (Total) Supply Current per Channel
Full
I
1, 2, 3
338
403
mA
Power Dissipation (Total)
Full
I
1, 2, 3
3.5
3.9
W
Power Supply Rejection Ratio (PSRR)
Full
V
0.02
% FSR/% VS
Passband Ripple to 10 MHz
V
0.1
dB
Passband Ripple to 25 MHz
V
0.2
dB
NOTES
1 Gain tests are performed on A
IN1 input voltage range.
2 Input Capacitance spec. combines AD8037 die capacitance and ceramic package capacitance.
3 Full power bandwidth is the frequency at which the spectral power of the fundamental frequency (as determined by FFT analysis) is reduced by 3 dB.
4 All ac specifications tested by driving
ENCODE and ENCODE differentially.
5 Minimum and maximum conversion rates allow for variation in Encode Duty Cycle of 50%
± 5%.
6 Analog input signal power at –1 dBFS; signal-to-noise ratio (SNR) is the ratio of signal level to total noise (first five harmonics removed). Encode = 65 MSPS. SNR
is reported in dBFS, related back to converter full power.
7 Analog input signal power at –1 dBFS; signal-to-noise and distortion (SINAD) is the ratio of signal level to total noise + harmonics. Encode = 65 MSPS.
8 Analog input signal power swept from –1 dBFS to –60 dBFS; SFDR is ratio of converter full scale to worst spur.
9 Both input tones at –7 dBFS; two-tone intermodulation distortion (IMD) rejection is the ratio of either tone to the worst third order intermod product.
10 Channel-to-channel isolation tested with A channel grounded and a full-scale signal applied to B channel.
11 Input driven to 2
× and 4× A
IN1 range for > four clock cycles. Output recovers inband in specified time with Encode = 65 MSPS.
12 Digital output logic levels: DV
CC = 3.3 V, CLOAD = 10 pF. Capacitive loads > 10 pF will degrade performance.
13 Supply voltage recommended operating range. AV
CC may be varied from 4.85 V to 5.25 V. However, rated ac (harmonics) performance is valid only over the range
AVCC = 5.0 V to 5.25 V.
All specifications guaranteed within 100 ms of initial power-up regardless of sequencing.
Specifications subject to change without notice.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn