Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AD10465AZ Datasheet(PDF) 4 Page - Analog Devices

Part No. AD10465AZ
Description  Dual Channel, 14-Bit, 65 MSPS A/D Converter with Analog Input Signal Conditioning
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

AD10465AZ Datasheet(HTML) 4 Page - Analog Devices

 
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
REV. 0
AD10465
–4–
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
the AD10465 features proprietary ESD protection circuitry, permanent damage may occur on
devices subjected to high-energy electrostatic discharges. Therefore, proper ESD precautions are
recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
ABSOLUTE MAXIMUM RATINGS
1
Parameter
Min Max Units
ELECTRICAL
VCC Voltage
0
7
V
VEE Voltage
–7
0
V
Analog Input Voltage
VEE
VCC
V
Analog Input Current
–10
+10
mA
Digital Input Voltage (ENCODE)
0
VCC
V
ENCODE,
ENCODE Differential Voltage
4
V
Digital Output Current
–10
+10
mA
ENVIRONMENTAL
2
Operating Temperature (Case)
–40
+85
°C
Maximum Junction Temperature
174
°C
Lead Temperature (Soldering, 10 sec)
300
°C
Storage Temperature Range (Ambient)
–65
+150
°C
NOTES
1Absolute maximum ratings are limiting values applied individually, and beyond
which the serviceability of the circuit may be impaired. Functional operability is
not necessarily implied. Exposure to absolute maximum rating conditions for an
extended period of time may affect device reliability.
2Typical thermal impedance for “ES” package:
θ
JC = 2.2
°C/W; θ
JA = 24.3
°C/W.
TEST LEVEL
I.
100% Production Tested.
II. 100% Production Tested at 25
°C, and sample tested at
specified temperatures. AC testing done on sample basis.
III. Sample Tested only.
IV. Parameter is guaranteed by design and characterization
testing.
V. Parameter is a typical value only.
VI. 100% production tested at temperature at 25
°C, sample
tested at temperature extremes.
ORDERING GUIDE
Model
Temperature Range
Package Description
AD10465AZ
–25
°C to +85°C (Case) 68-Lead Ceramic Leaded Chip Carrier
AD10465BZ
–40
°C to +85°C (Case) 68-Lead Ceramic Leaded Chip Carrier
5962-9961601HXA
–40
°C to +85°C (Case) 68-Lead Ceramic Leaded Chip Carrier
AD10465/PCB
25
°C
Evaluation Board with AD10465AZ


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn