Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AD10465 Datasheet(PDF) 6 Page - Analog Devices

Part No. AD10465
Description  Dual Channel, 14-Bit, 65 MSPS A/D Converter with Analog Input Signal Conditioning
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

AD10465 Datasheet(HTML) 6 Page - Analog Devices

Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
REV. 0
FREQUENCY – MHz
–130
0
2.5
ENCODE = 65MSPS
AIN = 5MHz (–1dBFS)
SNR = 71.02
SFDR = 92.11dBc
5.0
7.5 10.0 12.5 15.0 17.5 20.0 22.5 25.0 27.5 30.0 32.5
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
6
2
3
4
5
TPC 1. Single Tone @ 5 MHz
FREQUENCY – MHz
–130
0
2.5
ENCODE = 65MSPS
AIN = 20MHz (–1dBFS)
SNR = 70.71
SFDR = 79.73dBc
5.0
7.5 10.0 12.5 15.0 17.5 20.0 22.5 25.0 27.5 30.0 32.5
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
6
2
3
4
5
TPC 2. Single Tone @ 20 MHz
FREQUENCY – MHz
–130
0
2.5
ENCODE = 65MSPS
AIN = 32MHz (–1dBFS)
SNR = 70.22
SFDR = 66.40dBc
5.0
7.5 10.0 12.5 15.0 17.5 20.0 22.5 25.0 27.5 30.0 32.5
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
6
2
3
4
5
TPC 3. Single Tone @ 32 MHz
AD10465–Typical Performance Characteristics
–6–
FREQUENCY – MHz
–130
0
2.5
ENCODE = 65MSPS
AIN = 10MHz (–1dBFS)
SNR = 70.79
SFDR = 86.06dBc
5.0
7.5 10.0 12.5 15.0 17.5 20.0 22.5 25.0 27.5 30.0 32.5
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
6
2
3
4
5
TPC 4. Single Tone @ 10 MHz
FREQUENCY – MHz
–130
0
2.5
ENCODE = 65MSPS
AIN = 25MHz (–1dBFS)
SNR = 70.36
SFDR = 74.58dBc
5.0
7.5 10.0 12.5 15.0 17.5 20.0 22.5 25.0 27.5 30.0 32.5
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
6
2
3
4
5
TPC 5. Single Tone @ 25 MHz
INPUT FREQUENCY – MHz
4.989
0
10
20
30
40
50
60
70
80
90
100
SFDR
SINAD
9.989
19.000
32.000
TPC 6. SFDR and SINAD vs. Frequency


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn