Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AD10465 Datasheet(PDF) 5 Page - Analog Devices

Part No. AD10465
Description  Dual Channel, 14-Bit, 65 MSPS A/D Converter with Analog Input Signal Conditioning
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

AD10465 Datasheet(HTML) 5 Page - Analog Devices

 
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
REV. 0
AD10465
–5–
PIN FUNCTION DESCRIPTIONS
Pin No.
Name
Function
1
SHIELD
Internal Ground Shield between channels.
2, 4, 5, 9–11
AGNDA
A Channel Analog Ground. A and B grounds should be connected as close to the device
as possible.
3
REF_A
A Channel Internal Voltage Reference.
6AINA1
Analog Input for A side ADC (nominally
±0.5 V).
7AINA2
Analog Input for A side ADC (nominally
±1.0 V).
8AINA3
Analog Input for A side ADC (nominally
±2.0 V).
12
DRAOUT
Data Ready A Output.
13
AVEE
Analog Negative Supply Voltage (nominally –5.0 V or –5.2 V).
14
AVCC
Analog Positive Supply Voltage (nominally 5.0 V).
26, 27
DGNDA
A Channel Digital Ground.
15–25, 31–33
D0A–D13A
Digital Outputs for ADC A. D0 (LSB).
28
ENCODEA
ENCODE is complement of ENCODE.
29
ENCODEA
Data conversion initiated on rising edge of ENCODE input.
30
DVCC
Digital Positive Supply Voltage (nominally 5.0 V/3.3 V).
43, 44
DGNDB
B Channel Digital Ground.
34–42, 45–49
D0B-D13B
Digital Outputs for ADC B. D0 (LSB).
53–54, 57–61, 65, 68
AGNDB
B Channel Analog Ground. A and B grounds should be connected as close to the device
as possible.
50
DVCC
Digital Positive Supply Voltage (nominally 5.0 V/3.3 V).
51
ENCODEB
Data conversion initiated on rising edge of ENCODE input.
52
ENCODEB
ENCODE is complement of ENCODE.
55
DRBOUT
Data Ready B Output.
56
REF_B
B Channel Internal Voltage Reference.
62
AINB1
Analog Input for B side ADC (nominally
±0.5 V).
63
AINB2
Analog Input for B side ADC (nominally
±1.0 V).
64
AINB3
Analog Input for B side ADC (nominally
±2.0 V).
66
AVCC
Analog Positive Supply Voltage (nominally –5.0 V).
67
AVEE
Analog Negative Supply Voltage (nominally –5.0 V or –5.2 V).
.
PIN CONFIGURATION
68-Lead Ceramic Leaded Chip Carrier
10
11
12
13
14
15
16
17
18
19
20
22
23
24
25
26
21
27
43
28 29 30 31 32 33 34 35 36 37 38 39 40 41 42
961
8765
68 67 66 65 64 63 62
4321
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
PIN 1
IDENTIFIER
TOP VIEW
(Not to Scale)
AD10465
AGNDB
AGNDB
AGNDB
AGNDB
REF B
DRBOUT
AGNDB
AGNDA
AGNDA
DRAOUT
AVEE
D0A(LSBA)
D1A
D2A
D3A
D4A
D5A
AGNDB
ENCODEB
ENCODEB
DVCC
D6A
D7A
D8A
D9A
D10A
DGNDA
D13B(MSBB)
D12B
D11B
D10B
D9B
DGNDB
AVCC


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn