Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD10465 Datasheet(PDF) 4 Page - Analog Devices

Part # AD10465
Description  Dual Channel, 14-Bit, 65 MSPS A/D Converter with Analog Input Signal Conditioning
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD10465 Datasheet(HTML) 4 Page - Analog Devices

  AD10465 Datasheet HTML 1Page - Analog Devices AD10465 Datasheet HTML 2Page - Analog Devices AD10465 Datasheet HTML 3Page - Analog Devices AD10465 Datasheet HTML 4Page - Analog Devices AD10465 Datasheet HTML 5Page - Analog Devices AD10465 Datasheet HTML 6Page - Analog Devices AD10465 Datasheet HTML 7Page - Analog Devices AD10465 Datasheet HTML 8Page - Analog Devices AD10465 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
REV. 0
AD10465
–4–
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
the AD10465 features proprietary ESD protection circuitry, permanent damage may occur on
devices subjected to high-energy electrostatic discharges. Therefore, proper ESD precautions are
recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
ABSOLUTE MAXIMUM RATINGS
1
Parameter
Min Max Units
ELECTRICAL
VCC Voltage
0
7
V
VEE Voltage
–7
0
V
Analog Input Voltage
VEE
VCC
V
Analog Input Current
–10
+10
mA
Digital Input Voltage (ENCODE)
0
VCC
V
ENCODE,
ENCODE Differential Voltage
4
V
Digital Output Current
–10
+10
mA
ENVIRONMENTAL
2
Operating Temperature (Case)
–40
+85
°C
Maximum Junction Temperature
174
°C
Lead Temperature (Soldering, 10 sec)
300
°C
Storage Temperature Range (Ambient)
–65
+150
°C
NOTES
1Absolute maximum ratings are limiting values applied individually, and beyond
which the serviceability of the circuit may be impaired. Functional operability is
not necessarily implied. Exposure to absolute maximum rating conditions for an
extended period of time may affect device reliability.
2Typical thermal impedance for “ES” package:
θ
JC = 2.2
°C/W; θ
JA = 24.3
°C/W.
TEST LEVEL
I.
100% Production Tested.
II. 100% Production Tested at 25
°C, and sample tested at
specified temperatures. AC testing done on sample basis.
III. Sample Tested only.
IV. Parameter is guaranteed by design and characterization
testing.
V. Parameter is a typical value only.
VI. 100% production tested at temperature at 25
°C, sample
tested at temperature extremes.
ORDERING GUIDE
Model
Temperature Range
Package Description
AD10465AZ
–25
°C to +85°C (Case) 68-Lead Ceramic Leaded Chip Carrier
AD10465BZ
–40
°C to +85°C (Case) 68-Lead Ceramic Leaded Chip Carrier
5962-9961601HXA
–40
°C to +85°C (Case) 68-Lead Ceramic Leaded Chip Carrier
AD10465/PCB
25
°C
Evaluation Board with AD10465AZ


Similar Part No. - AD10465

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD10465 AD-AD10465 Datasheet
1Mb / 25P
   Dual Channel, 14-Bit, 65 MSPS A/D Converter
AD10465BZ AD-AD10465BZ Datasheet
1Mb / 25P
   Dual Channel, 14-Bit, 65 MSPS A/D Converter
AD10465PCB AD-AD10465PCB Datasheet
902Kb / 28P
   High Speed ADC USB FIFO Evaluation Kit
REV. 0
AD10465 AD-AD10465_15 Datasheet
1Mb / 24P
   Dual Channel, 14-Bit, 65 MSPS A/D Converter
REV. A
AD10465 AD-AD10465_17 Datasheet
1Mb / 25P
   Dual Channel, 14-Bit, 65 MSPS A/D Converter
More results

Similar Description - AD10465

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD13465 AD-AD13465 Datasheet
1Mb / 20P
   Dual Channel, 14-Bit, 65 MSPS A/D Converter with Analog Input Signal Conditioning
REV. 0
AD10265 AD-AD10265 Datasheet
267Kb / 18P
   Dual Channel, 12-Bit, 65 MSPS A/D Converter with Analog Input Signal Conditioning
REV. 0
AD13280 AD-AD13280 Datasheet
1Mb / 20P
   Dual Channel, 12-Bit, 80 MSPS A/D Converter with Analog Input Signal Conditioning
REV. 0
AD10242 AD-AD10242 Datasheet
251Kb / 16P
   Dual, 12-Bit, 40 MSPS MCM A/D Converter with Analog Input Signal Conditioning
REV. A
AD10200 AD-AD10200 Datasheet
1Mb / 20P
   Dual Channel, 12-Bit 105 MSPS IF Sampling A/D Converter with Analog Input Signal Conditioning
REV. A
AD10465 AD-AD10465_15 Datasheet
1Mb / 24P
   Dual Channel, 14-Bit, 65 MSPS A/D Converter
REV. A
AD10465 AD-AD10465_17 Datasheet
1Mb / 25P
   Dual Channel, 14-Bit, 65 MSPS A/D Converter
AD15452 AD-AD15452 Datasheet
340Kb / 16P
   12-Bit 65 MSPS Quad A/D Converter with Integrated Signal Conditioning
REV. 0
AD10200 AD-AD10200_17 Datasheet
1Mb / 20P
   A/D Converter with Analog Input Signal Conditioning
AD13280 AD-AD13280_15 Datasheet
1Mb / 28P
   Dual-Channel, 12-Bit, 80 MSPS ADC with Analog Input Signal Conditioning
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com