Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AME8831 Datasheet(PDF) 5 Page - Asahi Kasei Microsystems

Part # AME8831
Description  150mA Hi-PSRR, Low-Quiescent LDO with In-Rush Current Control For USB Application
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AME8831 Datasheet(HTML) 5 Page - Asahi Kasei Microsystems

  AME8831 Datasheet HTML 1Page - Asahi Kasei Microsystems AME8831 Datasheet HTML 2Page - Asahi Kasei Microsystems AME8831 Datasheet HTML 3Page - Asahi Kasei Microsystems AME8831 Datasheet HTML 4Page - Asahi Kasei Microsystems AME8831 Datasheet HTML 5Page - Asahi Kasei Microsystems AME8831 Datasheet HTML 6Page - Asahi Kasei Microsystems AME8831 Datasheet HTML 7Page - Asahi Kasei Microsystems AME8831 Datasheet HTML 8Page - Asahi Kasei Microsystems AME8831 Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
AME, Inc.
5
AME8831
150mA Hi-PSRR, Low-Quiescent LDO
with In-Rush Current Control
For USB Application
n Electrical Specifications (contd.)
EN=0, T
J = -40 to +125
oC, V
IN = VOUT(typ) +1V, IOUT = 1mA, COUT = 4.7µF, C(SR) = 0.01µF (unless otherwise noted)
Parameter
Symbol
Min
Typ
Max
Units
Input Voltage
VIN
3.5
5.5
V
3.3
Output Current
IOUT
0
150
mA
Output Current Limit
ILIM
200
350
750
mA
17
30
-0.2
0.1
0.2
-0.3
0.3
150
300
Over Temerature Shutdown
OTS
150
Over Temerature Hysterisis
OTH
20
VOUT Temperature Coefficient
TC
30
ppm
Line Regulation
(See Note 3)
Load Regulation
(See Note 4)
TJ = 25
oC
TJ = 25
oC
TJ = -40
oC to +125oC
VOUT = VOUT(NOM) -2.0%
REGLOAD 1mA <= IOUT <= 150mA
d
Β
65
µA
VOUT = 0V
TJ = 25
oC
10
µA < I
OUT < 150mA
10
µA < I
OUT < 150mA
TJ = 25
oC
Quiescent Current
IQ
REGLINE
4.3V<VIN<5.5V
4.3V<VIN<5.5V
mV
oC
TJ = 25
oC
0.02 %/mA
-0.02 0.0025
TJ= -40
oC to +125oC
TJ = -40
oC to +125oC
3.399
V
%/V
TJ = 25
oC
3.201
TJ = -40
oC to +125oC
VDO
Dropout Voltage
Test Condition
(See Note1)
(See Note2)
Output Voltage
VOUT
10
µA < I
OUT < 150mA
3.8V < VIN < 5.5V
f = 1 kHz, IOUT = 150mA
COUT =10µF,
C(SR) = 0.01µF
Power Supply Ripple
Rejection
PSRR
Note1 : V
IN(min) = VOUT(min) + VDO (maxload)
Note2 : Continuous output current and operating junction temperature are limited by internal protection circuitry,
but it is not recommended that the device operate under conditions beyond those specified in this table for
extended periods of time.
Note3: Line Reg:
Note4: Load Reg:
Vout
Vin
Vout
%
100
×
I
Vout
Vout
×
%
100


Similar Part No. - AME8831

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8831AEEV180Y AME-AME8831AEEV180Y Datasheet
135Kb / 15P
   150mA Hi-PSRR, Low-Quiescent LDO with In-Rush Current Control For USB Application
AME8831AEEV180Z AME-AME8831AEEV180Z Datasheet
135Kb / 15P
   150mA Hi-PSRR, Low-Quiescent LDO with In-Rush Current Control For USB Application
AME8831AEEV250Y AME-AME8831AEEV250Y Datasheet
135Kb / 15P
   150mA Hi-PSRR, Low-Quiescent LDO with In-Rush Current Control For USB Application
AME8831AEEV250Z AME-AME8831AEEV250Z Datasheet
135Kb / 15P
   150mA Hi-PSRR, Low-Quiescent LDO with In-Rush Current Control For USB Application
AME8831AEEV285Y AME-AME8831AEEV285Y Datasheet
135Kb / 15P
   150mA Hi-PSRR, Low-Quiescent LDO with In-Rush Current Control For USB Application
More results

Similar Description - AME8831

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8831 AME-AME8831_08 Datasheet
135Kb / 15P
   150mA Hi-PSRR, Low-Quiescent LDO with In-Rush Current Control For USB Application
AME8821 AME-AME8821_08 Datasheet
239Kb / 15P
   250mA Hi-PSRR, Low-Quiescent LDO with In-Rush Current Control For USB Application
AME8821 AME-AME8821 Datasheet
179Kb / 15P
   250mA Hi-PSRR, Low-Quiescent LDO with In-Rush Current Control For USB Application
logo
Texas Instruments
TPS78825DBVR TI-TPS78825DBVR Datasheet
161Kb / 8P
[Old version datasheet]   150-mA LOW-NOISE LDO WITH IN-RUSH CURRENT CONTROL FOR USB APPLICATION
TPS78825 TI1-TPS78825 Datasheet
730Kb / 12P
[Old version datasheet]   150-mA LOW-NOISE LDO WITH IN-RUSH CURRENT CONTROL FOR USB APPLICATION
TPS788 TI-TPS788_15 Datasheet
716Kb / 12P
[Old version datasheet]   150-mA LOW-NOISE LDO WITH IN-RUSH CURRENT CONTROL FOR USB APPLICATION
TPS78833DBVR TI1-TPS78833DBVR Datasheet
173Kb / 8P
[Old version datasheet]   150-mA LOW-NOISE LDO WITH IN-RUSH CURRENT CONTROL FOR USB APPLICATION
TPS78833 TI-TPS78833 Datasheet
171Kb / 9P
[Old version datasheet]   150-mA LOW-NOISE LDO WITH IN-RUSH CURRENT CONTROL FOR USB APPLICATION
logo
AMETHERM Circuit Protec...
AME8755 AMETHERM-AME8755 Datasheet
175Kb / 14P
   High PSRR, Low Quiescent Current, 150mA Dual CMOS LDO
logo
Micrel Semiconductor
MIC5295 MICREL-MIC5295_09 Datasheet
279Kb / 11P
   Low Quiescent Current, 150mA LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com