Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AME78LXXAJAT Datasheet(PDF) 11 Page - Analog Microelectronics

Part # AME78LXXAJAT
Description  100mA Positive Linear Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME78LXXAJAT Datasheet(HTML) 11 Page - Analog Microelectronics

Back Button AME78LXXAJAT Datasheet HTML 7Page - Analog Microelectronics AME78LXXAJAT Datasheet HTML 8Page - Analog Microelectronics AME78LXXAJAT Datasheet HTML 9Page - Analog Microelectronics AME78LXXAJAT Datasheet HTML 10Page - Analog Microelectronics AME78LXXAJAT Datasheet HTML 11Page - Analog Microelectronics AME78LXXAJAT Datasheet HTML 12Page - Analog Microelectronics AME78LXXAJAT Datasheet HTML 13Page - Analog Microelectronics AME78LXXAJAT Datasheet HTML 14Page - Analog Microelectronics AME78LXXAJAT Datasheet HTML 15Page - Analog Microelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
AME, Inc.
11
AME78LXX
100mA Positive Linear Regulator
Dropout Voltage vs. Temperature
Dropout Voltage vs. Load Current
Load Regulation vs. Temperature
Output Voltage vs. Temperature
Maximun Power dissipation vs.
Ambient Temperature (SO-8 Package)
No Heatsink
Ambient Temperature (oC)
R
JA= 250
O
C/W
P
D(MAX) to 25
oC=0.6W
0
25
50
75
100
125
150
0.1
1
Short Circuit Current vs. Temperature
1000
1100
1200
1300
1400
1500
1600
1700
1800
1900
2000
-50
-25
0
25
50
75
100
125
Temperature (oC)
1mA
40mA
100mA
0
5
10
15
20
25
30
-50
-25
0
25
50
75
100
125
Temperature (oC)
4.980
4.985
4.990
4.995
5.000
5.005
-100
-50
0
50
100
150
Temperature (oC)
100
120
140
160
180
200
220
240
-50
-25
0
25
50
75
100
125
Temperature (oC)
-45 oC
-5oC
25oC
55oC
85oC
115oC
125oC
1000
1100
1200
1300
1400
1500
1600
1700
1800
1900
2000
1
20
40
60
80
100
Load Current (mA)


Similar Part No. - AME78LXXAJAT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AME7805 ETC1-AME7805 Datasheet
150Kb / 14P
   1A Positive Linear Regulator
AME78051JBSZ ETC1-AME78051JBSZ Datasheet
150Kb / 14P
   1A Positive Linear Regulator
AME78051JBTZ ETC1-AME78051JBTZ Datasheet
150Kb / 14P
   1A Positive Linear Regulator
AME78051JCSZ ETC1-AME78051JCSZ Datasheet
150Kb / 14P
   1A Positive Linear Regulator
AME78051JCTZ ETC1-AME78051JCTZ Datasheet
150Kb / 14P
   1A Positive Linear Regulator
More results

Similar Description - AME78LXXAJAT

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
A78L05 AITSEMI-A78L05 Datasheet
710Kb / 9P
   BIPOLAR LINEAR REGULATOR 100mA 3-TERMINAL POSITIVE VOLTAGE REGULATOR
REV3.1
logo
BCD Semiconductor Manuf...
AS78L05Z-E1 BCDSEMI-AS78L05Z-E1_09 Datasheet
874Kb / 20P
   100mA POSITIVE VOLTAGE REGULATOR
AS78LXX BCDSEMI-AS78LXX_07 Datasheet
202Kb / 16P
   100mA POSITIVE VOLTAGE REGULATOR
logo
ACE Technology Co., LTD...
ACE78LXXG ACE-ACE78LXXG Datasheet
657Kb / 10P
   100mA Positive Voltage Regulator
VER1.5
logo
TAITRON Components Inco...
LM78L TAITRON-LM78L Datasheet
589Kb / 14P
   100mA Positive Voltage Regulator
logo
BCD Semiconductor Manuf...
AS78LXX BCDSEMI-AS78LXX Datasheet
175Kb / 15P
   100mA POSITIVE VOLTAGE REGULATOR
logo
Gamma Microelectronics ...
GM78L00 GAMMA-GM78L00_12 Datasheet
178Kb / 12P
   100mA POSITIVE VOLTAGE REGULATOR
logo
BCD Semiconductor Manuf...
AS78LXX BCDSEMI-AS78LXX_13 Datasheet
972Kb / 18P
   100mA POSITIVE VOLTAGE REGULATOR
logo
Diodes Incorporated
AS78LXX DIODES-AS78LXX Datasheet
402Kb / 17P
   100mA POSITIVE VOLTAGE REGULATOR
logo
TAITRON Components Inco...
LM317L TAITRON-LM317L Datasheet
305Kb / 8P
   100mA Adjustable Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com