Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLE9185QXV33 Datasheet(PDF) 26 Page - Infineon Technologies AG

Part # TLE9185QXV33
Description  BLDC Driver
Download  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9185QXV33 Datasheet(HTML) 26 Page - Infineon Technologies AG

Back Button TLE9185QXV33 Datasheet HTML 22Page - Infineon Technologies AG TLE9185QXV33 Datasheet HTML 23Page - Infineon Technologies AG TLE9185QXV33 Datasheet HTML 24Page - Infineon Technologies AG TLE9185QXV33 Datasheet HTML 25Page - Infineon Technologies AG TLE9185QXV33 Datasheet HTML 26Page - Infineon Technologies AG TLE9185QXV33 Datasheet HTML 27Page - Infineon Technologies AG TLE9185QXV33 Datasheet HTML 28Page - Infineon Technologies AG TLE9185QXV33 Datasheet HTML 29Page - Infineon Technologies AG TLE9185QXV33 Datasheet HTML 30Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 192 page
background image
TLE9185QXV33
BLDC Driver
System Features
Datasheet
26
Rev.1.0
2021-01-21
• State transition is only initiated by specific SPI command.
Note
• An interrupt is triggered on the pin INTN when Stop Mode is entered and not all wake source signalization
flags were cleared.
• If high-side switches are kept enabled during Stop Mode, then the device current consumption will
increase.
• It is not possible to switch directly from Stop Mode to Sleep Mode. Doing so will also set the SPI_FAIL flag
and will bring the device into Restart Mode.
5.5.4
Normal Mode -> Sleep Mode
This transition is intended to reduce as much as possible the current consumption keeping active only wake-
up sources. All wake-up sources configurations shall be done in Normal Mode.
Prerequisites:
• VCC1>Vrtx
• Device in Normal Mode
• All wake source signalization flags were cleared (including the LSxDSOV_BRK bit)
• At least one wake-up source activated
Triggering Events:
• State transition is only initiated by specific SPI command.
Note
•If VCC1_UV or VCC1_OV (with Config to go to Restart Mode) occurs at the border of the Sleep Mode entry:
The device will go immeditaley into Restart Mode.
•If TSD2 or VCC1_OV (with Config to go to Fail-Safe Mode) occurs at the border of the Sleep Mode entry: The
device will enter immediately Fail-Safe Mode.
• As soon as the Sleep Mode command is sent, the Reset will go low.
• It is not possible to switch all wake sources off in Sleep Mode. Doing so will set the SPI_FAIL flag and will
bring the device into Restart Mode.
5.5.5
Stop Mode -> Normal Mode
This transition is intented to set the device in Normal Mode where all the device integrated features are
availbale and configurable.
Prerequisites:
• VCC1>Vrtx
• Device in Stop Mode
Triggering Events:
• State transition is only initiated by SPI command.
Note
•None


Similar Part No. - TLE9185QXV33

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE9185QX INFINEON-TLE9185QX Datasheet
5Mb / 193P
   BLDC Driver
Rev. 1.0 2021-01-21
More results

Similar Description - TLE9185QXV33

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE9185QX INFINEON-TLE9185QX Datasheet
5Mb / 193P
   BLDC Driver
Rev. 1.0 2021-01-21
logo
Lin Eng. Inc.
BLDC100 LINENGINEERING-BLDC100 Datasheet
4Mb / 5P
   BLDC DRIVER CONTROLLER
BLDC50 LINENGINEERING-BLDC50 Datasheet
4Mb / 5P
   BLDC DRIVER CONTROLLER
logo
Melexis Microelectronic...
MLX90283 MELEXIS-MLX90283 Datasheet
305Kb / 10P
   BLDC Vibration Motor Driver
logo
Fairchild Semiconductor
FAN8423D3 FAIRCHILD-FAN8423D3 Datasheet
249Kb / 18P
   3-Phase BLDC Motor Driver
KA3080 FAIRCHILD-KA3080 Datasheet
540Kb / 20P
   3-Phase BLDC Motor Driver
FAN8420D3 FAIRCHILD-FAN8420D3 Datasheet
252Kb / 18P
   3-Phase BLDC Motor Driver
KA2822CD FAIRCHILD-KA2822CD Datasheet
456Kb / 14P
   3-Phase BLDC Motor Driver
FAN8486D FAIRCHILD-FAN8486D Datasheet
308Kb / 16P
   2-Phase BLDC Motor Driver
KA2822D FAIRCHILD-KA2822D Datasheet
188Kb / 15P
   3-Phase BLDC Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com