Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MA2S331 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part No. MA2S331
Description  Silicon epitaxial planar type
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MA2S331 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  MA2S331 Datasheet HTML 1Page - Panasonic Semiconductor MA2S331 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
Variable Capacitance Diodes
MA2S331
Silicon epitaxial planar type
For VCO of an UHF radio
I Features
• Small series resistance r
D. rD = 0.18 Ω (typ.)
• Good linearity of C − V curve
• SS-mini package, optimum for down-sizing of equipment
I Absolute Maximum Ratings T
a = 25°C
Unit : mm
Parameter
Symbol
Rating
Unit
Reverse voltage (DC)
VR
12
V
Forward current (DC)
IF
20
mA
Junction temperature
Tj
150
°C
Storage temperature
Tstg
−55 to +150
°C
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Reverse current (DC)
IR
VR = 12 V
10
nA
Diode capacitance
CD(1V)
VR = 1 V, f = 1 MHz
17.0
20.0
pF
CD(2V)
VR = 2 V, f = 1 MHz
14.0
15.0
16.0
pF
CD(4V)
VR = 4 V, f = 1 MHz
10.0
12.4
pF
CD(10V)
VR = 10 V, f = 1 MHz
5.5
6.0
6.5
pF
Capacitance ratio
CD(1V)/CD(4V)
1.53
1.6
1.83
CD(2V)/CD(10V)
2.25
2.5
2.75
Series resistance*
rD
CD = 9 pF, f = 470 MHz
0.18
0.22
I Electrical Characteristics T
a = 25
°C
Note) 1
.Rated input/output frequency: 470 MHz
2
.*: rf measuring instrument: YHP MODEL 4191A RF IMPEDANCE ANALYZER
Marking Symbol: F
1 : Anode
2 : Cathode
SS-Mini Type Package (2-pin)
1.7
± 0.1
1.3
± 0.1
0.15 min.
0.15 min.


Html Pages

1  2 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
MA2Z001 Silicon epitaxial planar type For switching circuits 1  2  Panasonic Semiconductor
2SA2118 Power Transistors Silicon PNP epitaxial planar type 1  2  3  Panasonic Semiconductor
XP01211 Silicon NPN epitaxial planar type 1  2  3  Panasonic Semiconductor
MA26V05 Silicon epitaxial planar type 1  2  3  Panasonic Semiconductor
2SB1253 Silicon PNP epitaxial planar type Darlington For power amplification 1  2  3  Panasonic Semiconductor
2SD1752 Silicon NPN epitaxial planar type 1  2  3  Panasonic Semiconductor
MA2C196 Silicon epitaxial planar type 1  2  Panasonic Semiconductor
MA2YD21 Silicon epitaxial planar type 1  2  3  Panasonic Semiconductor
MA2S377 Silicon epitaxial planar type 1  2  Panasonic Semiconductor
MA2X339 Silicon epitaxial planar type 1  2  Panasonic Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn