Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMS45GR06 Datasheet(PDF) 11 Page - Summit Microelectronics, Inc.

Part # SMS45GR06
Description  Quad Programmable Precision Cascade Sequencer and Supervisory Controller with 4k-Bit Nonvolatile Memory
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMS45GR06 Datasheet(HTML) 11 Page - Summit Microelectronics, Inc.

Back Button SMS45GR06 Datasheet HTML 7Page - Summit Microelectronics, Inc. SMS45GR06 Datasheet HTML 8Page - Summit Microelectronics, Inc. SMS45GR06 Datasheet HTML 9Page - Summit Microelectronics, Inc. SMS45GR06 Datasheet HTML 10Page - Summit Microelectronics, Inc. SMS45GR06 Datasheet HTML 11Page - Summit Microelectronics, Inc. SMS45GR06 Datasheet HTML 12Page - Summit Microelectronics, Inc. SMS45GR06 Datasheet HTML 13Page - Summit Microelectronics, Inc. SMS45GR06 Datasheet HTML 14Page - Summit Microelectronics, Inc. SMS45GR06 Datasheet HTML 15Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
11
2079 1.2 05/24/04
SMS45
SUMMIT MICROELECTRONICS, Inc.
Preliminary Information
Table 5. Configuration Register 6 (D3 through D7)
Note 1 - Read Only bit D7 is set to a 0. Read only bits
D4 and D3 are revision control and the value indi-
cates the status code of the device (ie. 01 is status
code 1).
Table 4. Configuration Register 5 (D4 through D7)
Table 3. Configuration Register 5 (D0 through D3)
The delay from VPTH0 until PUP#1 low is tPDLY1. There is
a similar tPDLYX delay for V1 to PUP#2 and for V2 to
PUP#3. They are programmed in register 7. Cascading will
always occur as indicated in the flow chart (Figure 7).
WATCHDOG TIMER
The Watchdog Timer will generate a reset if it times out. It
can be cleared by a high-to-low transition on WLDI and
restarted.
If the Watchdog times out RESET# will be driven low until
tPRTO at which time it will return high. Refer to Figure 4
which illustrates the action of RESET# with respect to the
Watchdog timer and the WLDI input.
If WLDI is held low the timer will free-run generating a series
of resets.
When the Watchdog times out RESET# will be generated.
When RESET# returns high (after tPRTO) the timer is reset
to time zero.
Register 6 is also used to set the programmable reset time-
out period (tPRTO) and to select the cascade option.
Cascade Delay Programming
The cascade delays are programmed in register 7. Bit 7 of
register 6 must be set to a 0 in order to enable the cascading
of the PUP# outputs. Cascading will not commence until
V0 is above its programmed threshold.
Each PUP# (-3, -2 and -1) is delayed according to the states
of its Bit 1 and Bit 0 as indicated in Table 9. Refer to Figures
1 and 5 for the detailed timing relationship of the program-
mable power-on cascading.
Table 6. Configuration Register 6 (D0, D1, D2)
n
o
i
t
c
A
3
D
B
S
M
2
D1
D
0
D
B
S
L
V
3
V
2
V
1
V
0
s
e
l
b
a
n
e
0
a
g
n
i
t
i
r
W
r
o
f
n
o
i
t
c
e
t
e
d
e
g
a
t
l
o
v
r
e
d
n
u
t
u
p
n
i
V
d
e
t
c
e
l
e
s
e
h
t
0000
s
e
l
b
a
n
e
1
a
g
n
i
t
i
r
W
r
o
f
n
o
i
t
c
e
t
e
d
e
g
a
t
l
o
v
r
e
v
o
t
u
p
n
i
V
d
e
t
c
e
l
e
s
e
h
t
1111
7
D
B
S
M
6
D5
D4
D3
D
d
a
e
R
1
y
l
n
O
1
O
T
R0
O
T
R
d
a
e
R
y
l
n
O
d
a
e
R
y
l
n
O
n
o
i
t
c
A
00
0
xx
t
O
T
R
P
s
m
5
2
=
00
1
xx
t
O
T
R
P
s
m
0
5
=
01
0
xx
t
O
T
R
P
s
m
0
0
1
=
01
1
xx
t
O
T
R
P
s
m
0
0
2
=
7
D
B
S
M
6
D5
D
4
D
B
S
L
n
o
i
t
c
A
V
3
V
2
V
1
V
0
0000
a
s
e
t
a
c
i
d
n
i
1
a
g
n
i
d
a
e
R
t
l
u
a
f
y
l
p
p
u
s
1111
CONFIGURATION REGISTERS (CONTINUED)
2
D1
D
0
D
B
S
L
n
o
i
t
c
A2
D
W1
D
W0
D
W
F
F
O
000
s
m
0
0
40
1
1
s
m
0
0
81
0
0
s
m
0
0
6
11
0
1
s
m
0
0
2
31
1
0
s
m
0
0
4
6
111


Similar Part No. - SMS45GR06

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SMS4003K SECOS-SMS4003K Datasheet
641Kb / 4P
   N-Channel MOSFET
logo
VBsemi Electronics Co.,...
SMS4003K VBSEMI-SMS4003K Datasheet
482Kb / 9P
   N-Channel 30-V (D-S) MOSFET
logo
SeCoS Halbleitertechnol...
SMS4003K SECOS-SMS4003K_15 Datasheet
636Kb / 4P
   N-Channel MOSFET
SMS4021-C SECOS-SMS4021-C Datasheet
323Kb / 3P
   N-Channel Enhancement Mode Power MOSFET
logo
Summit Microelectronics...
SMS44 SUMMIT-SMS44 Datasheet
408Kb / 16P
   Highly Programmble Voltage Supervisory Circuit
More results

Similar Description - SMS45GR06

ManufacturerPart #DatasheetDescription
logo
Summit Microelectronics...
SMS47 SUMMIT-SMS47 Datasheet
915Kb / 19P
   Quad Programmable Precision Cascade Sequencer and Supervisory Controller
SMS46 SUMMIT-SMS46 Datasheet
910Kb / 17P
   Quad Programmable Precision Supervisory Controller With Independent Resets and 4k-Bit Nonvolatile Memory
SMS48 SUMMIT-SMS48 Datasheet
841Kb / 16P
   Quad Programmable Precision Supervisory Controller With Independent Resets
logo
Maxim Integrated Produc...
MAX792 MAXIM-MAX792_05 Datasheet
340Kb / 16P
   Microprocessor and Nonvolatile Memory Supervisory Circuits
Rev. 4; 11/05
logo
Global Mixed-mode Techn...
G1625 GMT-G1625 Datasheet
64Kb / 1P
   7-bit Programmable VCOM Reference with Integrated Nonvolatile Memory
logo
Summit Microelectronics...
S93WD662 SUMMIT-S93WD662 Datasheet
147Kb / 14P
   Precision Supply-Voltage Monitor and Reset Controller With a Watchdog Timer and 4k-bit Microwire Memory
S24042 SUMMIT-S24042 Datasheet
157Kb / 14P
   Precision RESET Controller and 4K I2C Memory With Both RESET and RESET Outputs
logo
Maxim Integrated Produc...
DS4510 MAXIM-DS4510 Datasheet
581Kb / 12P
   CPU Supervisor with Nonvolatile Memory and Programmable I/O
logo
Microchip Technology
MCP444X MICROCHIP-MCP444X Datasheet
4Mb / 100P
   7/8-Bit Quad I2C Digital POT with Nonvolatile Memory
08/04/10
MCP4461-503E-ML MICROCHIP-MCP4461-503E-ML Datasheet
4Mb / 100P
   7/8-Bit Quad I2C Digital POT with Nonvolatile Memory
08/04/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com