Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMS46GCR04 Datasheet(PDF) 6 Page - Summit Microelectronics, Inc.

Part # SMS46GCR04
Description  Quad Programmable Precision Supervisory Controller With Independent Resets and 4k-Bit Nonvolatile Memory
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMS46GCR04 Datasheet(HTML) 6 Page - Summit Microelectronics, Inc.

Back Button SMS46GCR04 Datasheet HTML 2Page - Summit Microelectronics, Inc. SMS46GCR04 Datasheet HTML 3Page - Summit Microelectronics, Inc. SMS46GCR04 Datasheet HTML 4Page - Summit Microelectronics, Inc. SMS46GCR04 Datasheet HTML 5Page - Summit Microelectronics, Inc. SMS46GCR04 Datasheet HTML 6Page - Summit Microelectronics, Inc. SMS46GCR04 Datasheet HTML 7Page - Summit Microelectronics, Inc. SMS46GCR04 Datasheet HTML 8Page - Summit Microelectronics, Inc. SMS46GCR04 Datasheet HTML 9Page - Summit Microelectronics, Inc. SMS46GCR04 Datasheet HTML 10Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
6
SMS46
2083 1.1 06/04/04
SUMMIT MICROELECTRONICS, Inc.
Preliminary Information
PIN DESCRIPTIONS
V0, V1, V2, V3 (16, 2, 3, 14)
These inputs are used as the voltage monitor inputs and
as the voltage supply for the SMS46. Internally they are
actively diode ORed and the input with the highest voltage
potential will be the default supply voltage (VDD_CAP).
The RESET# outputs will be valid if any one of the four
inputs is above 1V. However, for full device operation at
least one of the inputs must be at 2.7V or higher.
The sensing threshold for each input is independently
programmable in 5mV increments from 0.6V to 1.875V or
15mV increments from 1.8V to 5.625V. Also, the occur-
rence of an under- or over-voltage condition that is detected
as a result of the threshold setting can be used to generate
a RESET#0-3. The programmable nature of the threshold
voltage eliminates the need for external voltage divider
networks.
GND
Power supply return.
MR# (1)
The manual reset input always generates a RESET#0-3
output whenever it is driven low. The duration of the
RESET# output pulse will be initiated when MR# goes low
and it will stay low for the duration of MR# low pulse plus
the programmed reset time-out period (tPRTO). MR# must
be held low during a configuration register write or read.
This signal is pulled up internally through a 50k
Ω resistor.
RESET#0-3 (11, 4, 5, 13)
The reset outputs are active low open drain outputs. They
are driven low whenever the MR# input is low or whenever
a triggering under-voltage or over-voltage condition exists
on the corresponding input channel or when the Watchdog
timer expires. The four voltage monitor inputs are always
functioning, but their ability to generate a reset is program-
mable (configuration register 4). Refer to Figures 2, 3 and
5 for a detailed illustration of the relationship between MR#,
RESET#0-3 and the VIN levels.
Figure 2 - RESET# Timing with MR#
VDD_CAP (12)
The VDD_CAP pin connects to the internal supply voltage
for the SMS46. A capacitor is placed on this pin to filter
supply noise as well as hold up the device in the event of
power failure. The voltage on this node is determined by the
highest input voltage.
Loading of this pin should be
minimized to prevent excessive power dissipation in the
part.
WLDI (15)
Watchdog input. A low to high transition on the WLDI input
will clear the watchdog timer, effectively starting a new
time-out period. This signal is pulled up internally through
a 50k
Ω resistor.
If WLDI is stuck low and no low-to-high transition is received
within the programmed tPWDTO period (programmed watch
dog time-out) the RESET#0-3 outputs will be driven low.
Holding WLDI high will not block the Watchdog from timing
out and generating a reset. Refer to Figure 4 for a detailed
illustration of the relationship between RESET#0-3 and
WLDI.
A1, A2 (6, 7)
A1 and A2 are the address inputs. When addressing the
SMS46 memory or configuration registers the address
inputs distinguish which one of four possible devices
sharing the common bus is being addressed.
SDA (9)
SDA is the serial data input/output pin. It should be tied to
VDD_CAP through a pull-up resistor.
Figure 3 - RESET# Timing
MR#
RESET#
tDMRRST
tPRTO
RESET#
tPRTO
V0 — V3
tDRST
VPTH-UV


Similar Part No. - SMS46GCR04

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SMS4003K SECOS-SMS4003K Datasheet
641Kb / 4P
   N-Channel MOSFET
logo
VBsemi Electronics Co.,...
SMS4003K VBSEMI-SMS4003K Datasheet
482Kb / 9P
   N-Channel 30-V (D-S) MOSFET
logo
SeCoS Halbleitertechnol...
SMS4003K SECOS-SMS4003K_15 Datasheet
636Kb / 4P
   N-Channel MOSFET
SMS4021-C SECOS-SMS4021-C Datasheet
323Kb / 3P
   N-Channel Enhancement Mode Power MOSFET
logo
Summit Microelectronics...
SMS44 SUMMIT-SMS44 Datasheet
408Kb / 16P
   Highly Programmble Voltage Supervisory Circuit
More results

Similar Description - SMS46GCR04

ManufacturerPart #DatasheetDescription
logo
Summit Microelectronics...
SMS48 SUMMIT-SMS48 Datasheet
841Kb / 16P
   Quad Programmable Precision Supervisory Controller With Independent Resets
SMS45 SUMMIT-SMS45 Datasheet
984Kb / 20P
   Quad Programmable Precision Cascade Sequencer and Supervisory Controller with 4k-Bit Nonvolatile Memory
SMS47 SUMMIT-SMS47 Datasheet
915Kb / 19P
   Quad Programmable Precision Cascade Sequencer and Supervisory Controller
logo
Maxim Integrated Produc...
MAX792 MAXIM-MAX792_05 Datasheet
340Kb / 16P
   Microprocessor and Nonvolatile Memory Supervisory Circuits
Rev. 4; 11/05
logo
Global Mixed-mode Techn...
G1625 GMT-G1625 Datasheet
64Kb / 1P
   7-bit Programmable VCOM Reference with Integrated Nonvolatile Memory
logo
Summit Microelectronics...
S93WD662 SUMMIT-S93WD662 Datasheet
147Kb / 14P
   Precision Supply-Voltage Monitor and Reset Controller With a Watchdog Timer and 4k-bit Microwire Memory
S24042 SUMMIT-S24042 Datasheet
157Kb / 14P
   Precision RESET Controller and 4K I2C Memory With Both RESET and RESET Outputs
logo
Maxim Integrated Produc...
DS4510 MAXIM-DS4510 Datasheet
581Kb / 12P
   CPU Supervisor with Nonvolatile Memory and Programmable I/O
logo
Microchip Technology
MCP444X MICROCHIP-MCP444X Datasheet
4Mb / 100P
   7/8-Bit Quad I2C Digital POT with Nonvolatile Memory
08/04/10
MCP4461-503E-ML MICROCHIP-MCP4461-503E-ML Datasheet
4Mb / 100P
   7/8-Bit Quad I2C Digital POT with Nonvolatile Memory
08/04/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com