Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMS8198 Datasheet(PDF) 6 Page - Summit Microelectronics, Inc.

Part # SMS8198
Description  Philips TriMedia??Processor Companion Supervisor With a 16K-bit 2-wire Serial Memory
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMS8198 Datasheet(HTML) 6 Page - Summit Microelectronics, Inc.

Back Button SMS8198 Datasheet HTML 2Page - Summit Microelectronics, Inc. SMS8198 Datasheet HTML 3Page - Summit Microelectronics, Inc. SMS8198 Datasheet HTML 4Page - Summit Microelectronics, Inc. SMS8198 Datasheet HTML 5Page - Summit Microelectronics, Inc. SMS8198 Datasheet HTML 6Page - Summit Microelectronics, Inc. SMS8198 Datasheet HTML 7Page - Summit Microelectronics, Inc. SMS8198 Datasheet HTML 8Page - Summit Microelectronics, Inc. SMS8198 Datasheet HTML 9Page - Summit Microelectronics, Inc. SMS8198 Datasheet HTML 10Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6
SMS8198
2036 5.0 4/18/00
CHARACTERISTICS OF THE I2C BUS
General Description
The I2C bus was designed for two-way, two-line serial
communication between different integrated circuits. The
two lines are: a serial data line (SDA), and a serial clock
line (SCL). The SDA line must be connected to a positive
supply by a pull-up resistor, located somewhere on the
bus. Data transfer between devices may be initiated with
a START condition only when SCL and SDA are HIGH
(bus is not busy).
Input Data Protocol
One data bit is transferred during each clock pulse. The
data on the SDA line must remain stable during clock
HIGH time, because changes on the data line while SCL
is HIGH will be interpreted as start or stop condition (See
Figure 2).
START and STOP Conditions
When both the data and clock lines are HIGH, the bus is
said to be not busy. A HIGH-to-LOW transition on the data
line, while the clock is HIGH, is defined as the “START”
condition. A LOW-to-HIGH transition on the data line,
while the clock is HIGH, is defined as the “STOP” condi-
tion (See Figure 3).
DEVICE OPERATION
The SMS8198 is a 16,384-bit serial E2PROM. The device
supports the I2C bidirectional data transmission protocol.
The protocol defines any device that sends data onto the
bus as a “transmitter” and any device which receives data
as a “receiver.” The device controlling data transmission
is called the “master” and the controlled device is called
the “slave.” In all cases, the SMS8198 will be a “slave”
device, since it never initiates any data transfers.
Acknowledge (ACK)
Acknowledge is a software convention used to indicate
successful data transfers. The transmitting device, either
the master or the slave, will release the bus after transmit-
Figure 5. Slave Address Byte
ting eight bits. During the ninth clock cycle, the receiver will
pull the SDA line LOW to ACKnowledge that it received the
eight bits of data (See Figure 4).
The SMS8198 will respond with an ACKnowledge after
recognition of a START condition and its slave address
byte. If both the device and a write operation are selected,
the SMS8198 will respond with an ACKnowledge after the
receipt of each subsequent 8-bit word.
In the READ mode, the SMS8198 transmits eight bits of
data, then releases the SDA line, and monitors the line for
an ACKnowledge signal. If an ACKnowledge is detected,
and no STOP condition is generated by the master, the
SMS8198 will continue to transmit data. If an
ACKnowledge is not detected, the SMS8198 will terminate
further data transmissions and awaits a STOP condition
before returning to the standby power mode.
Device Addressing
Following a start condition the master must output the
address of the slave it is accessing. The most significant
four bits of the slave address are the device type identifier
(see figure 5). For the SMS8198 this is fixed as 1010bin.
Word Address
The next three bits of the slave address are an extension
of the array’s address and are concatenated with the eight
bits of address in the word address field, providing direct
access to the 2,048 X 8 array.
Read/Write Bit
The last bit of the data stream defines the operation to be
performed. When set to “1,” a read operation is selected;
when set to “0,” a write operation is selected.
1
0
1
0
A10
A9
A8
R/W
DEVICE
IDENTIFIER
HIGH ORDER
WORD ADDRESS
2036 ILL7.0


Similar Part No. - SMS8198

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SMS840 SECOS-SMS840 Datasheet
1Mb / 4P
   0.13A , 50V , RDS(ON) 10 P-Channel Enhancement MOSFET
logo
VBsemi Electronics Co.,...
SMS840 VBSEMI-SMS840 Datasheet
491Kb / 9P
   P-Channel 30 V (D-S) MOSFET
logo
SeCoS Halbleitertechnol...
SMS840 SECOS-SMS840_15 Datasheet
1Mb / 4P
   P-Channel Enhancement MOSFET
SMS8810 SECOS-SMS8810 Datasheet
411Kb / 3P
   N-Channel Enhancement Mode Power MOSFET
SMS8820 SECOS-SMS8820 Datasheet
152Kb / 3P
   N-Ch Enhancement Mode Power MOSFET
More results

Similar Description - SMS8198

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FM3104 ETC1-FM3104 Datasheet
252Kb / 22P
   Integrated Processor Companion with Memory
FM3204 ETC1-FM3204 Datasheet
273Kb / 20P
   Integrated Processor Companion with Memory
logo
Ramtron International C...
FM31256 RAMTRON-FM31256_11 Datasheet
455Kb / 26P
   Integrated Processor Companion with Memory
FM3104 RAMTRON-FM3104 Datasheet
546Kb / 25P
   Integrated Processor Companion with Memory
logo
Cypress Semiconductor
FM31256-GTR CYPRESS-FM31256-GTR Datasheet
773Kb / 27P
   Integrated Processor Companion with Memory
FM31256-G CYPRESS-FM31256-G Datasheet
773Kb / 27P
   Integrated Processor Companion with Memory
logo
Ramtron International C...
FM31L278 RAMTRON-FM31L278 Datasheet
330Kb / 25P
   3V Integrated Processor Companion with Memory
FM32L278 RAMTRON-FM32L278 Datasheet
275Kb / 21P
   3V Integrated Processor Companion with Memory
logo
Cypress Semiconductor
FM31278 CYPRESS-FM31278 Datasheet
862Kb / 26P
   5V Integrated Processor Companion with Memory
logo
Ramtron International C...
FM33256 RAMTRON-FM33256 Datasheet
316Kb / 28P
   3V Integrated Processor Companion with Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com