Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMM150ECR03 Datasheet(PDF) 7 Page - Summit Microelectronics, Inc.

Part # SMM150ECR03
Description  Single-Channel Supply Voltage Marginer/Monitor
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMM150ECR03 Datasheet(HTML) 7 Page - Summit Microelectronics, Inc.

Back Button SMM150ECR03 Datasheet HTML 3Page - Summit Microelectronics, Inc. SMM150ECR03 Datasheet HTML 4Page - Summit Microelectronics, Inc. SMM150ECR03 Datasheet HTML 5Page - Summit Microelectronics, Inc. SMM150ECR03 Datasheet HTML 6Page - Summit Microelectronics, Inc. SMM150ECR03 Datasheet HTML 7Page - Summit Microelectronics, Inc. SMM150ECR03 Datasheet HTML 8Page - Summit Microelectronics, Inc. SMM150ECR03 Datasheet HTML 9Page - Summit Microelectronics, Inc. SMM150ECR03 Datasheet HTML 10Page - Summit Microelectronics, Inc. SMM150ECR03 Datasheet HTML 11Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
SMM150
Preliminary Information
Summit Microelectronics, Inc
2075 2.6 05/13/05
7
I2C 2-WIRE SERIAL INTERFACE AC OPERATING CHARACTERISTICS – 100kHz
Over recommended operating conditions, unless otherwise noted. All voltages are relative to GND. See Figure 3 Timing Diagram.
Symbol
Description
Conditions
Min
Typ
Max
Units
fSCL
SCL Clock Frequency
0
100
KHz
tLOW
Clock Low Period
4.7
µs
tHIGH
Clock High Period
4.0
µs
tBUF
Bus Free Time
Before New Transmission
- Note 1/
4.7
µs
tSU:STA
Start Condition Setup Time
4.7
µs
tHD:STA
Start Condition Hold Time
4.0
µs
tSU:STO
Stop Condition Setup Time
4.7
µs
tAA
Clock Edge to Data Valid
SCL low to valid SDA (cycle n)
0.2
3.5
µs
tDH
Data Output Hold Time
SCL low (cycle n+1) to SDA
change
0.2
µs
tR
SCL and SDA Rise Time
Note 1/
1000
ns
tF
SCL and SDA Fall Time
Note 1/
300
ns
tSU:DAT
Data In Setup Time
250
ns
tHD:DAT
Data In Hold Time
0
ns
TI
Noise Filter SCL and SDA
Noise suppression
100
ns
tWR
Write Cycle Time
5
ms
Note: 1/ - Guaranteed by Design.
t
R
t
F
t
HIGH
t
LOW
t
SU:SDA
t
HD:SDA
t
SU:DAT
t
HD:DAT
t
SU:STO
t
BUF
t
DH
t
AA
SCL
SDA
(IN)
SDA
(OUT)
t
W R (For W rite Operation Only)
Figure 3. Basic I
2C Serial Interface Timing
TIMING DIAGRAMS


Similar Part No. - SMM150ECR03

ManufacturerPart #DatasheetDescription
logo
Summit Microelectronics...
SMM151 SUMMIT-SMM151 Datasheet
397Kb / 23P
   Single-channel Voltage/Current Monitors and Voltage Marginers
SMM151 SUMMIT-SMM151_10 Datasheet
288Kb / 24P
   Single-channel Voltage/Current Monitors and Voltage Marginers
SMM152 SUMMIT-SMM152 Datasheet
397Kb / 23P
   Single-channel Voltage/Current Monitors and Voltage Marginers
SMM152 SUMMIT-SMM152 Datasheet
288Kb / 24P
   Single-channel Voltage/Current Monitors and Voltage Marginers
SMM153 SUMMIT-SMM153 Datasheet
330Kb / 17P
   10-bit Digital Differential Voltage and Current Monitor
More results

Similar Description - SMM150ECR03

ManufacturerPart #DatasheetDescription
logo
Summit Microelectronics...
SMM105 SUMMIT-SMM105 Datasheet
379Kb / 21P
   Single-Channel Supply Voltage Marginer and Active DC Output Controller
SMM205 SUMMIT-SMM205 Datasheet
901Kb / 20P
   Dual Channel Supply Voltage Marginer and Active DC Output Controller
logo
Zetex Semiconductors
ZM33164-3 ZETEX-ZM33164-3 Datasheet
109Kb / 5P
   SUPPLY VOLTAGE MONITOR
ZSM530 ZETEX-ZSM530_06 Datasheet
143Kb / 5P
   SUPPLY VOLTAGE MONITOR
logo
Diodes Incorporated
ZSM330GTA DIODES-ZSM330GTA Datasheet
416Kb / 5P
   SUPPLY VOLTAGE MONITOR
logo
Zetex Semiconductors
ZSM330 ZETEX-ZSM330 Datasheet
139Kb / 5P
   SUPPLY VOLTAGE MONITOR
ZM33164 ZETEX-ZM33164_06 Datasheet
144Kb / 5P
   SUPPLY VOLTAGE MONITOR
ZM33164 ZETEX-ZM33164 Datasheet
131Kb / 5P
   SUPPLY VOLTAGE MONITOR
ZSM530 ZETEX-ZSM530 Datasheet
140Kb / 5P
   SUPPLY VOLTAGE MONITOR
ZSM560 ZETEX-ZSM560 Datasheet
136Kb / 5P
   SUPPLY VOLTAGE MONITOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com