Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMM665BFR2 Datasheet(PDF) 4 Page - Summit Microelectronics, Inc.

Part # SMM665BFR2
Description  Six-Channel Active DC Output Controller, Monitor, Marginer and Sequencer
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMM665BFR2 Datasheet(HTML) 4 Page - Summit Microelectronics, Inc.

  SMM665BFR2 Datasheet HTML 1Page - Summit Microelectronics, Inc. SMM665BFR2 Datasheet HTML 2Page - Summit Microelectronics, Inc. SMM665BFR2 Datasheet HTML 3Page - Summit Microelectronics, Inc. SMM665BFR2 Datasheet HTML 4Page - Summit Microelectronics, Inc. SMM665BFR2 Datasheet HTML 5Page - Summit Microelectronics, Inc. SMM665BFR2 Datasheet HTML 6Page - Summit Microelectronics, Inc. SMM665BFR2 Datasheet HTML 7Page - Summit Microelectronics, Inc. SMM665BFR2 Datasheet HTML 8Page - Summit Microelectronics, Inc. SMM665BFR2 Datasheet HTML 9Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
SMM665B
Preliminary Information
Summit Microelectronics, Inc
2089 1.1 10/20/04
4
Pin
Number
Pin
Type
Pin Name
Pin Description
1
DATA
SDA
I
2C Bi-directional data line
2
CLK
SCL
I
2C Clock line
3
IN
A2
The address pin is biased either to VDD_CAP or GND.
When
communicating with the SMM665B over the 2-wire bus A2 provides a
mechanism for assigning a unique bus address.
4
IN
MR
Programmable active high/low input. When asserted the RST output will be
go active. When de-asserted the RST output will go inactive immediately
after a reset timeout period (tPRTO) if there are no RST trigger sources active.
This timeout period makes it suitable to use a pushbutton for manual reset.
5
IN
PWR_ON/OFF
Programmable active high/low input signals the start of the power
sequencing. When asserted the part will sequence the supplies on and
when de-asserted the part will sequence the supplies off.
Note: The SMM665B does not monitor for faults during sequencing. The
PWR_ON/OFF pin is overridden by the I
2C power on/off command. To get
the pin to work again requires the part be given an I
2C 'Clear' command (see
page 16, “RESTART OF POWER-ON CASCADE SEQUENCING”).
6
IN
FS
Programmable active high/low input. Force shutdown is used to immediately
turn off all converter enable signals (PUP outputs) when a fault is detected.
7
OUT
FAULT
Programmable active high/low open drain Fault output.
Active when a
programmed fault condition exists on AIN1, AIN2, or the internal temperature
sensor.
8
OUT
HEALTHY
Programmable active high/low open drain Healthy output. Active when all
programmed power supply inputs and monitored inputs are within OV and
UV limits.
9
OUT
RST
Programmable active high/low open drain Reset output. Active when a
programmed fault condition exists on any power supply inputs or monitored
inputs or when MR is active. RST has a programmable timeout period with
options for 0.64ms, 25ms, 100ms and 200ms.
10
IN
AIN1
General purpose monitored analog input
11
IN
AIN2
General purpose monitored analog input
12
GND
GND
Ground
13
IN
VREF_ADC
Voltage reference input used for A/D conversion where:
(4XVREF_ADC) = Full Scale (FS) for VMA-F and VDD
(12XVREF_ADC) = FS for 12VIN
(2XVREF_ADC) = FS for AIN1 and AIN2.
VREF_ADC can be connected to VREF_CNTL in most applications.
PIN DESCRIPTIONS


Similar Part No. - SMM665BFR2

ManufacturerPart #DatasheetDescription
logo
Summit Microelectronics...
SMM665B SUMMIT-SMM665B_11 Datasheet
938Kb / 30P
   Six-Channel Active DC Output Controller, Monitor, Marginer and Sequencer
More results

Similar Description - SMM665BFR2

ManufacturerPart #DatasheetDescription
logo
Summit Microelectronics...
SMM665C SUMMIT-SMM665C Datasheet
639Kb / 36P
   Six-Channel Active DC Output Controller, Monitor, Marginer and Sequencer
SMM665B SUMMIT-SMM665B_11 Datasheet
938Kb / 30P
   Six-Channel Active DC Output Controller, Monitor, Marginer and Sequencer
SMM665C SUMMIT-SMM665C_11 Datasheet
587Kb / 36P
   Six-Channel Active DC Output Controller, Monitor, Marginer and Sequencer
SMM766B SUMMIT-SMM766B Datasheet
498Kb / 39P
   Six-Channel Active DC Output Controller, Monitor, Marginer and Sequencer with Sequence-Link
SMM766 SUMMIT-SMM766_11 Datasheet
420Kb / 32P
   Six-Channel Active DC Output Controller, Monitor, Marginer and Sequencer with Sequence-Link?
SMM766B SUMMIT-SMM766B_11 Datasheet
449Kb / 39P
   Six-Channel Active DC Output Controller, Monitor, Marginer and Sequencer with Sequence-Link?
SMM766 SUMMIT-SMM766 Datasheet
960Kb / 32P
   Six-Channel Active DC Output Controller, Monitor, Marginer and Sequencer with Sequence-Link?
SMM465 SUMMIT-SMM465 Datasheet
950Kb / 30P
   4-Channel Active DC Output Controller, Monitor, Marginer and Sequencer
SMM764 SUMMIT-SMM764 Datasheet
385Kb / 33P
   Four-Channel Active DC Output Controller, Monitor, Marginer and Sequencer with Sequence-Link?
SMM605 SUMMIT-SMM605 Datasheet
899Kb / 23P
   Six-Channel Supply Voltage Marginer and Active DC Output Controller (ADOCTM)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com