Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMH4803A Datasheet(PDF) 9 Page - Summit Microelectronics, Inc.

Part # SMH4803A
Description  Distributed Power Hot Swap Controller
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMH4803A Datasheet(HTML) 9 Page - Summit Microelectronics, Inc.

Back Button SMH4803A Datasheet HTML 5Page - Summit Microelectronics, Inc. SMH4803A Datasheet HTML 6Page - Summit Microelectronics, Inc. SMH4803A Datasheet HTML 7Page - Summit Microelectronics, Inc. SMH4803A Datasheet HTML 8Page - Summit Microelectronics, Inc. SMH4803A Datasheet HTML 9Page - Summit Microelectronics, Inc. SMH4803A Datasheet HTML 10Page - Summit Microelectronics, Inc. SMH4803A Datasheet HTML 11Page - Summit Microelectronics, Inc. SMH4803A Datasheet HTML 12Page - Summit Microelectronics, Inc. SMH4803A Datasheet HTML 13Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
9
2051 4.4 3/15/01
SMH4803A
Preliminary
SUMMIT MICROELECTRONICS, Inc.
Resetting FAULT#
When the circuit breaker trips the VGATE output is turned
off and FAULT# is driven low. There are two methods to
reset the circuit breaker which are selectable with the
MODE pin. When MODE is held high or left floating the
circuit breaker is in the duty-cycle mode, and the breaker
resets automatically after a time of t
CYC. When the MODE
pin is held low the circuit breaker can be reset by bringing
RESET# low. T
PDD after bringing RESET# back high again
the VGATE output will attempt to restart the MOSFET slew
control circuitry. In either case, cycling power to the board
will also reset the circuit breaker. If the over current
condition still exists after the MOSFET switches back on
the circuit breaker will re-trip.
Figure 2. Circuit Breaker Cycle Mode, RESET# High
CBSENSE
VGATE
TCBD
TCBD
TCYC
2051 Fig02 1.0
50mV
Figure 3. Circuit Breaker Timing — Reset Mode
Figure 4. Circuit Breaker Timing — Quick Trip
Figure 5. Under-/Over-Voltage Filter Timing
Figure 6. Effect of Temperature on Current Con-
sumption Over Voltage Range
2051 Fig03 1.0
CBSENSE
RESET#
VGATE
TCBD
TPDD
50mV
TRST
2051 Fig04 1.0
CBSENSE
VGATE
<TCBD
TFSTSHTDN
50mV
VQCB
2051 Fig05 2.0
OV / UV
FAULT#
tUOFLTR
2.5V
IDD (mA)
2051 Fig06
13
12
11
10
9
0
10
12
4
68
2
Temp, ºC
–40
0
25
85
125


Similar Part No. - SMH4803A

ManufacturerPart #DatasheetDescription
logo
Summit Microelectronics...
SMH4803AEK SUMMIT-SMH4803AEK Datasheet
178Kb / 22P
   Distributed Power Hot-Swap Controller
SMH4803AEKP SUMMIT-SMH4803AEKP Datasheet
178Kb / 22P
   Distributed Power Hot-Swap Controller
SMH4803AEL SUMMIT-SMH4803AEL Datasheet
178Kb / 22P
   Distributed Power Hot-Swap Controller
SMH4803AELP SUMMIT-SMH4803AELP Datasheet
178Kb / 22P
   Distributed Power Hot-Swap Controller
SMH4803AEM SUMMIT-SMH4803AEM Datasheet
178Kb / 22P
   Distributed Power Hot-Swap Controller
More results

Similar Description - SMH4803A

ManufacturerPart #DatasheetDescription
logo
Summit Microelectronics...
SMH4803 SUMMIT-SMH4803 Datasheet
178Kb / 22P
   Distributed Power Hot-Swap Controller
SMH4812 SUMMIT-SMH4812_09 Datasheet
428Kb / 18P
   Distributed Power Hot-Swap Controller
SMH4811 SUMMIT-SMH4811 Datasheet
358Kb / 16P
   DISTRIBUTED POWER HOT SWAP CONTROLLER
logo
List of Unclassifed Man...
SMT4004 ETC-SMT4004 Datasheet
480Kb / 23P
   Distributed Power Hot-Swap Controller
logo
Summit Microelectronics...
SMH4812 SUMMIT-SMH4812 Datasheet
435Kb / 19P
   Distributed Power Hot-Swap Controller
SMH4042A SUMMIT-SMH4042A Datasheet
1Mb / 28P
   Distributed Power Hot-Swap Controller for CompactPCI
SMH4811A SUMMIT-SMH4811A_09 Datasheet
936Kb / 15P
   Programmable Distributed Power Hot-Swap Controller for High-Availability Systems
logo
Linear Technology
LTC1642 LINER-LTC1642 Datasheet
147Kb / 12P
   Hot Swap Controller
LTC4218 LINER-LTC4218_15 Datasheet
318Kb / 18P
   Hot Swap Controller
LTC1421-2.5 LINER-LTC1421-2.5_15 Datasheet
334Kb / 24P
   Hot Swap Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com