Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS320F2809 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F2809
Description  Digital Signal Processors
Download  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F2809 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TMS320F2809 Datasheet HTML 17Page - Texas Instruments TMS320F2809 Datasheet HTML 18Page - Texas Instruments TMS320F2809 Datasheet HTML 19Page - Texas Instruments TMS320F2809 Datasheet HTML 20Page - Texas Instruments TMS320F2809 Datasheet HTML 21Page - Texas Instruments TMS320F2809 Datasheet HTML 22Page - Texas Instruments TMS320F2809 Datasheet HTML 23Page - Texas Instruments TMS320F2809 Datasheet HTML 24Page - Texas Instruments TMS320F2809 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 134 page
background image
www.ti.com
TMS320F2809, TMS320F2808, TMS320F2806
TMS320F2802, TMS320F2801, UCD9501
TMS320C2802, TMS320C2801 Digital Signal Processors
SPRS230G – OCTOBER 2003 – REVISED FEBRUARY 2006
Table 2-2. Signal Descriptions (continued)
PIN NO.
GGM/
NAME
DESCRIPTION (1)
PZ
ZGM
PIN #
BALL #
VDD
10
E2
VDD
42
G6
VDD
59
F10
CPU and Logic Digital Power Pins (1.8 V)
VDD
68
D7
VDD
85
B6
VDD
93
D4
VDDIO
3
C2
VDDIO
46
H7
Digital I/O Power Pin (3.3 V)
VDDIO
65
E9
VDDIO
82
A7
VSS
2
B1
VSS
11
E3
VSS
41
H6
VSS
49
K9
VSS
55
H10
VSS
62
F7
Digital Ground Pins
VSS
69
D10
VSS
77
A9
VSS
87
D6
VSS
89
A5
VSS
94
A4
GPIOA AND PERIPHERAL SIGNALS(2)
GPIO0
General purpose input/output 0 (I/O/Z) (3)
EPWM1A
Enhanced PWM1 Output A and HRPWM channel (O)
47
K8
-
-
-
-
GPIO1
General purpose input/output 1 (I/O/Z)(3)
EPWM1B
Enhanced PWM1 Output B (O)
44
K7
SPISIMOD
SPI-D slave in, master out (I/O) (not available on 2801/9501, 2802)
-
-
GPIO2
General purpose input/output 2 (I/O/Z)(3)
EPWM2A
Enhanced PWM2 Output A and HRPWM channel (O)
45
J7
-
-
-
-
GPIO3
General purpose input/output 3 (I/O/Z)(3)
EPWM2B
Enhanced PWM2 Output B (O)
48
J8
SPISOMID
SPI-D slave out, master in (I/O) (not available on 2801/9501, 2802)
-
-
GPIO4
General purpose input/output 4 (I/O/Z)(3)
EPWM3A
Enhanced PWM3 output A and HRPWM channel (O)
51
J9
-
-
-
-
GPIO5
General purpose input/output 5 (I/O/Z)(3)
EPWM3B
Enhanced PWM3 output B (O)
53
H9
SPICLKD
SPI-D clock (I/O) (not available on 2801/9501, 2802)
ECAP1
Enhanced capture input/output 1 (I/O)
(2)
All GPIO pins are I/O/Z, 4-mA drive typical (unless otherwise indicated), and have an internal pullup, which can be selectively
enabled/disabled on a per-pin basis. This feature only applies to the GPIO pins. The GPIO function (shown in Italics) is the default at
reset. The peripheral signals that are listed under them are alternate functions.
(3)
The pullups on GPIO0-GPIO11 pins are not enabled at reset.
Introduction
21


Similar Part No. - TMS320F2809

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320F2809 TI-TMS320F2809 Datasheet
1Mb / 140P
[Old version datasheet]   Digital Signal Processors
TMS320F2809 TI-TMS320F2809 Datasheet
1Mb / 145P
[Old version datasheet]   Digital Signal Processors
TMS320F2809 TI-TMS320F2809 Datasheet
1Mb / 147P
[Old version datasheet]   Digital Signal Processors
TMS320F2809 TI1-TMS320F2809 Datasheet
1Mb / 147P
[Old version datasheet]   Digital Signal Processors
TMS320F2809 TI1-TMS320F2809 Datasheet
1Mb / 146P
[Old version datasheet]   Digital Signal Processors
More results

Similar Description - TMS320F2809

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SMJ320C31 TI-SMJ320C31 Datasheet
968Kb / 57P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320F2812 TI-TMS320F2812 Datasheet
1Mb / 103P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320C31 TI-TMS320C31 Datasheet
636Kb / 48P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320F2810 TI-TMS320F2810_08 Datasheet
2Mb / 173P
[Old version datasheet]   Digital Signal Processors
TMS320F2809 TI-TMS320F2809_11 Datasheet
1Mb / 145P
[Old version datasheet]   Digital Signal Processors
SM320F2808-EP TI-SM320F2808-EP Datasheet
1Mb / 118P
[Old version datasheet]   Digital Signal Processors
TMS320F2810 TI-TMS320F2810_11 Datasheet
1Mb / 170P
[Old version datasheet]   Digital Signal Processors
TMS320C5X TI1-TMS320C5X_16 Datasheet
1Mb / 94P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320C203 TI-TMS320C203 Datasheet
1Mb / 83P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320LBC57PGE80 TI1-TMS320LBC57PGE80 Datasheet
1Mb / 94P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMDXDOCK28069 TI-TMDXDOCK28069 Datasheet
1Mb / 147P
[Old version datasheet]   Digital Signal Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com