Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS320F2809 Datasheet(PDF) 90 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F2809
Description  Digital Signal Processors
Download  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F2809 Datasheet(HTML) 90 Page - Texas Instruments

Back Button TMS320F2809 Datasheet HTML 86Page - Texas Instruments TMS320F2809 Datasheet HTML 87Page - Texas Instruments TMS320F2809 Datasheet HTML 88Page - Texas Instruments TMS320F2809 Datasheet HTML 89Page - Texas Instruments TMS320F2809 Datasheet HTML 90Page - Texas Instruments TMS320F2809 Datasheet HTML 91Page - Texas Instruments TMS320F2809 Datasheet HTML 92Page - Texas Instruments TMS320F2809 Datasheet HTML 93Page - Texas Instruments TMS320F2809 Datasheet HTML 94Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 134 page
background image
www.ti.com
6.4
Current Consumption
TMS320F2809, TMS320F2808, TMS320F2806
TMS320F2802, TMS320F2801, UCD9501
TMS320C2802, TMS320C2801 Digital Signal Processors
SPRS230G – OCTOBER 2003 – REVISED FEBRUARY 2006
Table 6-1. TMS320F2808 Current Consumption by Power-Supply Pins at 100-MHz SYSCLKOUT
IDD
IDDIO(1)
IDD3VFL
IDDA18(2)
IDDA33(3)
MODE
TEST CONDITIONS
TYP(4)
MAX
TYP(4)
MAX
TYP
MAX
TYP(4)
MAX
TYP(4)
MAX
The following peripheral
clocks are enabled:
ePWM1/2/3/4/5/6
eCAP1/2/3/4
eQEP1/2
eCAN-A
SCI-A/B
SPI-A
ADC
I2C
Operational
195 mA
230 mA
15 mA
27 mA
35 mA
40 mA
30 mA
38 mA
1.5 mA
2 mA
All PWM pins are toggled
(Flash)
at 100 kHz.
All I/O pins are left
unconnected.
Data is continuously
transmitted out of the
SCI-A, SCI-B, and
eCAN-A ports. The
hardware multiplier is
exercised.
Code is running out of
flash with 3 wait states.
XCLKOUT is turned off.
Flash is powered down.
XCLKOUT is turned off.
The following peripheral
clocks are enabled:
IDLE
75 mA
90 mA
500
µA
2 mA
2
µA
10
µA
5
µA
50
µA
15
µA
30
µA
eCAN-A
SCI-A
SPI-A
I2C
Flash is powered down.
STANDBY
6 mA
12 mA
100
µA
500
µA
2
µA
10
µA
5
µA
50
µA
15
µA
30
µA
Peripheral clocks are off.
Flash is powered down.
HALT
Peripheral clocks are off.
70
µA
60
µA
120
µA
2
µA
10
µA
5
µA
50
µA
15
µA
30
µA
Input clock is disabled.
(1)
IDDIO current is dependent on the electrical loading on the I/O pins.
(2)
IDDA18 includes current into VDD1A18 and VDD2A18 pins. In order to realize the IDDA18 currents shown for IDLE, STANDBY, and HALT,
clock to the ADC module must be turned off explicitly by writing to the PCLKCR0 register.
(3)
IDDA33 includes current into VDDA2 and VDDAIO pins.
(4)
The TYP numbers are applicable over room temperature and nominal voltage.
CAUTION
The peripheral - I/O multiplexing implemented in the 280x devices prevents all
available peripherals from being used at the same time. This is because more than
one peripheral function may share an I/O pin. It is, however, possible to turn on the
clocks to all the peripherals at the same time, although such a configuration is not
useful. If this is done, the current drawn by the device will be more than the numbers
specified in the current consumption tables.
Electrical Specifications
90


Similar Part No. - TMS320F2809

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320F2809 TI-TMS320F2809 Datasheet
1Mb / 140P
[Old version datasheet]   Digital Signal Processors
TMS320F2809 TI-TMS320F2809 Datasheet
1Mb / 145P
[Old version datasheet]   Digital Signal Processors
TMS320F2809 TI-TMS320F2809 Datasheet
1Mb / 147P
[Old version datasheet]   Digital Signal Processors
TMS320F2809 TI1-TMS320F2809 Datasheet
1Mb / 147P
[Old version datasheet]   Digital Signal Processors
TMS320F2809 TI1-TMS320F2809 Datasheet
1Mb / 146P
[Old version datasheet]   Digital Signal Processors
More results

Similar Description - TMS320F2809

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SMJ320C31 TI-SMJ320C31 Datasheet
968Kb / 57P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320F2812 TI-TMS320F2812 Datasheet
1Mb / 103P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320C31 TI-TMS320C31 Datasheet
636Kb / 48P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320F2810 TI-TMS320F2810_08 Datasheet
2Mb / 173P
[Old version datasheet]   Digital Signal Processors
TMS320F2809 TI-TMS320F2809_11 Datasheet
1Mb / 145P
[Old version datasheet]   Digital Signal Processors
SM320F2808-EP TI-SM320F2808-EP Datasheet
1Mb / 118P
[Old version datasheet]   Digital Signal Processors
TMS320F2810 TI-TMS320F2810_11 Datasheet
1Mb / 170P
[Old version datasheet]   Digital Signal Processors
TMS320C5X TI1-TMS320C5X_16 Datasheet
1Mb / 94P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320C203 TI-TMS320C203 Datasheet
1Mb / 83P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320LBC57PGE80 TI1-TMS320LBC57PGE80 Datasheet
1Mb / 94P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMDXDOCK28069 TI-TMDXDOCK28069 Datasheet
1Mb / 147P
[Old version datasheet]   Digital Signal Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com