Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

STM5118 Datasheet(PDF) 2 Page - STMicroelectronics

Part No. STM5118
Description  Low-cost interactive FTA set-top box decoder
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  STMICROELECTRONICS [STMicroelectronics]
Homepage  http://www.st.com
Logo 

STM5118 Datasheet(HTML) 2 Page - STMicroelectronics

   
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
STM5118
2/3
FEATURES
n
Enhanced ST20 32-bit VL-RISC CPU
– 200 MHz, single cycle cache, 4 Kbyte
instruction cache, 4 Kbyte data cache,
2 Kbyte SRAM
n
Unified memory interface
– Up to166 MHz, 16-bit wide SDRAM interface
n
Programmable flash memory interface
– SRAM, peripheral, Flash, SFlash™ support
– support for low cost DVB-CI and ATAPI
n
Programmable transport interface (PTI)
– single transport stream input
– support for DVB transport streams
n
MPEG-2 MP@ML video decoder
– fully programmable horizontal and vertical
SRCs
n
Graphics/display
– advanced blitter base compositor
– 8 bpp CLUT graphics, 256 x 30 bits (AYCbCr)
CLUT entries
– 16 bpp true color graphics, RGB565,
ARGB1555, ARGB4444 formats, with link-list
control
– Alpha blending, antialiasing, antiflutter,
antiflicker filters
– 2D paced blitter engine with fill function
n
PAL/NTSC/SECAM encoder
– RGB, CVBS, Y/C and YUV outputs with four
10-bit DAC outputs. RGB/CVBS or YUV/
CVBS or YC/CVBS
– Encoding of CGMS, Teletext, WSS, VPS,
close caption.
n
Audio subsystem
– MPEG-1 layers I/II
– simultaneous MPEG audio decode and
output of Dolby® streams on S/PDIF
– IEC958/IEC1937 digital audio output
interface
– integrated stereo audio DAC system
n
Central DMA controller
n
On-chip peripherals
– two ASCs (UARTs) with Tx and Rx FIFOs
– three 8-bit banks of parallel I/O and one
7-bit bank
– two SSCs for I²C/SPI master/slave interfaces
– infrared transmitter/receiver
– integrated VCXO
– low-power RTC watchdog controller
n
JTAG/TAP interface
n
Package 24 mm x 24 mm LQFP216
PART NUMBERING
Table 1. Order Codes
Part Number
Description
STM5118ALB
MPEG2 low-cost decoder


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn