Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP3712ASNT1 Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCP3712ASNT1
Description  Over Voltage Protected High Side Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP3712ASNT1 Datasheet(HTML) 1 Page - ON Semiconductor

  NCP3712ASNT1 Datasheet HTML 1Page - ON Semiconductor NCP3712ASNT1 Datasheet HTML 2Page - ON Semiconductor NCP3712ASNT1 Datasheet HTML 3Page - ON Semiconductor NCP3712ASNT1 Datasheet HTML 4Page - ON Semiconductor NCP3712ASNT1 Datasheet HTML 5Page - ON Semiconductor NCP3712ASNT1 Datasheet HTML 6Page - ON Semiconductor NCP3712ASNT1 Datasheet HTML 7Page - ON Semiconductor NCP3712ASNT1 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2001
September, 2001 – Rev. 2
1
Publication Order Number:
NCP3712ASNT1/D
NCP3712ASNT1
Over Voltage Protected
High Side Switch
This switch is primarily intended to protect loads from transients by
isolating the load from the transient energy rather than absorbing it.
Features
Capable of Switching Loads of up to 200 mA without External
Rboost
Switch Shuts Off in Response to an Over Voltage Input Transient
Features Active Turn Off for Fast Input Transient Protection
Flexible Over Voltage Protection Threshold Set with External Zener
Automatic Recovery after Transient Decays Below Threshold
Withstands Input Transients up to 105 V Peak
Guaranteed Off State with Enbl Input
ESD Resistant in Accordance with the 2000 V Human Body Model
Extremely Low Saturation Voltage
Applications Include:
High Voltage Transient Isolation
Power Switching to Electronic Modules
DC Power Distribution in Line Operated Equipment
Buffering Sensitive Circuits from Poorly Regulated Power Supplies
Pre–conditioning of Voltage Regulator Input Voltage
Figure 1. Typical Application Circuit
NCP3712ASNT1
Ropt
P. S.
+
L
O
A
D
Rboost
SW
Enbl
Vin
Vout
VZ
1 k (min)
or
http://onsemi.com
TSOP–6
(SOT23–6, SC59–6)
CASE 318G
INTERNAL CIRCUIT DIAGRAM/
PIN CONFIGURATION
Enbl
(1)
VZ
(4)
(3)
(6)
(2)
(5)
Vin
Vout
N.C.
Rboost
R2
R1
R3
R4
Q1
Q2
1
6
BAGYW
BAG = Specific Device Code
Y
= Year
W
= Work Week
MARKING
DIAGRAM
Device
Package
Shipping
ORDERING INFORMATION
NCP3712ASNT1
TSOP–6
(SOT23–6, SC59–6)
3000 Units
on 7” Reel


Similar Part No. - NCP3712ASNT1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP3712ASNT1 ONSEMI-NCP3712ASNT1 Datasheet
62Kb / 4P
   Over Voltage Protected High Side Switch
April, 2006 ??Rev. 4
NCP3712ASNT1 ONSEMI-NCP3712ASNT1 Datasheet
63Kb / 4P
   Over Voltage Protected High Side Switch
June, 2014 ??Rev. 8
NCP3712ASNT1G ONSEMI-NCP3712ASNT1G Datasheet
62Kb / 4P
   Over Voltage Protected High Side Switch
April, 2006 ??Rev. 4
NCP3712ASNT1G ONSEMI-NCP3712ASNT1G Datasheet
63Kb / 4P
   Over Voltage Protected High Side Switch
June, 2014 ??Rev. 8
NCP3712ASNT1 ONSEMI-NCP3712ASNT1_06 Datasheet
62Kb / 4P
   Over Voltage Protected High Side Switch
April, 2006 ??Rev. 4
More results

Similar Description - NCP3712ASNT1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP3712ASNT1 ONSEMI-NCP3712ASNT1_14 Datasheet
63Kb / 4P
   Over Voltage Protected High Side Switch
June, 2014 ??Rev. 8
NCP3712ASNT1 ONSEMI-NCP3712ASNT1_06 Datasheet
62Kb / 4P
   Over Voltage Protected High Side Switch
April, 2006 ??Rev. 4
logo
STMicroelectronics
ACST8-8C STMICROELECTRONICS-ACST8-8C Datasheet
86Kb / 8P
   OVER VOLTAGE PROTECTED AC POWER SWITCH
ACST6-7S STMICROELECTRONICS-ACST6-7S Datasheet
122Kb / 10P
   OVER VOLTAGE PROTECTED AC POWER SWITCH
ACST8 STMICROELECTRONICS-ACST8 Datasheet
126Kb / 10P
   OVER VOLTAGE PROTECTED AC POWER SWITCH
logo
International Rectifier
AUIR33402S IRF-AUIR33402S_15 Datasheet
512Kb / 17P
   PROTECTED HIGH SIDE SWITCH
IPS7071GPBF IRF-IPS7071GPBF Datasheet
370Kb / 8P
   PROTECTED HIGH SIDE SWITCH
logo
Kinetic Technologies.
KTS1680 KINETIC-KTS1680 Datasheet
846Kb / 10P
   Surge and Over-voltage Protected Load Switch
November 2016 - Revision 04a
logo
International Rectifier
AUIR3330S IRF-AUIR3330S_15 Datasheet
1Mb / 30P
   PROTECTED HIGH FREQUENCY HIGH SIDE SWITCH
logo
Kinetic Technologies.
KTS1685 KINETIC-KTS1685 Datasheet
581Kb / 10P
   Surge Protected Load Switch with Over-Voltage Protection
August 2020 - Revision 04c
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com